Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3151BIWP-T1 Datasheet(PDF) 9 Page - Advanced Analogic Technologies

Part # AAT3151BIWP-T1
Description  High Efficiency 1X/1.5X Charge Pump For White LED Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3151BIWP-T1 Datasheet(HTML) 9 Page - Advanced Analogic Technologies

Back Button AAT3151BIWP-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3151BIWP-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3151BIWP-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3151BIWP-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3151BIWP-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3151BIWP-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3151BIWP-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3151BIWP-T1 Datasheet HTML 12Page - Advanced Analogic Technologies AAT3151BIWP-T1 Datasheet HTML 13Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
AAT3151B
High Efficiency 1X/1.5X Charge Pump
For White LED Applications
3151B.2007.09.1.0
9
drive can be changed successively to brighten or
dim LEDs in smooth transitions (e.g., to fade out) or
in abrupt steps, giving the user complete program-
mability and real-time control of LED brightness.
For each Max Current scale, there are 16 current
level settings separated from one another by
approximately 1dB. Code 1 is full-scale current and
Code 15 is full-scale current attenuated by roughly
14dB. Code 16 is reserved as a "no current" setting
(see Table 1).
The AAT3151B has an additional Low Current
mode with reduced quiescent current. This mode is
especially useful for low-current applications where
a continuous, low-current state is maintained. The
reduction in quiescent current significantly reduces
the impact due to maintaining a continuous back-
lighting state.
Table 1: Constant Current Programming
Levels (mA)
2.
AS
2Cwire Serial Interface
The AS
2Cwire single wire interface is used to set
the possible combinations of current levels and
LED channel states.
AS
2Cwire relies on the number of rising edges of
the EN/SET pin to address and load the registers.
AS
2Cwire latches data or address after the EN/SET
pin has been held high for time T
LAT.
Address or
data is differentiated by the number of EN/SET ris-
ing edges. Since the data registers are 4 bits each,
the differentiating number of pulses is 2
4 or 16, so
that Address 1 is signified by 17 rising edges,
Address 2 by 18 rising edges, and so forth. Data is
set to any number of rising edges between 1 and
including 16. A typical write protocol is a burst of
EN/SET rising edges, signifying a particular
address, followed by a pause with EN/SET held
high for the T
LAT timeout period, a burst of rising
edges signifying data, and a T
LAT timeout for the
data registers. Once an address is set, then multi-
ple writes to the corresponding data register are
allowed.
When EN/SET is held low for an amount of time
greater than T
OFF, the AAT3151B enters shutdown
mode and draws less than 1µA from the supply.
Address 1 is the default address on the first rising
edge after the AAT3151B has been disabled.
Whenever shutdown mode is entered, all registers
are reset to 1.
20mA Max
1
30mA Max
15mA Max
Data
I
OUT (mA)
I
OUT (mA)
I
OUT (mA)
1
20.0
30.0
15.0
2
17.8
26.7
13.3
3
15.9
23.8
11.9
4
14.3
21.4
10.7
5
12.7
19.0
9.5
6
11.1
16.7
8.3
7
10.2
15.2
7.6
8
8.9
13.3
6.7
9
7.9
11.9
6.0
10
7.0
10.5
5.2
11
6.3
9.5
4.8
12
5.7
8.6
4.3
13
5.1
7.6
3.8
14
4.4
6.7
3.3
15
4.1
6.2
3.1
16
0.0
0.0
0.0
1. The device defaults to the 20mA Max scale. Use the Max Current Register to change the Max Scale.
2. There is an additional Low Current mode with currents down to 50µA. See the Low Current Register Settings section.


Similar Part No. - AAT3151BIWP-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3151BIWP-T1 ANALOGICTECH-AAT3151BIWP-T1 Datasheet
295Kb / 13P
   High Efficiency 1X/1.5X Charge Pump For White LED Applications
More results

Similar Description - AAT3151BIWP-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3151B ANALOGICTECH-AAT3151B_08 Datasheet
295Kb / 13P
   High Efficiency 1X/1.5X Charge Pump For White LED Applications
logo
SiGe Semiconductor, Inc...
AATIAN58 SIGE-AATIAN58 Datasheet
86Kb / 4P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3123 ANALOGICTECH-AAT3123 Datasheet
321Kb / 18P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3140 AAT-AAT3140 Datasheet
483Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
AAT3142 AAT-AAT3142 Datasheet
481Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3152 ANALOGICTECH-AAT3152 Datasheet
123Kb / 10P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
AAT3142 ANALOGICTECH-AAT3142 Datasheet
416Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3122 AAT-AAT3122 Datasheet
262Kb / 12P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3158 ANALOGICTECH-AAT3158 Datasheet
284Kb / 11P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3169 AAT-AAT3169 Datasheet
442Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com