Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3238IGU-1.8-T1 Datasheet(PDF) 6 Page - Advanced Analogic Technologies

Part # AAT3238IGU-1.8-T1
Description  300mA MicroPower??High Performance LDO Linear Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3238IGU-1.8-T1 Datasheet(HTML) 6 Page - Advanced Analogic Technologies

Back Button AAT3238IGU-1.8-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3238IGU-1.8-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3238IGU-1.8-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3238IGU-1.8-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3238IGU-1.8-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3238IGU-1.8-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3238IGU-1.8-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3238IGU-1.8-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3238IGU-1.8-T1 Datasheet HTML 10Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Typical Characteristics
Unless otherwise noted, VIN = 5V, TA = 25°C.
Load Transient Response 300mA
2.10
2.20
2.30
2.40
2.50
2.60
2.70
2.80
2.90
3.00
Time (10µs/div)
-100
0
100
200
300
400
500
600
700
800
VOUT
IOUT
Load Transient Response
2.60
2.65
2.70
2.75
2.80
2.85
2.90
Time (100µs/div)
-100
0
100
200
300
400
500
VOUT
IOUT
Line Transient Response
2.98
2.99
3.00
3.01
3.02
3.03
3.04
Time (100µs/div)
0
1
2
3
4
5
6
VIN
VOUT
Turn-On Time From Enable (VIN present)
(CBYP = 10nF)
Time (5µs/div)
VIN = 4V
VOUT = 1V/div
VEN = 5V/div
Turn-Off Response Time
(CBYP = 10nF)
Time (50µs/div)
VEN (5V/div)
VOUT (1V/div)
Initial Power-Up Response Time
(CBYP = 10nF)
Time (400µs/div)
VEN (5V/div)
VOUT (1V/div)
AAT3238
300mA MicroPower™
High Performance LDO Linear Regulator
6
3238.2006.11.1.6


Similar Part No. - AAT3238IGU-1.8-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3238IGU-1.8-T1 ANALOGICTECH-AAT3238IGU-1.8-T1 Datasheet
1Mb / 13P
   300mA MicroPowerTM High Performance LDO Linear Regulator
More results

Similar Description - AAT3238IGU-1.8-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3238 ANALOGICTECH-AAT3238_08 Datasheet
1Mb / 13P
   300mA MicroPowerTM High Performance LDO Linear Regulator
logo
List of Unclassifed Man...
FS8853 ETC-FS8853 Datasheet
652Kb / 13P
   300mA LDO Linear Regulator
logo
Linear Technology
LTC3025 LINER-LTC3025_15 Datasheet
183Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM36550S UNIONSEMI-UM36550S Datasheet
379Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
UM16528 UNIONSEMI-UM16528_16 Datasheet
236Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM36512S UNIONSEMI-UM36512S_14 Datasheet
288Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
logo
Linear Technology
LTC3025 LINER-LTC3025 Datasheet
166Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM17528 UNIONSEMI-UM17528_16 Datasheet
242Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM37550S UNIONSEMI-UM37550S Datasheet
291Kb / 12P
   300mA, Micropower, VLDO Linear Regulator
UM175415 UNIONSEMI-UM175415 Datasheet
271Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com