Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3238IGU-2.3-T1 Datasheet(PDF) 11 Page - Advanced Analogic Technologies

Part # AAT3238IGU-2.3-T1
Description  300mA MicroPower??High Performance LDO Linear Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3238IGU-2.3-T1 Datasheet(HTML) 11 Page - Advanced Analogic Technologies

Back Button AAT3238IGU-2.3-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3238IGU-2.3-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3238IGU-2.3-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3238IGU-2.3-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3238IGU-2.3-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3238IGU-2.3-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3238IGU-2.3-T1 Datasheet HTML 12Page - Advanced Analogic Technologies AAT3238IGU-2.3-T1 Datasheet HTML 13Page - Advanced Analogic Technologies AAT3238IGU-2.3-T1 Datasheet HTML 14Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AAT3238
300mA MicroPower™
High Performance LDO Linear Regulator
3238.2006.11.1.6
11
No-Load Stability
The AAT3238 is designed to maintain output volt-
age regulation and stability under operational no-
load conditions. This is an important characteristic
for applications where the output current may drop
to zero.
Reverse Output-to-Input Voltage
Conditions and Protection
Under normal operating conditions, a parasitic
diode exists between the output and input of the
LDO regulator. The input voltage should always
remain greater than the output load voltage, main-
taining a reverse bias on the internal parasitic
diode.
Conditions where VOUT might exceed VIN
should be avoided since this would forward bias
the internal parasitic diode and allow excessive
current flow into the VOUT pin, possibly damaging
the LDO regulator.
In applications where there is a possibility of VOUT
exceeding VIN for brief amounts of time during nor-
mal operation, the use of a larger value CIN capaci-
tor is highly recommended. A larger value of CIN
with respect to COUT will effect a slower CIN decay
rate during shutdown, thus preventing VOUT from
exceeding VIN. In applications where there is a
greater danger of VOUT exceeding VIN for extended
periods of time, it is recommended to place a
Schottky diode across VIN to VOUT (connecting the
cathode to VIN and anode to VOUT). The Schottky
diode forward voltage should be less than 0.45V.


Similar Part No. - AAT3238IGU-2.3-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3238IGU-2.3-T1 ANALOGICTECH-AAT3238IGU-2.3-T1 Datasheet
1Mb / 13P
   300mA MicroPowerTM High Performance LDO Linear Regulator
More results

Similar Description - AAT3238IGU-2.3-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3238 ANALOGICTECH-AAT3238_08 Datasheet
1Mb / 13P
   300mA MicroPowerTM High Performance LDO Linear Regulator
logo
List of Unclassifed Man...
FS8853 ETC-FS8853 Datasheet
652Kb / 13P
   300mA LDO Linear Regulator
logo
Linear Technology
LTC3025 LINER-LTC3025_15 Datasheet
183Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM36550S UNIONSEMI-UM36550S Datasheet
379Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
UM16528 UNIONSEMI-UM16528_16 Datasheet
236Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM36512S UNIONSEMI-UM36512S_14 Datasheet
288Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
logo
Linear Technology
LTC3025 LINER-LTC3025 Datasheet
166Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM17528 UNIONSEMI-UM17528_16 Datasheet
242Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM37550S UNIONSEMI-UM37550S Datasheet
291Kb / 12P
   300mA, Micropower, VLDO Linear Regulator
UM175415 UNIONSEMI-UM175415 Datasheet
271Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com