Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LLZ5259B Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # LLZ5259B
Description  500mW Hermetically Sealed Glass Zener Voltage Regulators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

LLZ5259B Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  LLZ5259B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd LLZ5259B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd LLZ5259B Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (TA=25OC unless otherwise noted)
ZZK @ IZK
Device
Vz @ Izt
ZZT @ IZT
= 0.25mA
IR @ VR
(Volts)
IZT
ΩΩ
(uA)
VR
Nom
mA
Max
Max
Max
Volts
LLZ5221B
2.4
20
30
1200
100
1.0
LLZ5222B
2.5
20
30
1250
100
1.0
LLZ5223B
2.7
20
30
1300
75
1.0
LLZ5224B
2.8
20
30
1400
75
1.0
LLZ5225B
3.0
20
30
1600
50
1.0
LLZ5226B
3.3
20
28
1600
25
1.0
LLZ5227B
3.6
20
24
1700
15
1.0
LLZ5228B
3.9
20
23
1900
10
1.0
LLZ5229B
4.3
20
22
2000
5.0
1.0
LLZ5230B
4.7
20
19
1900
5.0
2.0
LLZ5231B
5.1
20
17
1600
5.0
2.0
LLZ5232B
5.6
20
11
1600
5.0
3.0
LLZ5233B
6.0
20
7
16900
5.0
3.5
LLZ5234B
6.2
20
7
1000
5.0
4.0
LLZ5235B
6.8
20
5
750
3.0
5.0
LLZ5236B
7.5
20
6
500
3.0
6.0
LLZ5237B
8.2
20
8
500
3.0
6.5
LLZ5238B
8.7
20
8
600
3.0
6.5
LLZ5239B
9.1
20
10
600
3.0
7.0
LLZ5240B
10
20
17
600
3.0
8.0
LLZ5241B
11
20
22
600
2.0
8.4
LLZ5242B
12
20
30
600
1.0
9.1
LLZ5243B
13
9.5
13
600
0.5
9.9
LLZ5244B
14
9.0
15
600
0.1
10
LLZ5245B
15
8.5
16
600
0.1
11
LLZ5246B
16
7.8
17
600
0.1
12
LLZ5247B
16
7.4
19
600
0.1
13
LLZ5248B
18
7.0
21
600
0.1
14
LLZ5249B
19
6.6
23
600
0.1
14
Version: A07


Similar Part No. - LLZ5259B

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
LLZ5259B YEASHIN-LLZ5259B Datasheet
451Kb / 2P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
LLZ5259B TSC-LLZ5259B Datasheet
230Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
More results

Similar Description - LLZ5259B

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
BZX55C2V0 LUGUANG-BZX55C2V0 Datasheet
78Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
BZX55C LUGUANG-BZX55C Datasheet
81Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
LLZ2V0 TSC-LLZ2V0 Datasheet
151Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
LLZ2V0 TSC-LLZ2V0_09 Datasheet
76Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
logo
Cystech Electonics Corp...
CBZX55CXXLC CYSTEKEC-CBZX55CXXLC Datasheet
139Kb / 3P
   500mW DO-35 Hermetically sealed Glass Zener Voltage Regulators
logo
Gaomi Xinghe Electronic...
0.5W6.8V GXELECTRONICS-0.5W6.8V Datasheet
533Kb / 3P
   500mW DO-35 Hermetically sealed Glass Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
1N47XXAG SECOS-1N47XXAG_15 Datasheet
218Kb / 2P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
ZM4728A TSC-ZM4728A_14 Datasheet
220Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
VLZ SECOS-VLZ_15 Datasheet
416Kb / 5P
   Hermetically Sealed Glass Zener Voltage Regulators
VLZ SECOS-VLZ Datasheet
422Kb / 5P
   Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com