Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3238IGU-3.3-T1 Datasheet(PDF) 1 Page - Advanced Analogic Technologies

Part # AAT3238IGU-3.3-T1
Description  300mA MicroPower??High Performance LDO Linear Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3238IGU-3.3-T1 Datasheet(HTML) 1 Page - Advanced Analogic Technologies

  AAT3238IGU-3.3-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3238IGU-3.3-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3238IGU-3.3-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3238IGU-3.3-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3238IGU-3.3-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3238IGU-3.3-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3238IGU-3.3-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3238IGU-3.3-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3238IGU-3.3-T1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AAT3238
300mA MicroPower™
High Performance LDO Linear Regulator
3238.2006.11.1.6
1
General Description
The AAT3238 MicroPower low dropout (LDO) linear
regulator is ideally suited for portable applications
where very fast transient response, extended battery
life, and small size are critical. The AAT3238 has
been specifically designed for high-speed turn-on
and turn-off performance, fast transient response,
good power supply ripple rejection (PSRR), and is
reasonably low noise, making it ideal for powering
sensitive circuits with fast switching requirements.
Other features include low quiescent current, typical-
ly 70µA, and low dropout voltage, typically less than
400mV at the maximum output current level of
300mA. The device is output short-circuit protected
and has a thermal shutdown circuit for additional pro-
tection under extreme operating conditions.
The AAT3238 also features a low-power shutdown
mode for extended battery life. A reference bypass
pin has been provided to improve PSRR perform-
ance and output noise by connecting a small exter-
nal capacitor from the AAT3238's reference output to
ground.
The AAT3238 is available in a Pb-free, space-saving
6-pin SOT23 or 8-pin SC70JW package in factory-
programmed voltages.
Features
Low Dropout: 400mV at 300mA
Guaranteed 300mA Output
High Accuracy: ±1.5%
70µA Quiescent Current
Fast Line and Load Transient Response
High-Speed Device Turn-On and Shutdown
High Power Supply Ripple Rejection
Low Self Noise
Short-Circuit Protection
Over-Temperature Protection
Uses Low Equivalent Series Resistance
(ESR) Ceramic Capacitors
Noise Reduction Bypass Capacitor
Shutdown Mode for Longer Battery Life
Low Temperature Coefficient
Factory-Programmed Output Voltages
SOT23 6-Pin or SC70JW 8-Pin Package
Applications
Cellular Phones
Digital Cameras
Notebook Computers
Personal Portable Electronics
Portable Communication Devices
Typical Application
AAT3238
EN
IN
OUT
BYP
GND
ON/OFF
1
μF
10nF
2.2
μF
VIN
GND
GND
VOUT
PowerLinear


Similar Part No. - AAT3238IGU-3.3-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3238IGU-3.3-T1 ANALOGICTECH-AAT3238IGU-3.3-T1 Datasheet
1Mb / 13P
   300mA MicroPowerTM High Performance LDO Linear Regulator
More results

Similar Description - AAT3238IGU-3.3-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3238 ANALOGICTECH-AAT3238_08 Datasheet
1Mb / 13P
   300mA MicroPowerTM High Performance LDO Linear Regulator
logo
List of Unclassifed Man...
FS8853 ETC-FS8853 Datasheet
652Kb / 13P
   300mA LDO Linear Regulator
logo
Linear Technology
LTC3025 LINER-LTC3025_15 Datasheet
183Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM36550S UNIONSEMI-UM36550S Datasheet
379Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
UM16528 UNIONSEMI-UM16528_16 Datasheet
236Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM36512S UNIONSEMI-UM36512S_14 Datasheet
288Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
logo
Linear Technology
LTC3025 LINER-LTC3025 Datasheet
166Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM17528 UNIONSEMI-UM17528_16 Datasheet
242Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM37550S UNIONSEMI-UM37550S Datasheet
291Kb / 12P
   300mA, Micropower, VLDO Linear Regulator
UM175415 UNIONSEMI-UM175415 Datasheet
271Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com