Electronic Components Datasheet Search |
|
74ACTQ08 Datasheet(PDF) 3 Page - Fairchild Semiconductor |
|
74ACTQ08 Datasheet(HTML) 3 Page - Fairchild Semiconductor |
3 / 8 page ©1990 Fairchild Semiconductor Corporation www.fairchildsemi.com 74ACTQ08 Rev. 1.3 3 DC Electrical Characteristics Notes: 1. All outputs loaded; thresholds on input associated with output under test. 2. Maximum test duration 2.0ms, one output loaded at a time. 3. Max number of outputs defined as (n). Data inputs are 0V to 3V. One output @ GND. 4. Max number of data inputs (n) switching. (n–1) inputs switching 0V to 3V. Input-under-test switching: 3V to threshold (VILD), 0V to threshold (VIHD), f = 1MHz. Symbol Parameter VCC (V) Conditions TA = +25°C TA = –40°C to +85°C Units Typ. Guaranteed Limits VIH Minimum HIGH Level Input Voltage 4.5 VOUT = 0.1V or VCC – 0.1V 1.5 2.0 2.0 V 5.5 1.5 2.0 2.0 VIL Maximum LOW Level Input Voltage 4.5 VOUT = 0.1V or VCC – 0.1V 1.5 0.8 0.8 V 5.5 1.5 0.8 0.8 VOH Minimum HIGH Level Output Voltage 4.5 IOUT = –50µA 4.49 4.4 4.4 V 5.5 5.49 5.4 5.4 VIN = VIL or VIH: 4.5 IOH = –24mA 3.86 3.76 5.5 IOH = –24mA (1) 4.86 4.76 VOL Maximum LOW Level Output Voltage 4.5 IOUT = 50µA 0.001 0.1 0.1 V 5.5 0.001 0.1 0.1 VIN = VIL or VIH: 4.5 IOL = 24mA 0.36 0.44 5.5 IOL = 24mA (1) 0.36 0.44 IIN Maximum Input Leakage Current 5.5 VI = VCC, GND ±0.1 ±1.0 µA ICCT Maximum ICC/Input 5.5 V I = VCC – 2.1V 0.6 1.5 mA IOLD Minimum Dynamic Output Current(2) 5.5 VOLD = 1.65V Max. 75 mA IOHD 5.5 VOHD = 3.85V Min. –75 mA ICC Maximum Quiescent Supply Current 5.5 VIN = VCC or GND 2.0 20.0 µA VOLP Quiet Output Maximum Dynamic VOL 5.0 Figures 1 & 2(3) 1.1 1.5 V VOLV Quiet Output Minimum Dynamic VOL 5.0 Figures 1 & 2(3) –0.6 –1.2 V VIHD Minimum HIGH Level Dynamic Input Voltage 5.0 (4) 1.9 2.2 V VILD Maximum LOW Level Dynamic Input Voltage 5.0 (4) 1.2 0.8 V |
Similar Part No. - 74ACTQ08_07 |
|
Similar Description - 74ACTQ08_07 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |