Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1171EEWLT-P Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A1171EEWLT-P
Description  Micropower Ultrasensitive Hall Effect Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1171EEWLT-P Datasheet(HTML) 1 Page - Allegro MicroSystems

  A1171EEWLT-P Datasheet HTML 1Page - Allegro MicroSystems A1171EEWLT-P Datasheet HTML 2Page - Allegro MicroSystems A1171EEWLT-P Datasheet HTML 3Page - Allegro MicroSystems A1171EEWLT-P Datasheet HTML 4Page - Allegro MicroSystems A1171EEWLT-P Datasheet HTML 5Page - Allegro MicroSystems A1171EEWLT-P Datasheet HTML 6Page - Allegro MicroSystems A1171EEWLT-P Datasheet HTML 7Page - Allegro MicroSystems A1171EEWLT-P Datasheet HTML 8Page - Allegro MicroSystems A1171EEWLT-P Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Description
The A1171 integrated circuit is an ultrasensitive, Hall effect
switch with latched digital outputs and either unipolar or
omnipolar magnetic actuation. It features operation at low
supply currents and voltages, making it ideal for battery-
operated electronics. The low operating supply voltage,
1.65 to 3.5V, and unique clocking algorithm assist in reducing
the average operating power consumption. For example, the
power requirement is less than 15 μW with a 2.75 V supply.
Unlike more traditional Hall effect switches, theA1171 allows
the user to configure how the device is magnetically actuated.
Under default conditions the device activates output switching
with either a north or south polarity magnetic field of sufficient
strength. The magnetic actuation can be set via an external
selection pin to operate in a unipolar mode, switching only on
a north or south polarity but not both. Furthermore, the output
of theA1171 can be configured to switch either off or on in the
absence of any significant magnetic field. Lastly, the A1171
has two push-pull output structures.
This polarity-independence, as well as the minimal power
requirements,allowstheA1171toeasilyreplacereedswitches,
1171-DS
Features and Benefits
▪ 1.65 to 3.5 V battery operation
▪ Low supply current
▪ High sensitivity, BOP typically 30 G (3.0 mT)
▪ Operation with either north or south pole
▪ Configurable unipolar or omnipolar magnetic sensing
▪ Complementary, push-pull outputs
▪ Chopper stabilized
▫ Superior temperature stability
▫ Extremely low switchpoint drift
▫ Insensitive to physical stress
▪ Solid state reliability
▪ Small size
Micropower Ultrasensitive Hall Effect Switch
Continued on the next page…
Package: 6 pin DFN/MLP (suffix EW)
Functional Block Diagram
Not to scale
A1171
VOUTPN
VOUTPS
VDD
Low-Pass
Filter
Clock / Logic
Latch
Latch
Amp
GND
SELECT


Similar Part No. - A1171EEWLT-P

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1171 ALLEGRO-A1171_16 Datasheet
260Kb / 10P
   Micropower Ultrasensitive Hall Ef fect Switch
More results

Similar Description - A1171EEWLT-P

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1266 ALLEGRO-A1266 Datasheet
577Kb / 15P
   Micropower Ultrasensitive 3D Hall-Effect Switch
A3211 ALLEGRO-A3211_16 Datasheet
595Kb / 13P
   Micropower, Ultrasensitive Hall-Effect Switches
A1171 ALLEGRO-A1171_16 Datasheet
260Kb / 10P
   Micropower Ultrasensitive Hall Ef fect Switch
logo
Shaoxing Devechip Micro...
SDC212 SDC-SDC212 Datasheet
452Kb / 10P
   MicroPower Hall-Effect Switch
SDC1215 SDC-SDC1215 Datasheet
555Kb / 10P
   MicroPower Hall-Effect Switch
SDC213 SDC-SDC213 Datasheet
432Kb / 10P
   MicroPower Hall-Effect Switch
SDC8312 SDC-SDC8312 Datasheet
279Kb / 7P
   MicroPower Hall-Effect Switch
logo
Diodes Incorporated
AH180N DIODES-AH180N_12 Datasheet
159Kb / 8P
   MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
AH180N-WSG-7 DIODES-AH180N-WSG-7 Datasheet
159Kb / 8P
   MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
logo
Major-Power Technology ...
MA7030N MPOWER-MA7030N Datasheet
129Kb / 2P
   MicroPower, Unipolar Hall Effect Switch
Rev.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com