Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS714LLCTR-05B-T Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # ACS714LLCTR-05B-T
Description  Automotive Grade, Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS714LLCTR-05B-T Datasheet(HTML) 5 Page - Allegro MicroSystems

  ACS714LLCTR-05B-T Datasheet HTML 1Page - Allegro MicroSystems ACS714LLCTR-05B-T Datasheet HTML 2Page - Allegro MicroSystems ACS714LLCTR-05B-T Datasheet HTML 3Page - Allegro MicroSystems ACS714LLCTR-05B-T Datasheet HTML 4Page - Allegro MicroSystems ACS714LLCTR-05B-T Datasheet HTML 5Page - Allegro MicroSystems ACS714LLCTR-05B-T Datasheet HTML 6Page - Allegro MicroSystems ACS714LLCTR-05B-T Datasheet HTML 7Page - Allegro MicroSystems ACS714LLCTR-05B-T Datasheet HTML 8Page - Allegro MicroSystems ACS714LLCTR-05B-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Automotive Grade, Fully Integrated, Hall Effect-Based Linear Current Sensor
with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS714
5
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
x05B PERFORMANCE CHARACTERISTICS over Range E: TA = –40°C to 85°C1, CF = 1 nF, and VCC = 5 V, unless otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Optimized Accuracy Range
IP
–5
5
A
Sensitivity
Sens
Over full range of IP, TA = 25°C
180
185
190
mV/A
Noise
VNOISE(PP)
Peak-to-peak, TA = 25°C, 185 mV/A programmed Sensitivity,
CF = 47 nF, COUT = open, 2 kHz bandwidth
–21
mV
Zero Current Output Slope
∆IOUT(Q)
TA = –40°C to 25°C
–0.26
mV/°C
TA = 25°C to 150°C
–0.08
mV/°C
Sensitivity Slope
∆Sens
TA = –40°C to 25°C
0.054
mV/A/°C
TA = 25°C to 150°C
–0.008
mV/A/°C
Electrical Offset Voltage
VOE
IP = 0 A
–40
40
mV
Total Output Error2
ETOT
IP =±5 A, TA = 25°C
±1.5
%
1Device may be operated at higher primary current levels, IP, and ambient temperatures, TA, provided that the Maximum Junction Temperature, TJ(max),
is not exceeded.
2Percentage of IP, with IP = 5 A. Output filtered.
x05B PERFORMANCE CHARACTERISTICS over Range L: TA = –40°C to 150°C1, CF = 1 nF, and VCC = 5 V, unless otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Optimized Accuracy Range
IP
–5
5
A
Sensitivity
Sens
Over full range of IP, TA = 25°C
185
mV/A
Over full range of IP, TA = –40°C to 150°C
161
190
mV/A
Noise
VNOISE(PP)
Peak-to-peak, TA = 25°C, 185 mV/A programmed Sensitivity,
CF = 47 nF, COUT = open, 2 kHz bandwidth
–21
mV
Zero Current Output Slope
∆IOUT(Q)
TA = –40°C to 25°C
–0.26
mV/°C
TA = 25°C to 150°C
–0.08
mV/°C
Sensitivity Slope
∆Sens
TA = –40°C to 25°C
0.054
mV/A/°C
TA = 25°C to 150°C
–0.008
mV/A/°C
Electrical Offset Voltage
VOE
IP = 0 A
–60
60
mV
Total Output Error2
ETOT
IP =±5 A, TA = 25°C
±1.5
%
IP =±5 A, TA = –40°C to 150°C
–7
7
%
1Device may be operated at higher primary current levels, IP, and ambient temperatures, TA, provided that the Maximum Junction Temperature,
TJ(max), is not exceeded.
2Percentage of IP, with IP = 5 A. Output filtered.


Similar Part No. - ACS714LLCTR-05B-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS714 ALLEGRO-ACS714 Datasheet
690Kb / 18P
   Automotive Grade, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS714 ALLEGRO-ACS714_13 Datasheet
690Kb / 18P
   Automotive Grade, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS714 ALLEGRO-ACS714_16 Datasheet
690Kb / 18P
   Automotive Grade, Fully Integrated, Hall Effect-Based Linear Current Sensor IC
More results

Similar Description - ACS714LLCTR-05B-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS715 ALLEGRO-ACS715 Datasheet
619Kb / 13P
   Automotive Grade, Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS714 ALLEGRO-ACS714_13 Datasheet
690Kb / 18P
   Automotive Grade, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS712 ALLEGRO-ACS712 Datasheet
996Kb / 12P
   Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS712 ALLEGRO-ACS712_07 Datasheet
678Kb / 14P
   Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS713 ALLEGRO-ACS713 Datasheet
895Kb / 10P
   Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS713 ALLEGRO-ACS713_1 Datasheet
619Kb / 13P
   Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS712 ALLEGRO-ACS712_06 Datasheet
667Kb / 12P
   Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
logo
Broadcom Corporation.
ACHS-719X BOARDCOM-ACHS-719X Datasheet
1,006Kb / 19P
   Fully Integrated, Hall-Effect Based Linear Current Sensor IC with 3 kVRMS Isolation and a Low-Resistance Current Conductor
July 10, 2020
ACHS-7121 BOARDCOM-ACHS-7121 Datasheet
827Kb / 14P
   Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 3 kVRMS Isolation and Low-Resistance Current Conductor
logo
Allegro MicroSystems
ACS704ELC-005 ALLEGRO-ACS704ELC-005_06 Datasheet
730Kb / 20P
   Fully Integrated, Hall Effect-Based Linear Current Sensor with Voltage Isolation and a Low-Resistance Current Conductor
October 31, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com