Selected language     English  ▼


TS78L00 Datasheet(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

Part No. TS78L00
Description  3-Terminal 100mA Positive Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TSC [Taiwan Semiconductor Company, Ltd]
Homepage  http://www.taiwansemi.com
Logo 

 6 page
background image
TS78L00 Series
3-Terminal 100mA Positive Voltage Regulator
6/12
Version: B07
TS78L24 Electrical Characteristics
Vin=33V, Iout=40mA, 0
oC≤Tj≤125oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Tj=25
oC
23.07
24
24.96
Output voltage
Vout
27V≤Vin≤38V,
5mA≤Iout≤100mA
22.85
24
25.20
V
Line Regulation
REGline
Tj=25
oC
27≤Vin≤38V
Iout=40mA
--
200
400
5mA≤Iout≤100mA
--
80
240
Load Regulation
REGload
Tj=25
oC
5mA≤Iout≤40mA
--
40
120
mV
Quiescent Current
Iq
Iout=0, Tj=25
oC
--
4
7
27V≤Vin≤38V
--
--
1.5
Quiescent Current Change
ΔIq
5mA≤Iout≤40mA
--
--
0.1
mA
Output Noise Voltage
Vn
10Hz≤f≤100KHz, Tj=25
oC
--
200
--
µV
Ripple Rejection Ratio
RR
f=120Hz, 27V≤Vin≤38V
31
45
--
dB
Voltage Drop
Vdrop
Iout=100mA, Tj=25
oC
--
1.7
--
V
Peak Output Current
Io peak
Tj=25
oC
--
0.15
--
A
Temperature Coefficient of
Output Voltage
ΔVout/ ΔTj
Iout=5mA, 0
oC≤Tj≤125oC
--
-2.0
--
mV/
oC
Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as
possible, and thermal effects must be taken into account separately.
This specification applies only for DC power dissipation permitted by absolute maximum ratings.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SP78LXX100mA 3-Terminal Positive Voltage Regulator 1 2 3 4 5 MoreSipex Corporation
MC78XX3-Terminal 1A Positive Voltage Regulator 1 2 3 4 5 MoreFairchild Semiconductor
MC78LXXA_043-Terminal 0.1A Positive Voltage Regulator 1 2 3 4 5 MoreFairchild Semiconductor
ML7800-FBE3-TERMINAL POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreMicro Electronics
DE7808TECHNICAL SPECIFICATIONS OF 3-TERMINAL POSITIVE VOLTAGE REGULATOR 1 Dc Components
ML78L00-FBE3-TERMINAL POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 Micro Electronics
TS3173-Terminal Adjustable Output Positive Voltage Regulator 1 2 3 4 5 MoreTaiwan Semiconductor Company, Ltd
MC78LXXA3-Terminal 0.1A Positive Voltage Regulator 1 2 3 4 5 MoreFairchild Semiconductor
DE7809TECHNICAL SPECIFICATIONS OF 3-TERMINAL POSITIVE VOLTAGE REGULATOR 1 Dc Components
ML78L00-FBL13-TERMINAL POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 Micro Electronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl