Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2101IRGZG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # TSC2101IRGZG4
Description  AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2101IRGZG4 Datasheet(HTML) 4 Page - Texas Instruments

  TSC2101IRGZG4 Datasheet HTML 1Page - Texas Instruments TSC2101IRGZG4 Datasheet HTML 2Page - Texas Instruments TSC2101IRGZG4 Datasheet HTML 3Page - Texas Instruments TSC2101IRGZG4 Datasheet HTML 4Page - Texas Instruments TSC2101IRGZG4 Datasheet HTML 5Page - Texas Instruments TSC2101IRGZG4 Datasheet HTML 6Page - Texas Instruments TSC2101IRGZG4 Datasheet HTML 7Page - Texas Instruments TSC2101IRGZG4 Datasheet HTML 8Page - Texas Instruments TSC2101IRGZG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 95 page
background image
TSC2101
SLAS392D− JUNE 2003 − REVISED MAY 2005
www.ti.com
4
ELECTRICAL CHARACTERISTICS
At +25°C, AVDD1, AVDD2, DRVDD, IOVDD = 3.3 V, BVDD = 3.9 V, DVDD = 1.8 V, Vref = 2.5 V, Fs (Audio) = 48 kHz, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
TOUCH SCREEN
AUXILIARY ANALOG INPUT
Input voltage range
0
+VREF
V
Input capacitance
AUX1/2 input selected as input by touch-screen
25
pF
Input leakage current
AUX1/2 input selected as input by touch screen
±1
µA
BATTERY MONITOR INPUTS
Input voltage range
0.5
6.0
V
Input leakage current
Battery conversion not selected
±1
µA
Accuracy
Variation across temperature after system
calibration at 4 V battery voltage and room
temperature
±15
mV
TOUCH SCREEN A/D CONVERTER
Resolution
Programmable: 8-, 10-,12-bits
8
12
Bits
No missing codes
12-Bit resolution
11
Bits
Integral nonlinearity
−5
5
LSB
Offset error
−6
6
LSB
Gain error
−6
6
LSB
Noise
50
µVrms
VOLTAGE REFERENCE (VREF)
VREF output programmed = 2.5 V
2.3
2.5
2.7
V
Voltage range
VREF output programmed = 1.25 V
1.25
V
Voltage range
External reference
1.1
2.5
V
Reference drift
Internal VREF = 1.25 V
50
ppm/°C
Current drain
Extra current drawn when the internal reference is
turned on.
750
µA
AUDIO CODEC
ADC DECIMATION FILTER CHARACTERISTICS
Filter gain from 0 to 0.39 Fs
±0.1
dB
Filter gain at 0.4125 Fs
−0.25
dB
Filter gain at 0.45 Fs
−3.0
dB
Filter gain at 0.5 Fs
−17.5
dB
Filter gain from 0.55 Fs to 64 Fs
−75
dB
Group delay
17/Fs
sec


Similar Part No. - TSC2101IRGZG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2101IRGZG4 TI-TSC2101IRGZG4 Datasheet
1Mb / 93P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
More results

Similar Description - TSC2101IRGZG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2101 TI-TSC2101_07 Datasheet
1Mb / 93P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2111 TI-TSC2111 Datasheet
1Mb / 99P
[Old version datasheet]   AUDIO CODEC WITH INTERGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2100 TI-TSC2100 Datasheet
717Kb / 71P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
TSC2101 TI-TSC2101 Datasheet
867Kb / 90P
[Old version datasheet]   AUDIO CODEC WITH INTERATED HEADPHONE SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2102 TI-TSC2102 Datasheet
518Kb / 54P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
logo
Asahi Kasei Microsystem...
AK4533 AKM-AK4533 Datasheet
455Kb / 40P
   Audio Codec with Touch Screen Controller
logo
Texas Instruments
TLV320AIC28 TI-TLV320AIC28_08 Datasheet
1Mb / 85P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29_15 Datasheet
1Mb / 88P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29_08 Datasheet
1Mb / 87P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TSC2300 TI-TSC2300 Datasheet
1Mb / 81P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com