Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29W800AB120M5T Datasheet(PDF) 9 Page - STMicroelectronics

Part # M29W800AB120M5T
Description  8 Mbit (1Mb x8 or 512Kb x16, Boot Block) Low Voltage Single Supply Flash Memory
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W800AB120M5T Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M29W800AB120M5T Datasheet HTML 5Page - STMicroelectronics M29W800AB120M5T Datasheet HTML 6Page - STMicroelectronics M29W800AB120M5T Datasheet HTML 7Page - STMicroelectronics M29W800AB120M5T Datasheet HTML 8Page - STMicroelectronics M29W800AB120M5T Datasheet HTML 9Page - STMicroelectronics M29W800AB120M5T Datasheet HTML 10Page - STMicroelectronics M29W800AB120M5T Datasheet HTML 11Page - STMicroelectronics M29W800AB120M5T Datasheet HTML 12Page - STMicroelectronics M29W800AB120M5T Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
9/40
M29W800AT, M29W800AB
SIGNAL DESCRIPTIONS
See Figure 2., Logic Diagram and Table 1., Signal
Names.
Address Inputs (A0-A18). The address inputs
for the memory array are latched during a write op-
eration on the falling edge at Chip Enable E or
Write Enable W. In Word-wide organisation the
address lines are A0-A18, in Byte-wide organisa-
tion DQ15A–1 acts as an additional LSB address
line. When A9 is raised to VID, either a Read Elec-
tronic Signature Manufacturer or Device Code,
Block Protection Status or a Write Block Protection
or Block Unprotection is enabled depending on the
combination of levels on A0, A1, A6, A12 and A15.
Data Input/Outputs (DQ0-DQ7). These
Inputs/
Outputs are used in the Byte-wide and Word-wide
organisations. The input is data to be programmed
in the memory array or a command to be written to
the C.I. Both are latched on the rising edge of Chip
Enable E or Write Enable W. The output is data
from the Memory Array, the Electronic Signature
Manufacturer or Device codes, the Block Protec-
tion Status or the Status register Data Polling bit
DQ7, the Toggle Bits DQ6 and DQ2, the Error bit
DQ5 or the Erase Timer bit DQ3. Outputs are valid
when Chip Enable E and Output Enable G are ac-
tive. The output is high impedance when the chip
is deselected or the outputs are disabled and
when RP is at a Low level.
Data Input/Outputs (DQ8-DQ14 and DQ15A–
1). These Inputs/Outputs are additionally used in
the Word-wide organisation. When BYTE is High
DQ8-DQ14 and DQ15A–1 act as the MSB of the
Data Input or Output, functioning as described for
DQ0-DQ7 above, and DQ8-DQ15 are 'don't care'
for command inputs or status outputs. When
BYTE is Low, DQ0-DQ14 are high impedance,
DQ15A–1 is the Address A–1 input.
Chip Enable (E). The Chip Enable input acti-
vates the memory control logic, input buffers, de-
coders and sense amplifiers. E High deselects the
memory and reduces the power consumption to
the stan-by level. E can also be used to control
writing to the command register and to the memo-
ry array, while W remains at a low level. The Chip
Enable must be forced to VID during the Block Un-
protection operation.
Output Enable (G). The Output Enable gates the
outputs through the data buffers during a read op-
eration. When G is High the outputs are High im-
pedance. G must be forced to VID level during
Block Protection and Unprotection operations.
Write Enable (W). This input controls writing to
the Command Register and Address and Data
latches.
Byte/Word Organization Select (BYTE). The BYTE
input selects the output configuration for the de-
vice: Byte-wide (x8) mode or Word-wide (x16)
mode. When BYTE is Low, the Byte-wide mode is
selected and the data is read and programmed on
DQ0-DQ7. In this mode, DQ8-DQ14 are at high
impedance and DQ15A–1 is the LSB address.
When BYTE is High, the Word-wide mode is se-
lected and the data is read and programmed on
DQ0-DQ15.
Ready/Busy Output (RB). Ready/Busy
is
an
open-drain output and gives the internal state of
the P/E.C. of the device. When RB is Low, the de-
vice is Busy with a Program or Erase operation
and it will not accept any additional program or
erase instructions except the Erase Suspend in-
struction. When RB is High, the device is ready for
any Read, Program or Erase operation. The RB
will also be High when the memory is put in Erase
Suspend or Stan-by modes.
Reset/Block Temporary Unprotect Input (RP).
The RP Input provides hardware reset and pro-
tected block(s) temporary unprotection functions.
Reset of the memory is achieved by pulling RP to
VIL for at least tPLPX. When the reset pulse is giv-
en, if the memory is in Read or Stan-by modes, it
will be available for new operations in tPHEL after
the rising edge of RP. If the memory is in Erase,
Erase Suspend or Program modes the reset will
take tPLYH during which the RB signal will be held
at VIL. The end of the memory reset will be indicat-
ed by the rising edge of RB. A hardware reset dur-
ing an Erase or Program operation will corrupt the
data being programmed or the sector(s) being
erased. See Tables 15 and 16, Read AC Charac-
teristics and Figure 13., Data Polling DQ7 AC
Waveforms.
Temporary block unprotection is made by holding
RP at VID. In this condition previously protected
blocks can be programmed or erased. The transi-
tion of RP from VIH to VID must slower than tPH-
PHH.
See
Tables
17
and
18,
Write
AC
Characterisics and Figure 13., Data Polling DQ7
AC Waveforms. When RP is returned from VID to
VIH all blocks temporarily unprotected will be again
protected.
VCC Supply Voltage. The power supply for all
operations (Read, Program and Erase).
VSS Ground. VSS is the reference for all voltage
measurements.


Similar Part No. - M29W800AB120M5T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W800AB120M5T STMICROELECTRONICS-M29W800AB120M5T Datasheet
234Kb / 33P
   8 Mbit 1Mb x8 or 512Kb x16, Boot Block Low Voltage Single Supply Flash Memory
More results

Similar Description - M29W800AB120M5T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F800AT STMICROELECTRONICS-M29F800AT Datasheet
142Kb / 21P
   8 Mbit 1Mb x8 or 512Kb x16, Boot Block Single Supply Flash Memory
M29W800AT STMICROELECTRONICS-M29W800AT Datasheet
234Kb / 33P
   8 Mbit 1Mb x8 or 512Kb x16, Boot Block Low Voltage Single Supply Flash Memory
M29W800T STMICROELECTRONICS-M29W800T Datasheet
233Kb / 33P
   8 Mbit 1Mb x8 or 512Kb x16, Boot Block Low Voltage Single Supply Flash Memory
M29F800DT STMICROELECTRONICS-M29F800DT Datasheet
332Kb / 39P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 5V Supply Flash Memory
M29W800DT70N1 STMICROELECTRONICS-M29W800DT70N1 Datasheet
651Kb / 41P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
April 2004
M29W800DT70N6 STMICROELECTRONICS-M29W800DT70N6 Datasheet
651Kb / 41P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
M29F800DT STMICROELECTRONICS-M29F800DT_06 Datasheet
420Kb / 53P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 5V Supply Flash Memory
M29W800DT STMICROELECTRONICS-M29W800DT Datasheet
313Kb / 42P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
M29W160BT STMICROELECTRONICS-M29W160BT Datasheet
170Kb / 25P
   16 Mbit 2Mb x8 or 1Mb x16, Boot Block Low Voltage Single Supply Flash Memory
M29W400T STMICROELECTRONICS-M29W400T Datasheet
245Kb / 34P
   4 Mbit 512Kb x8 or 256Kb x16, Boot Block Low Voltage Single Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com