Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS1581CZ5C0 Datasheet(PDF) 8 Page - Taiwan Semiconductor Company, Ltd

Part # TS1581CZ5C0
Description  5A Dual Input LDO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1581CZ5C0 Datasheet(HTML) 8 Page - Taiwan Semiconductor Company, Ltd

  TS1581CZ5C0 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1581CZ5C0 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1581CZ5C0 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1581CZ5C0 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1581CZ5C0 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1581CZ5C0 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1581CZ5C0 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1581CZ5C0 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS1581CZ5C0 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
TS1581
5A Dual Input LDO
8/9
Version: A07
TO-263-5L Mechanical Drawing
Marking Diagram
Y
= Year Code
M
= Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep,
J=Oct, K=Nov, L=Dec)
L
= Lot Code
XXX = Voltage Code
(1.8=1.8V, 2.5=2.5V, 3.3=3.3V, 5.0=5V)
= Package Code for Adjustable type
(CM5 = TO-263-5L)
TO-263-5L DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
10.220
10.260
0.402
0.404
B
14.600
15.870
0.575
0.625
C
0.750
0.770
0.030
0.030
D
1.573
1.827
0.062
0.072
E
4.560
4.570
0.179
0.180
F
1.240
1.270
0.049
0.050
G
2.280
2.790
0.090
0.110
H
0.280
0.320
0.011
0.013
I
8.240
8.280
0.324
0.326
J
1.540
1.800
0.060
0.071


Similar Part No. - TS1581CZ5C0

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1581CZ5 TSC-TS1581CZ5 Datasheet
135Kb / 7P
   5A Dual Input Low Dropout Positive Voltage Regulator
TS1581CZ52.5 TSC-TS1581CZ52.5 Datasheet
135Kb / 7P
   5A Dual Input Low Dropout Positive Voltage Regulator
TS1581CZ525 TSC-TS1581CZ525 Datasheet
135Kb / 7P
   5A Dual Input Low Dropout Positive Voltage Regulator
TS1581CZ53.3 TSC-TS1581CZ53.3 Datasheet
135Kb / 7P
   5A Dual Input Low Dropout Positive Voltage Regulator
TS1581CZ533 TSC-TS1581CZ533 Datasheet
135Kb / 7P
   5A Dual Input Low Dropout Positive Voltage Regulator
More results

Similar Description - TS1581CZ5C0

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1582 TSC-TS1582_07 Datasheet
432Kb / 9P
   3A Dual Input LDO
TS1583 TSC-TS1583_07 Datasheet
432Kb / 9P
   1.5A Dual Input LDO
logo
Micrel Semiconductor
MIC49500 MICREL-MIC49500_07 Datasheet
221Kb / 11P
   5A Dual Supply, Low Voltage, High Bandwidth LDO
MIC49500 MICREL-MIC49500 Datasheet
233Kb / 11P
   5A Dual Supply, Low Voltage, High Bandwidth LDO
logo
Advanced Monolithic Sys...
AMS1084 AMS-AMS1084 Datasheet
1Mb / 11P
   5A LDO VOLTAGE REGULATOR
logo
Guangdong Youtai Semico...
AMS1084CM-3.3 UMW-AMS1084CM-3.3 Datasheet
1Mb / 11P
   5A LDO regulator circuit
logo
Silan Microelectronics ...
SA1084 SILAN-SA1084 Datasheet
451Kb / 10P
   5A LDO VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC29510 MICREL-MIC29510_06 Datasheet
315Kb / 10P
   5A Fast-Response LDO Regulator
logo
Taiwan Semiconductor Co...
TS1581 TSC-TS1581 Datasheet
135Kb / 7P
   5A Dual Input Low Dropout Positive Voltage Regulator
logo
Micrel Semiconductor
MIC37500 MICREL-MIC37500 Datasheet
46Kb / 8P
   5A, Low voltage uCap LDO REgulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com