Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT42WS Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BAT42WS
Description  0.2W Surface Mount Flat Lead Fast Switching Schottky Barrier Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAT42WS Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BAT42WS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAT42WS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE
BAT42WS/BAT43WS
0.2W Surface Mount Flat Lead Fast
Switching Schottky Barrier Diode
SOD-323F
Features
Low forward voltage drop
Flat Lead SOD-323F small outline plastic
package
Surface device type mounting
Moisture sensitivity level 1
Clip bonding construction, good thermal
capability
RoHS compliant
Matte Tin (Sn) lead finish
Band indicates cathode
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
oCambient temperature unless otherwise specified.
Maximum Ratings
Type Number
Symbol
Value
Units
Power Dissipation
Pd
200
mW
Repetitive Peak Reverse Voltage
VRRM
30
V
Maximum DC Blocking Voltage
VR
30
V
Average Rectified Forward Current
IF(AV)
200
mA
Peak Forward Surge Current
IFSM
4.0
A
Operating and Storage Temperature Range
TJ, TSTG
-65 to + 125
OC
Electrical Characteristics
Type Number
Symbol
Min
Max
Units
Breakdown Voltage
@ IR=100uA
BV
30
V
Reverse Leakage Current
@ VR=25V
IR
500
nA
Forward Voltage
BAT42WS @ IF=200mA
BAT42WS @ IF=10mA
BAT42WS @ IF=50mA
BAT43WS @ IF=200mA
BAT43WS @ IF=2mA
BAT43WS @ IF=15mA
VF
0.26
1.0
0.4
0.65
1.0
0.33
0.45
V
Junction Capacitance
VR=1, f=1.0MHz
Cj
7(Typ.)
pF
Reverse Recovery Time (Note 1)
trr
5(Typ.)
nS
Note: 1 Reverse Recovery Test Conditions: IF=IR=10mA, Irr=1mA, RL=100
Ω.
Version: A07


Similar Part No. - BAT42WS

ManufacturerPart #DatasheetDescription
logo
Diode Semiconductor Kor...
BAT42WS DSK-BAT42WS Datasheet
281Kb / 2P
   Schottky barrier diodes
logo
Pan Jit International I...
BAT42WS PANJIT-BAT42WS Datasheet
113Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
SeCoS Halbleitertechnol...
BAT42WS SECOS-BAT42WS Datasheet
172Kb / 2P
   0.2 AMP Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
BAT42WS LUGUANG-BAT42WS Datasheet
291Kb / 3P
   Schottky Diodes
logo
Jiangsu High diode Semi...
BAT42WS HDSEMI-BAT42WS Datasheet
1Mb / 4P
   SOD323 Plastic-Encapsulate Diodes
More results

Similar Description - BAT42WS

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BAV19WS TSC-BAV19WS Datasheet
80Kb / 2P
   0.2W Surface Mount Flat Lead High Voltage Switching Diode
logo
Tak Cheong Electronics ...
BAT42WS TAK_CHEONG-BAT42WS Datasheet
129Kb / 4P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Fast Switching Schottky Barrier Diode
BAT42W TAK_CHEONG-BAT42W Datasheet
124Kb / 4P
   400mW SOD-123 SURFACE MOUNT Small Outline Flat Lead Plastic Package Fast Switching Schottky Barrier Diode
logo
Taiwan Semiconductor Co...
BAT42W TSC-BAT42W_14 Datasheet
204Kb / 5P
   Surface Mount, Switching Schottky Barrier Diode
SD101AW TSC-SD101AW_14 Datasheet
198Kb / 5P
   Surface Mount, Switching Schottky Barrier Diode
logo
Shenzhen Luguang Electr...
1SS355 LUGUANG-1SS355 Datasheet
209Kb / 2P
   0.2W Fast Switching Diodes
logo
Micro Commercial Compon...
MMBD4448 MCC-MMBD4448 Datasheet
93Kb / 3P
   Surface Mount Schottky Barrier Switching Diode 350mW
logo
Shanghai Lunsure Electr...
MMBD4448 CHENYI-MMBD4448 Datasheet
61Kb / 3P
   Surface mount schottky barrier switching diode 350mW
logo
Shenzhen Luguang Electr...
1SS355 LUGUANG-1SS355_V01 Datasheet
1Mb / 2P
   0.2W Fast Switching Diodes
BAV19WS LUGUANG-BAV19WS Datasheet
219Kb / 2P
   0.2W Fast Switching Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com