Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCF4014BM1 Datasheet(PDF) 5 Page - STMicroelectronics

Part # HCF4014BM1
Description  SYNCHRONOUS PARALLEL OR SERIAL IN/SERIAL OUT 8 - STAGE STATIC SHIFT REGISTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4014BM1 Datasheet(HTML) 5 Page - STMicroelectronics

  HCF4014BM1 Datasheet HTML 1Page - STMicroelectronics HCF4014BM1 Datasheet HTML 2Page - STMicroelectronics HCF4014BM1 Datasheet HTML 3Page - STMicroelectronics HCF4014BM1 Datasheet HTML 4Page - STMicroelectronics HCF4014BM1 Datasheet HTML 5Page - STMicroelectronics HCF4014BM1 Datasheet HTML 6Page - STMicroelectronics HCF4014BM1 Datasheet HTML 7Page - STMicroelectronics HCF4014BM1 Datasheet HTML 8Page - STMicroelectronics HCF4014BM1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HCF4014B
5/10
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb = 25°C, CL = 50pF, RL = 200KΩ,tr =tf =20ns)
(*) Typical temperature coefficient for all VDD value is 0.3 %/°C.
(1) If more than one unit is cascaded trCL should be made less than or equal to the sum of the transition time and the fixed propagation delay
of the output of the driving stage of the estimated capacitive load.
Symbol
Parameter
Test Condition
Value (*)
Unit
VDD (V)
Min.
Typ.
Max.
CLOCKED OPERATION
tPLH tPHL Propagation Delay Time
5
160
320
ns
10
80
160
15
60
120
tTHL tTLH Transition Time
5
100
200
ns
10
50
100
15
40
80
fCL
(1)
Maximum Clock Input
Frequency
53
6
MHz
10
6
12
15
8.5
17
tW
Clock Pulse Width
5
180
90
ns
10
80
40
15
50
25
tr ,tf
Clock Input Rise or Fall
Time
515
µs
10
15
15
15
tsetup
Setup Time, serial Input
(ref to CL)
5
120
60
ns
10
80
40
15
60
30
tsetup
Setup Time, Parallel Inputs
(ref to CL)
580
40
ns
10
50
25
15
40
20
tsetup
Setup Time, Parallel/Serial
Control (ref to CL)
5
180
90
ns
10
80
40
15
60
30
thold
Hold Time, serial in,
parallel in, parallel /serial
control
50
ns
10
0
15
0


Similar Part No. - HCF4014BM1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4014BM1 STMICROELECTRONICS-HCF4014BM1 Datasheet
301Kb / 13P
   8-STAGE STATIC SHIFT REGISTERS
More results

Similar Description - HCF4014BM1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4021B STMICROELECTRONICS-HCF4021B Datasheet
239Kb / 11P
   ASYNCHRONOUS PARALLEL IN OR SYNCHRONOUS SERIAL IN/SERIAL OUT 8 - STAGE STATIC SHIFT REGISTER
HCF4021 STMICROELECTRONICS-HCF4021 Datasheet
292Kb / 13P
   Asynchronous parallel input or synchronous serial-in/serial-out 8-stage static shift register
September 2013 Rev 3
logo
Toshiba Semiconductor
TC4021BP TOSHIBA-TC4021BP_07 Datasheet
380Kb / 10P
   8-Stage Static Shift Register (asynchronous parallel input or synchronous serial input/serial output)
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
NXP Semiconductors
74LVC595A NXP-74LVC595A Datasheet
119Kb / 19P
   8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 01-29 May 2007
74LV595 PHILIPS-74LV595_15 Datasheet
129Kb / 20P
   8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 03-21 April 2009
logo
Nexperia B.V. All right...
74LVC595A NEXPERIA-74LVC595A Datasheet
299Kb / 18P
   8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 3 - 19 November 2021
74LV595 NEXPERIA-74LV595 Datasheet
279Kb / 17P
   8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 5 - 29 September 2021
logo
Fairchild Semiconductor
74F164A FAIRCHILD-74F164A_00 Datasheet
75Kb / 7P
   Serial-In, Parallel-Out Shift Register
logo
STMicroelectronics
T74LS164 STMICROELECTRONICS-T74LS164 Datasheet
107Kb / 5P
   SERIAL-IN PARALLEL-OUT SHIFT REGISTER
September 1988
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com