Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS31002 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TS31002
Description  Tong Ringer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS31002 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS31002_07 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS31002_07 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS31002_07 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS31002_07 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS31002_07 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS31002_07 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS31002_07 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS31002_07 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TS31002
Tong Ringer
4/8
Version: A07
Application Circuit
SWITCH POSITION IS THE FOLLOWING TABLE: :
PARAMETER
SW1
SW2
Vsi , Isi
1
1
Vsus , Isus
1
1
Voh
2
2
Vol
2
3
Figure 3. Test Circuit (2)
SWITCH POSITION IS THE FOLLOWING TABLE:
PARAMETER
SW1
SW2
FL
1
1
fH1
3
2
fH2
2
2
Application Note
The application circuit illustrates the use of the TS31002 devices in typical telephone or extension tone ringer
application.
The AC ringer signal voltage appears across the TIP and RING inputs of the circuit and is attenuated by capacitorC1
and resistor R1.
C1 also provides isolation from DC voltages (48V) on the exchange line.
After full wave rectification by the bridge diode, the waveform is filtered by capacitor C4 to provide a DC supply
for the tone ringer chip. As this voltage exceeds the initiation voltage (VSI), oscillation starts.
With the components shown, the output frequency chops between 512(fh1) and 640Hz(fh2) at a 10Hz(fL) rate.
The loudspeaker load is coupled through a 1300W to 8W transformer.
The output coupling capacitor C5 is required with transformer coupled loads.
When driving a piezo-ceramic transducer type load, the coupling C5 and transformer (1300W:8W) are not required.
However, a current limiting resistor is required.
The low frequency oscillator oscillates at a rate (fL) controlled by an external resistor (R2) and capacitor (C2).
The frequency can be determined using the relation fL=1/1.289R2*C2. The high frequency oscillates at a fH1, fH2
controlled by an external resistor (R3) and capacitor (C3). The frequency can be determined using the relation
H1=1/1.504R3*C3, fH2=1/1.203R3*C3.
R1 = 165 K (+/-)
1%
R2 = 191 K (+/-)
1%
C1 = 0.47 µF (+/-) 5%
C2 = 0.0068 µF (+/-) 5%
R1 = 165 K (+/-) 1%
R2 = 191 K (+/-) 1%
C1 = 0.47 µF (+/-) 5%
C2 = 0.0068 µF (+/-) 5%


Similar Part No. - TS31002_07

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS31002CD TSC-TS31002CD Datasheet
175Kb / 6P
   Tong Ringer
TS31002CS TSC-TS31002CS Datasheet
175Kb / 6P
   Tong Ringer
More results

Similar Description - TS31002_07

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2411 TSC-TS2411 Datasheet
174Kb / 6P
   Tong Ringer
TS31002 TSC-TS31002 Datasheet
175Kb / 6P
   Tong Ringer
TS2411 TSC-TS2411_1 Datasheet
420Kb / 7P
   Tong Ringer
logo
Integral Corp.
IL2410 INTEGRAL-IL2410 Datasheet
330Kb / 7P
   Tone Ringer
logo
Daewoo Semiconductor
DBL5001 DAEWOO-DBL5001 Datasheet
317Kb / 6P
   TONE RINGER
logo
System Logic Semiconduc...
SL2411 SLS-SL2411 Datasheet
50Kb / 6P
   Tone Ringer
logo
Sanyo Semicon Device
LA8500 SANYO-LA8500 Datasheet
51Kb / 2P
   Tone Ringer
logo
AUK corp
SL5001P-2P AUK-SL5001P-2P Datasheet
291Kb / 8P
   TONE RINGER
logo
Hangzhou Youwang Electr...
UTC2411 YOUWANG-UTC2411 Datasheet
84Kb / 3P
   TONE RINGER
logo
System Logic Semiconduc...
SL2410 SLS-SL2410 Datasheet
60Kb / 6P
   Tone Ringer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com