Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4832YMM Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC4832YMM
Description  Low Noise 220Vp-p EL Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4832YMM Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC4832YMM Datasheet HTML 1Page - Micrel Semiconductor MIC4832YMM Datasheet HTML 2Page - Micrel Semiconductor MIC4832YMM Datasheet HTML 3Page - Micrel Semiconductor MIC4832YMM Datasheet HTML 4Page - Micrel Semiconductor MIC4832YMM Datasheet HTML 5Page - Micrel Semiconductor MIC4832YMM Datasheet HTML 6Page - Micrel Semiconductor MIC4832YMM Datasheet HTML 7Page - Micrel Semiconductor MIC4832YMM Datasheet HTML 8Page - Micrel Semiconductor MIC4832YMM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Micrel
MIC4832
November 2007
3
M9999-111507-B
Absolute Maximum Ratings(1)
Supply Voltage (VDD)...................................... –0.5V to 6.0V
Output Voltage (VCS) ..................................... –0.5V to 120V
EL Lamp Terminals (VA, VB)................................... VCS + 3V
Switch Voltage (Vsw) ..................................... -0.5V to 120V
Frequency Control Voltage
(VRSW, VREL) ................................... –0.5V to (VDD +0.3V)
Storage Temperature (TS).........................–65°C to +150°C
ESD Rating
(4)...............................................................1.5kV
Operating Ratings(2)
Supply Voltage (VDD).................................... +1.8V to +5.5V
Lamp Drive Frequency (fEL) ....................... 60Hz to 1000Hz
Switching Frequency (fSW).........................65kHz to 250kHz
Ambient Temperature (TA) .......................... –40°C to +85°C
Package Thermal Resistance
(3)
MSOP
JA) .....................................................206°C/W
MLF-8L
JA)......................................................63°C/W
Electrical Characteristics(5)
VIN = VDD = 3.0V, RSW = 338KΩ, REL = 1.78MΩ. TA = 25°C unless otherwise specified. Bold values indicate –40°C ≤ TA ≤ +85°C
Parameter
Condition
Min
Typ
Max
Units
On-resistance
ISW = 100mA
3.8
7
Ohm
CS Voltage Variation
91
105
119
Enable Input Low Voltage
(turn-off)
VDD = 1.8V to 5.5V
0.5
V
Enable Input High Voltage
(turn-on)
VDD = 1.8V to 5.5V
VDD-
0.5
V
Shutdown current
RSW Resistor = LOW; REL Resistor = LOW; VDD = 5.5V
0.01
0.5
µA
Input supply current
RSW Resistor = HIGH;
REL Resistor = HIGH;
VCS = 110V; VA, VB OPEN
45
75
µA
Input current including
inductor
VIN = VDD = 3.2V; RSW = 338KΩ, REL = 1.78MΩ;
L=220µH; ROUT =10kΩ; Lamp = 2in
2
24
mA
VA – VB output drive
frequency
REL = 1.78MΩ
158
200
242
Hz
Switching transistor
frequency
RSW = 338KΩ
90
112
134
kHz
Switching transistor duty
cycle
90
%
Notes:
1.
Exceeding the absolute maximum rating may damage the device.
2.
The device is not guaranteed to function outside its operating rating.
3.
The maximum allowable power dissipation of any TA (ambient temperature) is PD(max) = (TJ(max) – TA) / θJA. Exceeding the maximum
allowable power dissipation will result in excessive die temperature.
4.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
5.
Specification for packaged product only.


Similar Part No. - MIC4832YMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4832YMM MICREL-MIC4832YMM Datasheet
497Kb / 11P
   Low Noise 220VPP EL Driver
logo
Microchip Technology
MIC4832YMM MICROCHIP-MIC4832YMM Datasheet
2Mb / 22P
   Low-Noise 220VPP EL Driver
Rev.B February 2022
MIC4832YMM-TR MICROCHIP-MIC4832YMM-TR Datasheet
2Mb / 22P
   Low-Noise 220VPP EL Driver
Rev.B February 2022
More results

Similar Description - MIC4832YMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4830 MICREL-MIC4830 Datasheet
910Kb / 12P
   Low Noise 180Vp-p EL Driver
MIC4832 MICREL-MIC4832_09 Datasheet
497Kb / 11P
   Low Noise 220VPP EL Driver
logo
Microchip Technology
MIC4832 MICROCHIP-MIC4832 Datasheet
2Mb / 22P
   Low-Noise 220VPP EL Driver
Rev.B February 2022
logo
Micrel Semiconductor
MIC4830 MICREL-MIC4830_09 Datasheet
609Kb / 12P
   Low Noise 180VPP EL Driver
logo
Supertex, Inc
HV845DB1 SUTEX-HV845DB1 Datasheet
307Kb / 2P
   Low Noise, Dual EL Lamp Driver
HV860 SUTEX-HV860 Datasheet
320Kb / 7P
   Low Noise Dimmable EL Lamp Driver
HV845 SUTEX-HV845 Datasheet
423Kb / 6P
   Low Noise Dual EL Lamp Driver
HV843DB1 SUTEX-HV843DB1 Datasheet
319Kb / 2P
   Low Noise, Dual EL Lamp Driver
HV835 SUTEX-HV835 Datasheet
242Kb / 6P
   Low Noise Dual EL Lamp Driver
HV843 SUTEX-HV843 Datasheet
428Kb / 6P
   Low Noise Dual EL Lamp Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com