Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ACT2228 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ACT2228
Description  DUAL 64 횞 1, DUAL 256 횞 1 CLOCKED FIRST-IN, FIRST-OUT MEMORIES
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT2228 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74ACT2228 Datasheet HTML 7Page - Texas Instruments SN74ACT2228 Datasheet HTML 8Page - Texas Instruments SN74ACT2228 Datasheet HTML 9Page - Texas Instruments SN74ACT2228 Datasheet HTML 10Page - Texas Instruments SN74ACT2228 Datasheet HTML 11Page - Texas Instruments SN74ACT2228 Datasheet HTML 12Page - Texas Instruments SN74ACT2228 Datasheet HTML 13Page - Texas Instruments SN74ACT2228 Datasheet HTML 14Page - Texas Instruments SN74ACT2228 Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
SN74ACT2226, SN74ACT2228
DUAL 64
× 1, DUAL 256 × 1
CLOCKED FIRST-IN, FIRST-OUT MEMORIES
SCAS219C – JUNE 1992 – REVISED OCTOBER 1997
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
0
2
4
6
8
10
12
14
16
18
0
5
10
15
20
25
SINGLE FIFO SUPPLY CURRENT
vs
CLOCK FREQUENCY
fclock – Clock Frequency – MHz
fI = 1/2 fclock
TA = 75°C
CL = 0 pF
VCC = 5.5 V
VCC = 5 V
VCC = 4.5 V
Figure 5
calculating power dissipation
Data for Figure 5 is taken with one FIFO active and one FIFO idle on the device. The active FIFO has both writes
and reads enabled with its read clock (RDCLK) and write clock (WRTCLK) operating at the rate specified by
fclock. The data input rate and data output rate are half the fclock rate, and the data output is disconnected. A
close approximation of the total device power can be found by using Figure 5, determining the capacitive load
on the data output and determining the number of SN74ACT2226/2228 inputs driven by TTL high levels.
With ICC(f) taken from Figure 5, the maximum power dissipation (PT) of one FIFO on the SN74ACT2226 or
SN74ACT2228 can be calculated by:
PT = VCC × [ICC(f) + (N × ∆ICC × dc)] + (CL × VCC2 × fo)
where:
N
= number of inputs driven by TTL levels
∆ICC = increase in power-supply current for each input at a TTL high level
dc
= duty cycle of inputs at a TTL high level of 3.4 V
CL
= output capacitive load
fo
= switching frequency of an output


Similar Part No. - SN74ACT2228

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT2228 TI-SN74ACT2228 Datasheet
173Kb / 13P
[Old version datasheet]   DUAL 64 횞 1, DUAL 256 횞 1 CLOCKED FIRST-IN, FIRST-OUT MEMORIES
SN74ACT2228DW TI-SN74ACT2228DW Datasheet
173Kb / 13P
[Old version datasheet]   DUAL 64 횞 1, DUAL 256 횞 1 CLOCKED FIRST-IN, FIRST-OUT MEMORIES
More results

Similar Description - SN74ACT2228

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT2226 TI-SN74ACT2226 Datasheet
173Kb / 13P
[Old version datasheet]   DUAL 64 횞 1, DUAL 256 횞 1 CLOCKED FIRST-IN, FIRST-OUT MEMORIES
SN74ACT2227 TI1-SN74ACT2227_15 Datasheet
786Kb / 18P
[Old version datasheet]   DUAL 64 횞 1, DUAL 256 횞 1 FIRST-IN, FIRST-OUT MEMORIES
SN74ACT2227 TI-SN74ACT2227 Datasheet
174Kb / 13P
[Old version datasheet]   DUAL 64 횞 1, DUAL 256 횞 1 FIRST-IN, FIRST-OUT MEMORIES
SN74ACT7805 TI-SN74ACT7805 Datasheet
193Kb / 14P
[Old version datasheet]   256 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7805 TI-SN74ACT7805_06 Datasheet
230Kb / 16P
[Old version datasheet]   256 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7813 TI-SN74ACT7813 Datasheet
194Kb / 14P
[Old version datasheet]   64 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7813 TI-SN74ACT7813_06 Datasheet
231Kb / 16P
[Old version datasheet]   64 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT3622 TI-SN74ACT3622 Datasheet
417Kb / 28P
[Old version datasheet]   256 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT3611 TI-SN74ABT3611 Datasheet
368Kb / 26P
[Old version datasheet]   64 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT3622 TI1-SN74ACT3622_08 Datasheet
513Kb / 31P
[Old version datasheet]   256 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com