Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ070XZ5MZZ Datasheet(PDF) 7 Page - Sharp Corporation

Part # PQ070XZ5MZZ
Description  SC-63 Package, Low Voltage Operation Low Power-loss Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ070XZ5MZZ Datasheet(HTML) 7 Page - Sharp Corporation

  PQ070XZ5MZZ Datasheet HTML 1Page - Sharp Corporation PQ070XZ5MZZ Datasheet HTML 2Page - Sharp Corporation PQ070XZ5MZZ Datasheet HTML 3Page - Sharp Corporation PQ070XZ5MZZ Datasheet HTML 4Page - Sharp Corporation PQ070XZ5MZZ Datasheet HTML 5Page - Sharp Corporation PQ070XZ5MZZ Datasheet HTML 6Page - Sharp Corporation PQ070XZ5MZZ Datasheet HTML 7Page - Sharp Corporation PQ070XZ5MZZ Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PQ070XZ5MZ/PQ070XZ01Z
s Output Voltage Fine Tuning
1. Connecting external resistors R1 and R2 to terminals
,
,
allows the output voltage to be fine tuned from 1.5V to 7V. Refer to
the figure below and Fig.17 when connecting external resistors for fine tuning output voltage.
4
5
3
R2
R1
VO
Vref
+
VO =Vref×(1+R2/R1)
.=.1.25×(1+R
2/1 000)
[R1=1kΩ, Vref.=
.1.25V]
3
4
5


Similar Part No. - PQ070XZ5MZZ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ070XZ5MZZH SHARP-PQ070XZ5MZZH Datasheet
173Kb / 6P
   Low Voltage Operation Low Power-loss Voltage Regulator
More results

Similar Description - PQ070XZ5MZZ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ015EZ5MZP SHARP-PQ015EZ5MZP Datasheet
128Kb / 11P
   SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
PQ015YZ5MZ SHARP-PQ015YZ5MZ Datasheet
99Kb / 8P
   Low Voltage Operation, Low Power-Loss Voltage Regulators (SC-63 Package)
PQXXXEZ5MZ SHARP-PQXXXEZ5MZ Datasheet
129Kb / 11P
   SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXFZ5MZ SHARP-PQXXXFZ5MZ Datasheet
119Kb / 10P
   Low Voltage Operation Low Power-Loss Voltage Regulators (SC-63)
PQXXXEZ02Z SHARP-PQXXXEZ02Z Datasheet
69Kb / 4P
   Low Voltage Operation Low Power-loss Voltage Regulator
PQ070XZ1HZ SHARP-PQ070XZ1HZ Datasheet
89Kb / 6P
   Low Voltage Operation Low Power-loss Voltage Regulator
PQ070XH02Z SHARP-PQ070XH02Z Datasheet
67Kb / 6P
   Low Voltage Operation Low Power-Loss Voltage Regulator
PQ070XZ02ZPH SHARP-PQ070XZ02ZPH Datasheet
139Kb / 4P
   Low Voltage Operation Low Power-loss Voltage Regulator
PQ070XH01Z SHARP-PQ070XH01Z Datasheet
66Kb / 6P
   Low Voltage Operation Low Power-loss Voltage Regulator
PQ070XZ1HZXH SHARP-PQ070XZ1HZXH Datasheet
151Kb / 5P
   Low Voltage Operation Low Power-loss Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com