Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZV55C2V7 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # BZV55C2V7
Description  0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZV55C2V7 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  BZV55C2V7 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZV55C2V7 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZV55C2V7 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZV55C2V7 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Figure 7. Z-Current vs. Z-Voltage
Figure 8. Z-Current vs. Z-Voltage
8
20
0
20
40
60
80
100
P
tot = 500 mW
T
amb = 25 °C
04
6
12
V
Z - Z-Voltage (V)
15
20
25
30
0
10
20
30
40
50
V
Z - Z-Voltage (V)
35
P
tot = 500 mW
T
amb = 25 °C
Figure 9. Differential Z-Resistance vs. Z-Voltage
0
5
10
15
20
1
10
100
1000
25
Tj = 25 °C
I
Z = 1 mA
5 mA
10 mA
V
Z - Z-Voltage (V)
Figure 10. Thermal Response
1
10
100
1000
t
P - Pulse Length (ms)
10-1
100
101
102
t
P/T = 0.5
t
P/T = 0.2
t
P/T = 0.1
t
P/T = 0.05
t
P/T = 0.02
t
P/T = 0.01
Single Pulse
R
thJA = 300 K/W
T = T
jmax - Tamb
i
ZM = (- VZ + (VZ
2 + 4r
zj x T/Zthp)
1/2)/(2r
zj)
RATINGS AND CHARACTERISTIC CURVES (BZV55C SERIES)
Version: B07


Similar Part No. - BZV55C2V7

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
BZV55C2V7 CDI-DIODE-BZV55C2V7 Datasheet
15Kb / 1P
   ZENER DIODES
logo
Microsemi Corporation
BZV55C2V7 MICROSEMI-BZV55C2V7 Datasheet
24Kb / 1P
   LEADLESS PACKAGE FOR SURFACE MOUNT
logo
Central Semiconductor C...
BZV55C2V7 CENTRAL-BZV55C2V7 Datasheet
81Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 0.5 WATT, 2.4 THRU 75 VOLTS 짹 5ANCE
logo
Micro Commercial Compon...
BZV55C2V7 MCC-BZV55C2V7 Datasheet
661Kb / 3P
   500 mW Zener Diode 2.0 to 75 Volts
logo
EIC discrete Semiconduc...
BZV55C2V7 EIC-BZV55C2V7 Datasheet
43Kb / 2P
   ZENER DIODES
More results

Similar Description - BZV55C2V7

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZV55C2V0 TSC-BZV55C2V0 Datasheet
70Kb / 4P
   0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
BZT55B TSC-BZT55B Datasheet
91Kb / 4P
   0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
BZT55C TSC-BZT55C Datasheet
267Kb / 4P
   0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
BZV55B2V4 TSC-BZV55B2V4 Datasheet
259Kb / 4P
   0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
BZV55B TSC-BZV55B Datasheet
248Kb / 4P
   0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
1N47XXAG SECOS-1N47XXAG_15 Datasheet
218Kb / 2P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
ZM4728A TSC-ZM4728A_14 Datasheet
220Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
VLZ SECOS-VLZ_15 Datasheet
416Kb / 5P
   Hermetically Sealed Glass Zener Voltage Regulators
VLZ SECOS-VLZ Datasheet
422Kb / 5P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
ON Semiconductor
BZX55C2V4RL ONSEMI-BZX55C2V4RL Datasheet
252Kb / 10P
   Hermetically Sealed Glass Zener Voltage Regulators
August, 2006 ??Rev. 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com