Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZV55B5V6 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # BZV55B5V6
Description  0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZV55B5V6 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  BZV55B5V6 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZV55B5V6 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZV55B5V6 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZV55B5V6 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ELECTRICAL CHARACTERISTICS (TA=25OC unless otherwise noted)
Type
ZZT @ IZT
IR @ VR
Number
VZ
VZ
IZT
Ohms
IZK
ZZK @ IZK
uA
VR
Min (V)
Max (V)
mA
Max
mA
Ohms
Max
V
BZV55B2V0
1.96
2.04
5
100
1.0
600
50
1.0
BZV55B2V2
2.16
2.24
5
100
1.0
600
50
1.0
BZV55B2V4
2.35
2.45
5
85
1.0
600
50
1.0
BZV55B2V7
2.65
2.75
5
85
1.0
600
10
1.0
BZV55B3V0
2.94
3.06
5
85
1.0
600
4
1.0
BZV55B3V3
3.23
3.37
5
85
1.0
600
2
1.0
BZV55B3V6
3.53
3.67
5
85
1.0
600
2
1.0
BZV55B3V9
3.82
3.98
5
85
1.0
600
2
1.0
BZV55B4V3
4.21
4.39
5
75
1.0
600
1
1.0
BZV55B4V7
4.61
4.79
5
60
1.0
600
0.5
1.0
BZV55B5V1
5.00
5.2
5
35
1.0
550
0.1
1.0
BZV55B5V6
5.49
5.71
5
25
1.0
450
0.1
1.0
BZV55B6V2
6.08
6.32
5
10
1.0
200
0.1
2.0
BZV55B6V8
6.66
6.94
5
8
1.0
150
0.1
3.0
BZV55B7V5
7.35
7.65
5
7
1.0
50
0.1
5.0
BZV55B8V2
8.04
8.36
5
7
1.0
50
0.1
6.2
BZV55B9V1
8.92
9.28
5
10
1.0
50
0.1
6.8
BZV55B10
9.80
10.2
5
15
1.0
70
0.1
7.5
BZV55B11
10.40
11.22
5
20
1.0
70
0.1
8.2
BZV55B12
11.40
12.24
5
20
1.0
90
0.1
9.1
BZV55B13
12.74
13.26
5
26
1.0
110
0.1
10
BZV55B15
14.70
15.30
5
30
1.0
110
0.1
11
BZV55B16
15.68
16.32
5
40
1.0
170
0.1
12
BZV55B18
17.64
18.36
5
50
1.0
170
0.1
13
BZV55B20
19.60
20.40
5
55
1.0
220
0.1
15
BZV55B22
21.56
22.44
5
55
1.0
220
0.1
16
BZV55B24
23.52
24.48
5
80
1.0
220
0.1
18
BZV55B27
26.46
27.54
2
80
1.0
220
0.1
20
BZV55B30
29.40
30.60
2
80
1.0
220
0.1
22
BZV55B33
32.34
33.66
2
80
1.0
220
0.1
24
BZV55B36
35.28
36.72
2
80
1.0
220
0.1
27
BZV55B39
38.22
39.78
2
90
0.5
500
0.1
28
BZV55B43
42.14
43.86
2
90
0.5
600
0.1
32
BZV55B47
46.06
47.94
2
110
0.5
700
0.1
35
BZV55B51
49.98
52.02
2
125
0.5
700
0.1
38
BZV55B56
54.88
57.12
2
135
0.5
1000
0.1
42
BZV55B62
60.76
63.24
2.5
150
0.5
1000
0.1
47
BZV55B68
66.64
69.36
2.5
160
0.5
1000
0.1
51
BZV55B75
73.50
76.50
2.5
170
0.5
1000
0.1
56
VF Forward Voltage = 1.0v Maximum @ IF=100mA for all types.
Notes:
1. The type numbers listed have zener voltage min/max limits as shown.
2. The zener impedance is derived from the 60-cycle ac voltage, which results
when an ac current having an rms value equal to 10% of the dc zener current
(IZT or IZK) is superimposed to IZT or IZK.
Version: B07
(Volts)
VZ @ IZT


Similar Part No. - BZV55B5V6

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZV55B5V6 EIC-BZV55B5V6 Datasheet
37Kb / 2P
   ZENER DIODES
logo
Taiwan Semiconductor Co...
BZV55B5V6 TSC-BZV55B5V6 Datasheet
259Kb / 4P
   0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
logo
Shenzhen Ping Sheng Ele...
BZV55B5V6 PFS-BZV55B5V6 Datasheet
284Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Taiwan Semiconductor Co...
BZV55B5V6 TSC-BZV55B5V6 Datasheet
371Kb / 4P
   500mW,2% Tolerance Zener Diode
logo
Shenzhen Luguang Electr...
BZV55B5V6 LUGUANG-BZV55B5V6 Datasheet
385Kb / 4P
   500mW.Hermetically Sealed Glass Zener Voltage Rectifiers
More results

Similar Description - BZV55B5V6

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZV55C2V0 TSC-BZV55C2V0 Datasheet
70Kb / 4P
   0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
BZT55B TSC-BZT55B Datasheet
91Kb / 4P
   0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
BZT55C TSC-BZT55C Datasheet
267Kb / 4P
   0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
BZV55B2V4 TSC-BZV55B2V4 Datasheet
259Kb / 4P
   0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
BZV55C TSC-BZV55C Datasheet
64Kb / 4P
   0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
1N47XXAG SECOS-1N47XXAG_15 Datasheet
218Kb / 2P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
ZM4728A TSC-ZM4728A_14 Datasheet
220Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
VLZ SECOS-VLZ_15 Datasheet
416Kb / 5P
   Hermetically Sealed Glass Zener Voltage Regulators
VLZ SECOS-VLZ Datasheet
422Kb / 5P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
ON Semiconductor
BZX55C2V4RL ONSEMI-BZX55C2V4RL Datasheet
252Kb / 10P
   Hermetically Sealed Glass Zener Voltage Regulators
August, 2006 ??Rev. 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com