Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX55-C6V8 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # BZX55-C6V8
Description  500mW Zener Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZX55-C6V8 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  BZX55-C6V8 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZX55-C6V8 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZX55-C6V8 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ELECTRICAL CHARACTERISTICS (TA=25OC unless otherwise noted)
Maximum Typical
Regulator Temp.
Device
IZT
Current Coefficient
Type
ZZT @ IZT
IR
VR(suffix B)
IzM
Min (V) Max (V)
mA
Ohms
Ohms
mA
uA
V
mA
% /
OC
BZX55-C2V2
2.09
2.31
5.0
85
600
1.0
50
1.0
165.0
-0.070
BZX55-C2V4
2.28
2.56
5.0
85
600
1.0
50
1.0
150.0
-0.070
BZX55-C2V7
2.5
2.9
5.0
85
600
1.0
10
1.0
135.0
-0.070
BZX55-C3V0
2.8
3.2
5.0
85
600
1.0
4.0
1.0
125.0
-0.070
BZX55-C3V3
3.1
3.5
5.0
85
600
1.0
2.0
1.0
115.0
-0.065
BZX55-C3V6
3.4
3.8
5.0
85
600
1.0
2.0
1.0
105.0
-0.060
BZX55-C3V9
3.7
4.1
5.0
85
600
1.0
2.0
1.0
95.0
-0.050
BZX55-C4V3
4.0
4.6
5.0
75
600
1.0
1.0
1.0
90.0
-0.025
BZX55-C4V7
4.4
5.0
5.0
60
600
1.0
0.5
1.0
85.0
-0.010
BZX55-C5V1
4.8
5.4
5.0
35
550
1.0
0.1
1.0
80.0
+0.015
BXZ55-C5V6
5.2
6.0
5.0
25
450
1.0
0.1
1.0
70.0
+0.025
BZX55-C6V2
5.8
6.6
5.0
10
200
1.0
0.1
2.0
64.0
+0.035
BZX55-C6V8
6.4
7.2
5.0
8
150
1.0
0.1
3.0
58.0
+0.045
BZX55-C7V5
7.0
7.9
5.0
7
50
1.0
0.1
5.0
53.0
+0.050
BZX55-C8V2
7.7
8.7
5.0
7
50
1.0
0.1
6.0
47.0
+0.050
BZX55-C9V1
8.5
9.6
5.0
10
50
1.0
0.1
7.0
43.0
+0.060
BZX55-C10
9.4
10.6
5.0
15
70
1.0
0.1
7.5
40.0
+0.070
BZX55-C11
10.4
11.6
5.0
20
70
1.0
0.1
8.5
36.0
+0.070
BZX55-C12
11.4
12.7
5.0
20
90
1.0
0.1
9.0
32.0
+0.070
BZX55-C13
12.4
14.1
5.0
26
110
1.0
0.1
10
29.0
+0.070
BZX55-C15
13.8
15.6
5.0
30
110
1.0
0.1
11
27.0
+0.070
BZX55-C16
15.3
17.1
5.0
40
170
1.0
0.1
12
24.0
+0.070
BZX55-C18
16.8
19.1
5.0
50
170
1.0
0.1
14
21.0
+0.070
BZX55-C20
18.8
21.2
5.0
55
220
1.0
0.1
15
20.0
+0.070
BZX55-C22
20.8
23.3
5.0
55
220
1.0
0.1
17
18.0
+0.070
BZX55-C24
22.8
25.6
5.0
80
220
1.0
0.1
18
16.0
+0.080
BZX55-C27
25.1
28.9
5.0
80
220
1.0
0.1
20
14.0
+0.080
BZX55-C30
28
32
5.0
80
220
1.0
0.1
22
13.0
+0.080
BZX55-C33
31
35
5.0
80
220
1.0
0.1
24
12.0
+0.080
BZX55-C36
34
38
5.0
80
220
1.0
0.1
27
11.0
+0.080
BZX55-C39
37
41
2.5
90
500
1.0
0.1
30
10.0
+0.080
BZX55-C43
40
46
2.5
90
600
1.0
0.1
33
9.2
+0.080
BZX55-C47
44
50
2.5
110
700
1.0
0.1
36
8.5
+0.080
BZX55-C51
48
54
2.5
125
700
1.0
0.1
39
7.5
+0.080
Notes: 1. Valid provided that device terminals are kept at ambient temperature.
2. Tested with pulses, 300us pulse width, period = 5ms.
3. f = 1KHz.
ZZK @ IZK
Nominal Zener Voltage
Maximum Zener
Maximum Reverse
Vz at Izt
Impedance
Current
Version: A07


Similar Part No. - BZX55-C6V8

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BZX55-C6V8 GE-BZX55-C6V8 Datasheet
298Kb / 6P
   ZENER DIODES
logo
Micro Commercial Compon...
BZX55-C6V8 MCC-BZX55-C6V8 Datasheet
154Kb / 3P
   500 mWatt Zener Diode 2.42 to 47 Volts
logo
Pan Jit International I...
BZX55-C6V8 PANJIT-BZX55-C6V8 Datasheet
126Kb / 4P
   AXIAL LEAD ZENER DIODES
logo
GOOD-ARK Electronics
BZX55-C6V8 GOOD-ARK-BZX55-C6V8 Datasheet
316Kb / 7P
   Zener Diodes
logo
New Jersey Semi-Conduct...
BZX55-C6V8 NJSEMI-BZX55-C6V8 Datasheet
178Kb / 2P
   ZENER DIODES
More results

Similar Description - BZX55-C6V8

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
BZX55C ZSELEC-BZX55C Datasheet
48Kb / 3P
   500mW ZENER DIODE
logo
Seme LAB
1N750AD1A SEME-LAB-1N750AD1A Datasheet
569Kb / 3P
   500mW ZENER DIODE
logo
Microsemi Corporation
1N5518BUR MICROSEMI-1N5518BUR_08 Datasheet
123Kb / 2P
   ZENER DIODE, 500mW
logo
Zibo Seno Electronic En...
BZX55C2V4 ZSELEC-BZX55C2V4 Datasheet
46Kb / 3P
   500mW ZENER DIODE
LL55C2V4 ZSELEC-LL55C2V4 Datasheet
503Kb / 3P
   500mW ZENER DIODE
logo
Compensated Deuices Inc...
CDLL5518 CDI-DIODE-CDLL5518 Datasheet
94Kb / 2P
   ZENER DIODE, 500mW
logo
Diodes Incorporated
BZX55C2V4 DIODES-BZX55C2V4 Datasheet
168Kb / 3P
   500mW ZENER DIODE
DS18013 Rev. 3 - 3
logo
Cystech Electonics Corp...
ZD5270BSH CYSTEKEC-ZD5270BSH Datasheet
305Kb / 7P
   500mW Zener Diode
logo
Microsemi Corporation
IN5519BUR-1 MICROSEMI-IN5519BUR-1 Datasheet
111Kb / 2P
   ZENER DIODE, 500mW
logo
Cystech Electonics Corp...
ZD5221ASH CYSTEKEC-ZD5221ASH Datasheet
269Kb / 6P
   500mW Zener Diode Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com