Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZV55C18 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # BZV55C18
Description  0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZV55C18 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  BZV55C18 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZV55C18 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZV55C18 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZV55C18 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ELECTRICAL CHARACTERISTICS (TA=25OC unless otherwise noted)
Type
ZZT @ IZT
IR @ VR
Number
VZ
VZ
IZT
Ohms
IZK
ZZK @ IZK
uA
VR
Min (V)
Max (V)
mA
Max
mA
Ohms
Max
V
BZV55C2V0
1.88
2.11
5
100
1.0
600
50
1.0
BZV55C2V2
2.08
2.33
5
100
1.0
600
50
1.0
BZV55C2V4
2.28
2.56
5
85
1.0
600
50
1.0
BZV55C2V7
2.51
2.89
5
85
1.0
600
10
1.0
BZV55C3V0
2.8
3.2
5
85
1.0
600
4
1.0
BZV55C3V3
3.1
3.5
5
85
1.0
600
2
1.0
BZV55C3V6
3.4
3.8
5
85
1.0
600
2
1.0
BZV55C3V9
3.7
4.1
5
85
1.0
600
2
1.0
BZV55C4V3
4.0
4.6
5
75
1.0
600
1
1.0
BZV55C4V7
4.4
5.0
5
60
1.0
600
0.5
1.0
BZV55C5V1
4.8
5.4
5
35
1.0
550
0.1
1.0
BZV55C5V6
5.2
6.0
5
25
1.0
450
0.1
1.0
BZV55C6V2
5.8
6.6
5
10
1.0
200
0.1
2.0
BZV55C6V8
6.4
7.2
5
8
1.0
150
0.1
3.0
BZV55C7V5
7.0
7.9
5
7
1.0
50
0.1
5.0
BZV55C8V2
7.7
8.7
5
7
1.0
50
0.1
6.2
BZV55C9V1
8.5
9.6
5
10
1.0
50
0.1
6.8
BZV55C10
9.4
10.6
5
15
1.0
70
0.1
7.5
BZV55C11
10.4
11.6
5
20
1.0
70
0.1
8.2
BZV55C12
11.4
12.7
5
20
1.0
90
0.1
9.1
BZV55C13
12.4
14.1
5
26
1.0
110
0.1
10
BZV55C15
13.8
15.6
5
30
1.0
110
0.1
11
BZV55C16
15.3
17.1
5
40
1.0
170
0.1
12
BZV55C18
16.8
19.1
5
50
1.0
170
0.1
13
BZV55C20
18.8
21.1
5
55
1.0
220
0.1
15
BZV55C22
20.8
23.3
5
55
1.0
220
0.1
16
BZV55C24
22.8
25.6
5
80
1.0
220
0.1
18
BZV55C27
25.1
28.9
2
80
1.0
220
0.1
20
BZV55C30
28
32
2
80
1.0
220
0.1
22
BZV55C33
31
35
2
80
1.0
220
0.1
24
BZV55C36
34
38
2
80
1.0
220
0.1
27
BZV55C39
37
41
2
90
0.5
500
0.1
28
BZV55C43
40
46
2
90
0.5
600
0.1
32
BZV55C47
44
50
2
110
0.5
700
0.1
35
BZV55C51
48
54
2
125
0.5
700
0.1
38
BZV55C56
52
60
2
135
0.5
1000
0.1
42
BZV55C62
58
66
2.5
150
0.5
1000
0.1
47
BZV55C68
64
72
2.5
160
0.5
1000
0.1
51
BZV55C75
70
80
2.5
170
0.5
1000
0.1
56
VF Forward Voltage = 1.0v Maximum @ IF=100mA for all types.
Notes:
1. The type numbers listed have zener voltage min/max limits as shown.
2. The zener impedance is derived from the 60-cycle ac voltage, which results
when an ac current having an rams value equal to 10% of the dc zener current
(IZT or IZK) is superimposed to IZT or IZK.
Version: B07
VZ @ IZT
(Volts)


Similar Part No. - BZV55C18

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
BZV55C18 CDI-DIODE-BZV55C18 Datasheet
15Kb / 1P
   ZENER DIODES
logo
Microsemi Corporation
BZV55C18 MICROSEMI-BZV55C18 Datasheet
24Kb / 1P
   LEADLESS PACKAGE FOR SURFACE MOUNT
logo
Central Semiconductor C...
BZV55C18 CENTRAL-BZV55C18 Datasheet
81Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 0.5 WATT, 2.4 THRU 75 VOLTS 짹 5ANCE
logo
Continental Device Indi...
BZV55C18 CDIL-BZV55C18 Datasheet
302Kb / 4P
   SILIICON PLANAR ZENER DIODES
logo
EIC discrete Semiconduc...
BZV55C18 EIC-BZV55C18 Datasheet
43Kb / 2P
   ZENER DIODES
More results

Similar Description - BZV55C18

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZV55C2V0 TSC-BZV55C2V0 Datasheet
70Kb / 4P
   0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
BZT55B TSC-BZT55B Datasheet
91Kb / 4P
   0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
BZT55C TSC-BZT55C Datasheet
267Kb / 4P
   0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
BZV55B2V4 TSC-BZV55B2V4 Datasheet
259Kb / 4P
   0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
BZV55B TSC-BZV55B Datasheet
248Kb / 4P
   0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
1N47XXAG SECOS-1N47XXAG_15 Datasheet
218Kb / 2P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
ZM4728A TSC-ZM4728A_14 Datasheet
220Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
VLZ SECOS-VLZ_15 Datasheet
416Kb / 5P
   Hermetically Sealed Glass Zener Voltage Regulators
VLZ SECOS-VLZ Datasheet
422Kb / 5P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
ON Semiconductor
BZX55C2V4RL ONSEMI-BZX55C2V4RL Datasheet
252Kb / 10P
   Hermetically Sealed Glass Zener Voltage Regulators
August, 2006 ??Rev. 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com