Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U834BS Datasheet(PDF) 4 Page - TEMIC Semiconductors

Part # U834BS
Description  3-GHz Frequency Divider
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U834BS Datasheet(HTML) 4 Page - TEMIC Semiconductors

  U834BS Datasheet HTML 1Page - TEMIC Semiconductors U834BS Datasheet HTML 2Page - TEMIC Semiconductors U834BS Datasheet HTML 3Page - TEMIC Semiconductors U834BS Datasheet HTML 4Page - TEMIC Semiconductors U834BS Datasheet HTML 5Page - TEMIC Semiconductors U834BS Datasheet HTML 6Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
U832BS / U834BS
TELEFUNKEN Semiconductors
Rev. A2, 27-Jan-97
4 (6)
Input Impedance S11
–0.2j
–0.5j
–j
–2j
–5j
0
0.2j
0.5j
j
2j
5j
0.
2
0.
5
1
2
5
1
4050
3853
3655
3458
3260
3063
2865
2667
2470
2273
2075
1680
1878
1483
1285
1087
890
693
495
297
10
0
93 7812 e
Figure 4.


Similar Part No. - U834BS

ManufacturerPart #DatasheetDescription
logo
celduc-relais
U8300000 CELDUC-U8300000 Datasheet
38Kb / 1P
   SINGLE CONTROL MAGNET
logo
TEMIC Semiconductors
U833BS TEMIC-U833BS Datasheet
92Kb / 7P
   1.3-GHz Prescaler for PLLs in TV, CATV and SAT TV Tuners
U833BS-FP TEMIC-U833BS-FP Datasheet
92Kb / 7P
   1.3-GHz Prescaler for PLLs in TV, CATV and SAT TV Tuners
U833BS-SP TEMIC-U833BS-SP Datasheet
92Kb / 7P
   1.3-GHz Prescaler for PLLs in TV, CATV and SAT TV Tuners
U833BSE TEMIC-U833BSE Datasheet
92Kb / 7P
   1.3-GHz Prescaler for PLLs in TV, CATV and SAT TV Tuners
More results

Similar Description - U834BS

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
8SDV0500 MIMIX-8SDV0500 Datasheet
260Kb / 5P
   2.0-16.0 GHz GaAs MMIC Frequency Divider
XE1001-BD MIMIX-XE1001-BD Datasheet
1Mb / 1P
   2.0-19.0 GHz GaAs MMIC Frequency Divider
XE1000-BD MIMIX-XE1000-BD Datasheet
162Kb / 5P
   2.0-16.0 GHz GaAs MMIC Frequency Divider
logo
List of Unclassifed Man...
MMC362 ETC1-MMC362 Datasheet
131Kb / 4P
   FREQUENCY DIVIDER
logo
Hittite Microwave Corpo...
HMC983LP5E HITTITE-HMC983LP5E Datasheet
2Mb / 32P
   DC - 7 GHZ FRACTIONAL-N DIVIDER AND FREQUENCY SWEEPER
logo
Pasternack Enterprises,...
PE2027 PASTERNACK-PE2027 Datasheet
102Kb / 1P
   SMA FEMALE POWER DIVIDER FREQUENCY RANGE: 8*18 GHz
PE2043 PASTERNACK-PE2043 Datasheet
104Kb / 1P
   N FEMALE POWER DIVIDER FREQUENCY RANGE:12-18 GHz
logo
Hittite Microwave Corpo...
HMC861LP3E HITTITE-HMC861LP3E Datasheet
989Kb / 8P
   13 GHz LOW NOISE PROGRAMMABLE DIVIDER (N = 1, 3)
logo
Toshiba Semiconductor
TC4521BP TOSHIBA-TC4521BP_07 Datasheet
396Kb / 9P
   24-Stage Frequency Divider
logo
STMicroelectronics
HCF4521B STMICROELECTRONICS-HCF4521B Datasheet
102Kb / 12P
   24 STAGE FREQUENCY DIVIDER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com