Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK50GH065F Datasheet(PDF) 2 Page - Semikron International

Part # SK50GH065F
Description  IGBT Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SK50GH065F Datasheet(HTML) 2 Page - Semikron International

  SK50GH065F Datasheet HTML 1Page - Semikron International SK50GH065F Datasheet HTML 2Page - Semikron International SK50GH065F Datasheet HTML 3Page - Semikron International SK50GH065F Datasheet HTML 4Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Fig.5 Typ. output characteristic, t
p
= 250 µs, 25 °C
Fig.6 Typ. output characteristic, t
p
= 25 µs, 125 °C
Fig.7 Turn-on / -off energy = f (I
C
)
Fig.8 Turn-on / -off energy = f (R
G
)
Fig.9 Typ. gate charge characteristic
Fig.10 Typ. capacitances vs. V
CE
SK 50 GH 065 F
2
03-03-2006 DIL
© by SEMIKRON


Similar Part No. - SK50GH065F

ManufacturerPart #DatasheetDescription
logo
Semikron International
SK50GH065F SEMIKRON-SK50GH065F Datasheet
596Kb / 5P
   IGBT Module
SK50GH065F SEMIKRON-SK50GH065F Datasheet
632Kb / 5P
   IGBT Module
SK50GH065F SEMIKRON-SK50GH065F_07 Datasheet
596Kb / 5P
   IGBT Module
SK50GH065F SEMIKRON-SK50GH065F_09 Datasheet
632Kb / 5P
   IGBT Module
More results

Similar Description - SK50GH065F

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FS10R06VL4B2 EUPEC-FS10R06VL4B2 Datasheet
634Kb / 7P
   IGBT-Module IGBT-modules
FS10R12VT3 EUPEC-FS10R12VT3 Datasheet
653Kb / 8P
   IGBT-Module IGBT-modules
FS10R12YT3 EUPEC-FS10R12YT3 Datasheet
706Kb / 7P
   IGBT-Module IGBT-modules
FZ400R12KS4 EUPEC-FZ400R12KS4 Datasheet
287Kb / 8P
   IGBT-Module / IGBT-inverter
logo
Fuji Electric
1MBI400F-060 FUJI-1MBI400F-060 Datasheet
140Kb / 5P
   IGBT MODULE
1MBI600PX-120-01 FUJI-1MBI600PX-120-01 Datasheet
313Kb / 8P
   IGBT Module
2MBI200LB-060 FUJI-2MBI200LB-060 Datasheet
144Kb / 5P
   IGBT MODULE
6MBI150FB-060 FUJI-6MBI150FB-060 Datasheet
151Kb / 5P
   IGBT MODULE
logo
SanRex Corporation
GAE75AA120 SANREX-GAE75AA120 Datasheet
505Kb / 3P
   IGBT MODULE
logo
List of Unclassifed Man...
FD800R33KF2 ETC1-FD800R33KF2 Datasheet
123Kb / 9P
   IGBT-Module
logo
Fuji Electric
6MBI100FA-060 FUJI-6MBI100FA-060 Datasheet
182Kb / 4P
   IGBT MODULE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com