Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKKH273 Datasheet(PDF) 2 Page - Semikron International

Part # SKKH273
Description  Thyristor / Diode Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SKKH273 Datasheet(HTML) 2 Page - Semikron International

  SKKH273 Datasheet HTML 1Page - Semikron International SKKH273 Datasheet HTML 2Page - Semikron International SKKH273 Datasheet HTML 3Page - Semikron International SKKH273 Datasheet HTML 4Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Fig. 1L Power dissipation per thyristor vs. on-state current
Fig. 1R Power dissipation per thyristor vs. ambient temp.
Fig. 2L Power dissipation per module vs. rms current
Fig. 2R Power dissipation per module vs. case temp.
Fig. 3L Power dissipation of two modules vs. direct current
Fig. 3R Power dissipation of two modules vs. case temp.
RECTIFIER,DIODE,THYRISTOR,MODULE
2
26-07-2007 GIL
© by SEMIKRON


Similar Part No. - SKKH273

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKKH27 SEMIKRON-SKKH27 Datasheet
953Kb / 4P
   Thyristor / Diode Modules
SKKH27/08E SEMIKRON-SKKH27/08E Datasheet
953Kb / 4P
   Thyristor / Diode Modules
SKKH27/12E SEMIKRON-SKKH27/12E Datasheet
953Kb / 4P
   Thyristor / Diode Modules
SKKH27/14E SEMIKRON-SKKH27/14E Datasheet
953Kb / 4P
   Thyristor / Diode Modules
SKKH27/16E SEMIKRON-SKKH27/16E Datasheet
953Kb / 4P
   Thyristor / Diode Modules
More results

Similar Description - SKKH273

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STD200 ETC2-STD200 Datasheet
276Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD320 SIRECTIFIER-STD320 Datasheet
337Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD200 SIRECTIFIER-STD200 Datasheet
276Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
SDT70 SIRECT-SDT70 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD165 SIRECTIFIER-STD165 Datasheet
484Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD253 SIRECTIFIER-STD253 Datasheet
264Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD116 SIRECTIFIER-STD116 Datasheet
500Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD70 SIRECTIFIER-STD70 Datasheet
486Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD27 SIRECTIFIER-STD27 Datasheet
478Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
SDT18 SIRECT-SDT18 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
SDT116 SIRECT-SDT116 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com