Electronic Components Datasheet Search |
|
ACS713ELCTR-30A-T Datasheet(PDF) 6 Page - Allegro MicroSystems |
|
ACS713ELCTR-30A-T Datasheet(HTML) 6 Page - Allegro MicroSystems |
6 / 13 page Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor ACS713 6 Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com –40 25 85 150 TA (°C) –40 25 –20 85 125 TA (°C) IP = 0 A IP = 0 A VCC = 5 V VCC = 5 V VCC = 5 V VCC = 5 V; IP = 0 A, After excursion to 20 A Mean Supply Current versus Ambient Temperature Sensitivity versus Sensed Current 200.00 198.00 196.00 194.00 192.00 190.00 188.00 186.00 184.00 182.00 180.00 178.00 176.00 174.00 Ip (A) TA (°C) TA (°C) 10.5 10.4 10.3 10.2 10.1 10.0 9.9 9.8 9.7 9.6 -50 -25 0 25 50 75 125 100 150 Supply Current versus Supply Voltage 11.2 11.0 10.8 10.6 10.4 10.2 10.0 9.8 9.6 VCC (V) Nonlinearity versus Ambient Temperature 0.35 0.30 0.25 0.20 0.15 0.10 0.05 0 –50 0 –25 25 50 125 75 100 150 TA (°C) Mean Total Output Error versus Ambient Temperature 10 8 6 4 2 0 –2 –4 –6 –8 –50 0 –25 25 50 125 75 100 150 010 515 20 25 IP (A) Output Voltage versus Sensed Current 5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 4.5 4.6 4.8 4.7 4.9 5.0 5.3 5.15.2 5.45.5 188 187 186 185 184 183 182 TA (°C) Sensitivity versus Ambient Temperature –50 0 –25 25 50 125 75 100 150 TA (°C) 0 –0.5 –1.0 –1.5 –2.0 –2.5 –3.0 –3.5 –4.0 –4.5 –5.0 -50 -25 0 25 50 75 125 100 150 Magnetic Offset versus Ambient Temperature 0 A Output Voltage versus Ambient Temperature TA (°C) 525 520 515 510 505 500 495 490 -50 -25 0 25 50 75 125 100 150 0 A Output Voltage Current versus Ambient Temperature TA (°C) –19.75 –19.80 –19.85 –19.90 –19.95 –20.00 –20.05 –20.10 -50 -25 0 25 50 75 125 100 150 0 5 10 15 20 25 Characteristic Performance IP = 20 A, unless otherwise specified |
Similar Part No. - ACS713ELCTR-30A-T |
|
Similar Description - ACS713ELCTR-30A-T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |