Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5066BRUZ-1 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5066BRUZ-1
Description  Fully Accurate 16-Bit UnBuffered VOUT DAC SPI Interface 2.7 V to 5.5 V in a TSSOP
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5066BRUZ-1 Datasheet(HTML) 1 Page - Analog Devices

  AD5066BRUZ-1 Datasheet HTML 1Page - Analog Devices AD5066BRUZ-1 Datasheet HTML 2Page - Analog Devices AD5066BRUZ-1 Datasheet HTML 3Page - Analog Devices AD5066BRUZ-1 Datasheet HTML 4Page - Analog Devices AD5066BRUZ-1 Datasheet HTML 5Page - Analog Devices AD5066BRUZ-1 Datasheet HTML 6Page - Analog Devices AD5066BRUZ-1 Datasheet HTML 7Page - Analog Devices AD5066BRUZ-1 Datasheet HTML 8Page - Analog Devices AD5066BRUZ-1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Fully Accurate 16-Bit UnBuffered VOUT DAC SPI
Interface 2.7 V to 5.5 V in a TSSOP
Preliminary Technical Data
AD5066
Rev. PrB
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2007 Analog Devices, Inc. All rights reserved.
FEATURES
Low power Quad 16 bit DAC, ± 1LSB INL
Individual reference pins
2.7 V to 5.5 V power supply
Unbuffered voltage output capable of driving 60KΩ
Fast Settling time of 4 us typically
Power-on reset to zero scale or mid-scale
Per channel power-down
3 power-down functions
Low glitch on power up
Hardware LDAC with LDAC override function
CLR Function to programmable code
Small 16 lead TSSOP
APPLICATIONS
Process control
Data acquisition systems
Portable battery-powered instruments
Digital gain and offset adjustment
Programmable voltage and current sources
Programmable attenuators
FUNCTIONAL BLOCK DIAGRAMS
Figure 1.AD5066
Table 1. Related Devices
Part No.
Description
AD5666
Quad,16-bit buffered D/A,16 LSB INL, TSSOP
AD5065/45/25
Quad,16-bit buffered D/A,1 LSB INL, TSSOP
AD5064/44/24
Quad 16-bit nanoDAC, 1 LSB INL, TSSOP
AD5063/62
16-bit nanoDAC, 1 LSB INL, MSOP
AD5061
16-/14bit nanoDAC, 4 LSB INL, SOT-23
AD5060/40
16-/14bit nanoDAC, 1 LSB INL, SOT-23
GENERAL DESCRIPTION
The AD5066 is a low power, 16-bit quad-channel, unbuffered
voltage-out DAC offering relative accuracy specs of 1LSB INL
with individual reference pin and can operate from a single
2.7V to 5.5V. The AD5066 parts also offer a differential
accuracy specification of ±1 LSB. Reference buffers are also
provided on-chip. The parts use a versatile 3-wire, low power
Schmitt trigger serial interface that operates at clock rates up to
50 MHz and is compatible with standard SPI®, QSPI™,
MICROWIRE™, and DSP interface standards. The AD5066
incorporates a power-on reset circuit that ensures the DAC
output powers up zero scale or midscale and remains there until
a valid write takes place to the device. The AD5066 contain a
power-down feature that reduces the current consumption of
the device to typically 330 nA at 5 V and provides software
selectable output loads while in power-down mode. The part
can be placed into power-down mode over the serial interface.
Total unadjusted error for the part is <0.8 mV. Both parts
exhibit very low glitch on power-up.
The outputs of all DACs can be updated simultaneously using
the LDAC function, with the added functionality of user-select-
able DAC channels to simultaneously update. There is also an
asynchronous CLR that clears all DACs to a software-selectable
code - 0 V, midscale, or full scale.
PRODUCT HIGHLIGHTS
1.
Quad channel available in 16-lead TSSOP package.
2.
Individual voltage reference pins
3.
16 bit accurate, 1 LSB INL.
4.
Low glitch on power-up.
5.
High speed serial interface with clock speeds up to 50 MHz.
6.
Three power-down modes available to the user.
7.
Reset to known output voltage (zero scale).


Similar Part No. - AD5066BRUZ-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5066BRUZ-REEL7 AD-AD5066BRUZ-REEL7 Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
AD5066BRUZ-REEL7 AD-AD5066BRUZ-REEL7 Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface
REV. A
More results

Similar Description - AD5066BRUZ-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5066 AD-AD5066_15 Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
AD5066BRUZ AD-AD5066BRUZ Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
AD5025 AD-AD5025 Datasheet
1Mb / 33P
   Fully Accurate 12-/14-/16-Bit VOUT DAC SPI Interface 2.7 V to 5.5 V in a TSSOP
Rev. PrB
AD5063 AD-AD5063_09 Datasheet
350Kb / 20P
   Fully Accurate 16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V in an MSOP
REV. C
AD5063 AD-AD5063_15 Datasheet
350Kb / 20P
   Fully Accurate 16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V in an MSOP
REV. C
AD5025 AD-AD5025_15 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
REV. 0
AD5025 AD-AD5025_08 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
REV. 0
AD5045 AD-AD5045_15 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
REV. 0
AD5065 AD-AD5065_15 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
REV. 0
AD5064BRUZ-1 AD-AD5064BRUZ-1 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com