Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-CONTROLBRD3Z Datasheet(PDF) 3 Page - Analog Devices

Part # EVAL-CONTROLBRD3Z
Description  18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/QFN
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-CONTROLBRD3Z Datasheet(HTML) 3 Page - Analog Devices

  EVAL-CONTROLBRD3Z Datasheet HTML 1Page - Analog Devices EVAL-CONTROLBRD3Z Datasheet HTML 2Page - Analog Devices EVAL-CONTROLBRD3Z Datasheet HTML 3Page - Analog Devices EVAL-CONTROLBRD3Z Datasheet HTML 4Page - Analog Devices EVAL-CONTROLBRD3Z Datasheet HTML 5Page - Analog Devices EVAL-CONTROLBRD3Z Datasheet HTML 6Page - Analog Devices EVAL-CONTROLBRD3Z Datasheet HTML 7Page - Analog Devices EVAL-CONTROLBRD3Z Datasheet HTML 8Page - Analog Devices EVAL-CONTROLBRD3Z Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD7984
Rev. 0 | Page 3 of 24
SPECIFICATIONS
VDD = 2.5 V, VIO = 2.3 V to 5.5 V, REF = 5 V, TA = −40°C to +85°C, unless otherwise noted.
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
RESOLUTION
18
Bits
ANALOG INPUT
Voltage Range
IN+ − IN−
−VREF
+VREF
V
Absolute Input Voltage
IN+, IN−
−0.1
VREF + 0.1
V
Common-Mode Input Range
IN+, IN−
VREF × 0.475
VREF × 0.5
VREF × 0.525
V
Analog Input CMRR
fIN = 450 kHz
67
dB1
Leakage Current at 25°C
Acquisition phase
200
nA
Input Impedance
See the Analog Inputs section
ACCURACY
No Missing Codes
18
Bits
Differential Linearity Error
−1
+1.5
LSB2
Integral Linearity Error
−2.25
+2.25
LSB2
Transition Noise
0.95
LSB2
Gain Error, TMIN to TMAX3
−0.075
±0.022
+0.075
% of FS
Gain Error Temperature Drift
−0.6
ppm/°C
Zero Error, TMIN to TMAX3
−700
±100
+700
μV
Zero Temperature Drift
0.3
ppm/°C
Power Supply Sensitivity
VDD = 2.5 V
± 5%
90
dB1
THROUGHPUT
Conversion Rate
0
1.33
MSPS
Transient Response
Full-scale step
290
ns
AC ACCURACY
Dynamic Range
VREF = 5 V
99.7
dB1
Signal-to-Noise, SNR
fIN = 1 kHz, VREF = 5 V, TA = 25°C
96.5
98.5
dB1
Spurious-Free Dynamic Range, SFDR
fIN = 10 kHz
112.5
dB1
Total Harmonic Distortion4, THD
fIN = 10 kHz
−110.5
dB1
Signal-to-(Noise + Distortion), SINAD
fIN = 10 kHz, VREF = 5 V, TA = 25°C
98
dB1
1 All specifications expressed in decibels are referred to a full-scale input FSR and tested with an input signal at 0.5 dB below full scale, unless otherwise specified.
2 LSB means least significant bit. With the ±5 V input range, one LSB is 38.15 μV.
3 See Terminology section. These specifications include full temperature range variation but not the error contribution from the external reference.
4 Tested fully in production at fIN = 1 kHz.


Similar Part No. - EVAL-CONTROLBRD3Z

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-CONTROLBRD3Z AD-EVAL-CONTROLBRD3Z Datasheet
542Kb / 28P
   16-Bit, 8-Channel, 500 kSPS PulSAR ADC
REV. 0
EVAL-CONTROLBRD3Z AD-EVAL-CONTROLBRD3Z Datasheet
484Kb / 28P
   16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. C
EVAL-CONTROLBRD3Z AD-EVAL-CONTROLBRD3Z Datasheet
437Kb / 28P
   16-Bit, 1.5 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/QFN
Rev. A
EVAL-CONTROLBRD3Z AD-EVAL-CONTROLBRD3Z Datasheet
470Kb / 17P
   16-Bit, 100 kSPS, Single-Ended PulSAR ADC in MSOP/QFN
EVAL-CONTROLBRD3Z AD-EVAL-CONTROLBRD3Z Datasheet
506Kb / 29P
   18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC
More results

Similar Description - EVAL-CONTROLBRD3Z

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7984 AD-AD7984_17 Datasheet
657Kb / 25P
   18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/LFCSP
AD7984 AD-AD7984_15 Datasheet
594Kb / 24P
   18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/LFCSP
REV. B
AD7983 AD-AD7983 Datasheet
612Kb / 24P
   16-Bit, 1.33 MSPS PulSAR ADC in MSOP/QFN
REV. 0
AD7983 AD-AD7983_17 Datasheet
584Kb / 25P
   16-Bit, 1.33 MSPS PulSAR ADC in MSOP/QFN
AD7983 AD-AD7983_15 Datasheet
512Kb / 24P
   16-Bit, 1.33 MSPS PulSAR ADC in MSOP/QFN
REV. B
AD7982BRMZ AD-AD7982BRMZ Datasheet
672Kb / 24P
   18-Bit, 1 MSPS PulSAR 7.0 mW ADC in MSOP/QFN
REV. A
AD7982 AD-AD7982_15 Datasheet
2Mb / 25P
   18 Bit 1 MSPS PulSAR 7.0 mW ADC in MSOP QFN
REV. C
AD7982BRMZRL7 AD-AD7982BRMZRL7 Datasheet
570Kb / 24P
   18-Bit, 1 MSPS PulSAR 7.0 mW ADC in MSOP/QFN
REV. B
AD7982 AD-AD7982 Datasheet
416Kb / 23P
   18-bit, 1 MSPS PulSAR ADC in MSOP/QFN
Rev PrC
AD7980-EP AD-AD7980-EP Datasheet
292Kb / 12P
   16-Bit, 1 MSPS PulSAR ADC in MSOP QFN
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com