Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82422H1334+000 Datasheet(PDF) 3 Page - EPCOS

Part # B82422H1334+000
Description  SIMID 1210−H
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82422H1334+000 Datasheet(HTML) 3 Page - EPCOS

  B82422H1334+000 Datasheet HTML 1Page - EPCOS B82422H1334+000 Datasheet HTML 2Page - EPCOS B82422H1334+000 Datasheet HTML 3Page - EPCOS B82422H1334+000 Datasheet HTML 4Page - EPCOS B82422H1334+000 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Please read the important notes
at the end of this document
Characteristics and ordering codes
LR
Toler−
ance 1)
Qmin
fL;fQ
IR
Rmax
fres,min
Ordering code 2)
( 180−mm reel)
m
H
MHz
mA
MHz
Core material: ferrite
1,0
1,5
2,2
"
10%
¢
K
8
8
8
7,96
7,96
7,96
1150
900
800
0,10
0,14
0,16
150
110
90
B82422H1102K000
B82422H1152K000
B82422H1222K000
3,3
4,7
6,8
"
5%
¢
J
"
10%
¢
K
8
8
8
7,96
7,96
7,96
770
700
570
0,18
0,25
0,35
70
46
35
B82422H1332+000
B82422H1472+000
B82422H1682+000
10
15
22
"
5%
¢
J
"
10%
¢
K
12
12
12
2,52
2,52
2,52
500
390
330
0,46
0,72
1,00
30
26
21
B82422H1103+000
B82422H1153+000
B82422H1223+000
33
47
68
"
5%
¢
J
"
10%
¢
K
15
15
15
2,52
2,52
2,52
280
230
180
1,40
2,10
3,40
15
12
10
B82422H1333+000
B82422H1473+000
B82422H1683+000
100
150
220
"
5%
¢
J
"
10%
¢
K
20
20
20
0,796
0,796
0,796
150
120
100
4,80
7,50
10,90
8,0
6,0
5,5
B82422H1104+000
B82422H1154+000
B82422H1224+000
330
470
680
"
5%
¢
J
"
10%
¢
K
20
20
20
0,796
0,796
0,796
90
76
61
13,00
20,00
31,00
4,5
3,5
3,0
B82422H1334+000
B82422H1474+000
B82422H1684+000
1) Closer tolerances and special versions upon request.
2) Replace the + by the code letter for the required inductance tolerance.
SMT Inductors, SIMID Series
B82422H
SIMID 1210−H
Hugo ist doof BNR
B82422−H1*−3−7659
28.06.2006


Similar Part No. - B82422H1334+000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82422H1334+000 EPCOS-B82422H1334+000 Datasheet
276Kb / 5P
   SMT Inductors, SIMID Series
More results

Similar Description - B82422H1334+000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82422H1474K EPCOS-B82422H1474K Datasheet
484Kb / 8P
   SMT inductors SIMID series, SIMID 1210-H
B82422H EPCOS-B82422H_12 Datasheet
484Kb / 8P
   SMT inductors SIMID series, SIMID 1210-H Ferrite drum core
B82422H1223K EPCOS-B82422H1223K Datasheet
276Kb / 5P
   SMT Inductors, SIMID Series SIMID 1210?묱
B82442H EPCOS-B82442H_12 Datasheet
484Kb / 9P
   SMT inductors SIMID series, SIMID 2220-H Upright ferrite drum core
B82432C EPCOS-B82432C Datasheet
128Kb / 8P
   SIMID series, SIMID 1812-C
B82432T EPCOS-B82432T Datasheet
127Kb / 8P
   SIMID series, SIMID 1812-T
B82498F3820J EPCOS-B82498F3820J Datasheet
490Kb / 10P
   SIMID series, SIMID 0805-F
B32496-C EPCOS-B32496-C Datasheet
74Kb / 6P
   SMT Inductors, SIMID Series SIMID 0603-C
B82498F EPCOS-B82498F Datasheet
78Kb / 7P
   SMT Inductors, SIMID Series SIMID 0805-F
B84113H0000B030 EPCOS-B84113H0000B030 Datasheet
292Kb / 14P
   2−line filters SIFI−H for very high insertion loss
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com