Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDP2614 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDP2614
Description  200V N-Channel PowerTrench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP2614 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDP2614 Datasheet HTML 1Page - Fairchild Semiconductor FDP2614 Datasheet HTML 2Page - Fairchild Semiconductor FDP2614 Datasheet HTML 3Page - Fairchild Semiconductor FDP2614 Datasheet HTML 4Page - Fairchild Semiconductor FDP2614 Datasheet HTML 5Page - Fairchild Semiconductor FDP2614 Datasheet HTML 6Page - Fairchild Semiconductor FDP2614 Datasheet HTML 7Page - Fairchild Semiconductor FDP2614 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
www.fairchildsemi.com
FDP2614 Rev. A
Package Marking and Ordering Information
Electrical Characteristics T
C = 25°C unless otherwise noted
Notes:
1. Repetitive Rating: Pulse width limited by maximum junction temperature
2. L = 1mH, IAS = 17A, VDD = 50V, RG = 25Ω, Starting TJ = 25°C
3. ISD ≤ 62A, di/dt ≤ 100A/μs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test: Pulse width
≤ 300μs, Duty Cycle ≤ 2%
5. Essentially Independent of Operating Temperature Typical Characteristics
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDP2614
FDP2614
TO-220
-
-
50
Symbol
Parameter
Conditions
Min
Typ
Max Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250μA, TJ = 25°C
200
--
--
V
ΔBVDSS
ΔTJ
Breakdown Voltage Temperature
Coefficient
ID = 250μA, Referenced to 25°C
--
0.2
--
V/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = 200V, VGS = 0V
VDS = 200V, VGS = 0V, TJ = 125°C
--
--
--
--
10
500
μA
μA
IGSSF
Gate-Body Leakage Current, Forward
VGS = 30V, VDS = 0V
--
--
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -30V, VDS = 0V
--
--
-100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250μA
3.0
4.0
5.0
V
RDS(on)
Static Drain-Source On-Resistance
VGS = 10V, ID = 31A
--
22.9
27
m
Ω
gFS
Forward Transconductance
VDS = 10V, ID = 31A
(Note 4)
--
72
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 25V, VGS = 0V
f = 1.0MHz
--
5435
7230
pF
Coss
Output Capacitance
--
505
675
pF
Crss
Reverse Transfer Capacitance
--
110
165
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 100V, ID = 62A
VGS = 10V, RGEN = 25Ω
(Note 4, 5)
--
77
165
ns
tr
Turn-On Rise Time
--
284
560
ns
td(off)
Turn-Off Delay Time
--
103
220
ns
tf
Turn-Off Fall Time
--
162
335
ns
Qg
Total Gate Charge
VDS = 100V, ID = 62A
VGS = 10V
(Note 4, 5)
--
76
99
nC
Qgs
Gate-Source Charge
--
35
--
nC
Qgd
Gate-Drain Charge
--
18
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
62
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
186
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0V, IS = 62A
--
--
1.2
V
trr
Reverse Recovery Time
VGS = 0V, IS = 62A
dIF/dt =100A/μs
(Note 4)
--
145
--
ns
Qrr
Reverse Recovery Charge
--
0.81
--
μC


Similar Part No. - FDP2614

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDP2614 ISC-FDP2614 Datasheet
328Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDP2614

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC2612 FAIRCHILD-FDC2612 Datasheet
201Kb / 5P
   200V N-Channel PowerTrench MOSFET
logo
Kersemi Electronic Co.,...
KSM2614 KERSEMI-KSM2614 Datasheet
1Mb / 7P
   200V N-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
FDP2670 FAIRCHILD-FDP2670 Datasheet
83Kb / 5P
   200V N-Channel PowerTrench MOSFET
FDS2170N3 FAIRCHILD-FDS2170N3 Datasheet
201Kb / 6P
   200V N-Channel PowerTrench??MOSFET
logo
Guangdong Kexin Industr...
KDB2670 KEXIN-KDB2670 Datasheet
51Kb / 2P
   200V N-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
FDS2670 FAIRCHILD-FDS2670 Datasheet
339Kb / 8P
   200V N-Channel PowerTrench MOSFET
FDD2612 FAIRCHILD-FDD2612 Datasheet
110Kb / 5P
   200V N-Channel PowerTrench MOSFET
FDB2614 FAIRCHILD-FDB2614 Datasheet
759Kb / 8P
   200V N-Channel PowerTrench MOSFET
FDD2670 FAIRCHILD-FDD2670 Datasheet
95Kb / 5P
   200V N-Channel PowerTrench MOSFET
FDS2170N7 FAIRCHILD-FDS2170N7 Datasheet
209Kb / 6P
   200V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com