Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAT1111C-EL-E Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HAT1111C-EL-E
Description  Silicon P Channel MOS FET Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT1111C-EL-E Datasheet(HTML) 6 Page - Renesas Technology Corp

  HAT1111C-EL-E Datasheet HTML 1Page - Renesas Technology Corp HAT1111C-EL-E Datasheet HTML 2Page - Renesas Technology Corp HAT1111C-EL-E Datasheet HTML 3Page - Renesas Technology Corp HAT1111C-EL-E Datasheet HTML 4Page - Renesas Technology Corp HAT1111C-EL-E Datasheet HTML 5Page - Renesas Technology Corp HAT1111C-EL-E Datasheet HTML 6Page - Renesas Technology Corp HAT1111C-EL-E Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
HAT1111C
R07DS1177EJ0700 Rev.7.00
Page 6 of 6
Mar 19, 2014
Package Dimensions
D
A
AA
A
A
A2
A1
L
LP
S
S
S
y
b
b1
l1
M
x
EHE
e
e
e1
c
Pattern of terminal position areas
A
A1
A2
b
c
D
E
e
HE
L
LP
x
y
b1
e1
l1
0.7
0
0.7
0.15
0.1
1.9
1.6
2.05
0.1
0.15
0.2
0.15
2.0
1.7
0.65
2.1
0.2
1.9
0.8
0.01
0.79
0.3
0.25
2.1
1.8
2.15
0.3
0.45
0.05
0.05
0.3
0.4
Dimension in Millimeters
Reference
Symbol
Min
Nom
Max
0.0065g
MASS[Typ.]
CMFPAK-6 / CMFPAK-6V
PWSF0006JA-A
RENESAS Code
JEITA Package Code
Previous Code
b
A-A Section
c
Package Name
CMFPAK-6
Ordering Information
Orderable Part Number
Quantity
Shipping Container
HAT1111C-EL-E
3000 pcs
Taping


Similar Part No. - HAT1111C-EL-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT1111C RENESAS-HAT1111C Datasheet
122Kb / 7P
   Silicon P Channel MOS FET
HAT1111C RENESAS-HAT1111C_15 Datasheet
122Kb / 7P
   Silicon P Channel MOS FET Power Switching
HAT1111C RENESAS-HAT1111C_16 Datasheet
387Kb / 7P
   -60V, -2A, 307m max Silicon P Channel MOS FET Power Switching
More results

Similar Description - HAT1111C-EL-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT1091C RENESAS-HAT1091C Datasheet
88Kb / 7P
   Silicon P Channel MOS FET Power Switching
RQJ0301HGDQS RENESAS-RQJ0301HGDQS Datasheet
97Kb / 7P
   Silicon P Channel MOS FET Power Switching
HAT1096C RENESAS-HAT1096C Datasheet
82Kb / 7P
   Silicon P Channel MOS FET Power Switching
RQJ0304DQDQS RENESAS-RQJ0304DQDQS Datasheet
120Kb / 8P
   Silicon P Channel MOS FET Power Switching
HITJ0201MP RENESAS-HITJ0201MP Datasheet
91Kb / 7P
   Silicon P Channel MOS FET Power Switching
HAT1094C RENESAS-HAT1094C_15 Datasheet
88Kb / 7P
   Silicon P Channel MOS FET Power Switching
HAT1091C RENESAS-HAT1091C_15 Datasheet
99Kb / 7P
   Silicon P Channel MOS FET Power Switching
RQJ0602EGDQS RENESAS-RQJ0602EGDQS_15 Datasheet
116Kb / 9P
   Silicon P Channel MOS FET Power Switching
RQJ0302NGDQA RENESAS-RQJ0302NGDQA_11 Datasheet
88Kb / 7P
   Silicon P Channel MOS FET Power Switching
HITJ0203MP RENESAS-HITJ0203MP_13 Datasheet
105Kb / 7P
   Silicon P Channel MOS FET Power Switching
RQJ0202VGDQA RENESAS-RQJ0202VGDQA_15 Datasheet
171Kb / 8P
   Silicon P Channel MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com