Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI74LVTCH16244 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI74LVTCH16244
Description  3.3V 16-Bit Buffer/Line Driver with 3-State Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74LVTCH16244 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI74LVTCH16244 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74LVTCH16244 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74LVTCH16244 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74LVTCH16244 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74LVTCH16244 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74LVTCH16244 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74LVTCH16244 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
PS8650B
06/05/06
PI74LVTCH16244
3.3V 16-Bit Buffer/Line Driver
with 3-State Outputs
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Maximum Ratings
(Above which the useful life may be impaired.
For user guidelines, not tested.)
Supply voltage range, VCC .............................. –0.5V to+6.5V
Input voltage range, VI(1) ................................. –0.5V to+6.5V
Voltage range applied to any output in the
high-impedance or power-off state, VO(1) ........ –0.5V to+6.5V
Voltage range applied to any output in the
active state, VO(1,2) .................................... –0.5VtoVCC+0.5V
Input clamp current, IIK (VI <0) ..................................... –50mA
Output clamp current, IOK (VO <0) ............................... –50mA
Continous Output Current IO ....................................... ±50mA
ContinousCurrentthrougheachVCCorGNDpin .............. ±100mA
Package thermal impedance,
θJA(3) ............................ 104°C/W
Storage Temperature range, Tstg ..................... –65°Cto150°C
1. Input negative-voltage and output voltage ratings may be ex-
ceeded if the input and output clamp current ratings are observed.
2. This value is limited to 6.5V maximum.
3. The package thermal impedance is calculated in accordance with
JESD51.
Notes:
Stresses greater than those listed under MAXIMUM RATINGS
may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
s
t
u
p
n
Is
t
u
p
t
u
O
E
O
xx
A
xx
Y
x
LH
H
LL
L
HX
Z
Product Pin Description
Truth Table(1)
Product Pin Configuration
Notes:
1. H = High Signal Level
L = Low Signal Level
X = Don’t Care or Irrelevant
Z = High Impedance
1
2
3
4
5
6
7
8
9
48
10
47
11
46
12
45
13
44
14
43
15
42
16
41
17
40
18
39
19
38
20
37
21
36
22
35
23
34
24
33
32
31
30
29
28
27
26
25
1OE
1Y1
1Y2
GND
GND
GND
GND
VCC
VCC
4OE
1Y3
1Y4
2Y1
2Y2
2Y3
2Y4
3Y1
3Y2
3Y3
3Y4
4Y1
4Y2
4Y3
4Y4
2OE
1A1
1A2
GND
GND
GND
GND
VCC
VCC
3OE
1A3
1A4
2A1
2A2
2A3
2A4
3A1
3A2
3A3
3A4
4A1
4A2
4A3
4A4
e
m
a
N
n
i
Pn
o
i
t
p
i
r
c
s
e
D
E
O
x)
W
O
L
e
v
it
c
A
(
s
t
u
p
n
I
e
l
b
a
n
E
t
u
p
t
u
O
e
t
a
t
S
-
3
x
A
xs
t
u
p
n
I
x
Y
xs
t
u
p
t
u
O
e
t
a
t
S
-
3
D
N
Gd
n
u
o
r
G
V C
C
r
e
w
o
P
06-0214


Similar Part No. - PI74LVTCH16244

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74LVTCH16245 PERICOM-PI74LVTCH16245 Datasheet
308Kb / 7P
   3.3V 16-Bit Bi-Directional Transceiver with 3-State Outputs
PI74LVTCH16245A PERICOM-PI74LVTCH16245A Datasheet
308Kb / 7P
   3.3V 16-Bit Bi-Directional Transceiver with 3-State Outputs
PI74LVTCH16245AE PERICOM-PI74LVTCH16245AE Datasheet
308Kb / 7P
   3.3V 16-Bit Bi-Directional Transceiver with 3-State Outputs
More results

Similar Description - PI74LVTCH16244

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74LVTC16244 PERICOM-PI74LVTC16244 Datasheet
165Kb / 8P
   3.3V 16-Bit Buffer/Line Driver with 3-State Outputs
logo
Fairchild Semiconductor
74FR16540 FAIRCHILD-74FR16540 Datasheet
52Kb / 6P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
logo
Micro Linear Corporatio...
ML65F16244 MICRO-LINEAR-ML65F16244 Datasheet
203Kb / 10P
   16-Bit Buffer/Line Driver with 3-State Outputs
logo
Fairchild Semiconductor
74ACTQ16244 FAIRCHILD-74ACTQ16244 Datasheet
102Kb / 7P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
74FR16541 FAIRCHILD-74FR16541 Datasheet
52Kb / 6P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
logo
Potato Semiconductor Co...
PO74G16244A POTATO-PO74G16244A Datasheet
512Kb / 6P
   16-Bit Buffer/Line Driver with 3-State Outputs
logo
Fairchild Semiconductor
74ACTQ16541 FAIRCHILD-74ACTQ16541 Datasheet
85Kb / 7P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
74AC16244 FAIRCHILD-74AC16244 Datasheet
87Kb / 7P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
74ACT16244 FAIRCHILD-74ACT16244 Datasheet
80Kb / 7P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
74ACT16541 FAIRCHILD-74ACT16541 Datasheet
80Kb / 6P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com