Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM894051C25 Datasheet(PDF) 11 Page - SyncMOS Technologies,Inc

Part # SM894051C25
Description  8-Bits Micro-controller With 4KB Flash ROM embedded
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM894051C25 Datasheet(HTML) 11 Page - SyncMOS Technologies,Inc

Back Button SM894051C25 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM894051C25 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM894051C25 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM894051C25 Datasheet HTML 10Page - SyncMOS Technologies,Inc SM894051C25 Datasheet HTML 11Page - SyncMOS Technologies,Inc SM894051C25 Datasheet HTML 12Page - SyncMOS Technologies,Inc SM894051C25 Datasheet HTML 13Page - SyncMOS Technologies,Inc SM894051C25 Datasheet HTML 14Page - SyncMOS Technologies,Inc SM894051C25 Datasheet HTML 15Page - SyncMOS Technologies,Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
SyncMOS Technologies International, Inc.
SM894051
8-Bits Micro-controller
With 4KB Flash ROM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
SM894051
V1.4
09 /2006
11
I/O are provided with LED driving capacity
LEDEN (LEDENP1, 93H)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
LEDEN
P17
LEDEN
P16
LEDEN
P15
LEDEN
P14
LEDEN
P13
LEDEN
P12
LEDEN
P11
LEDEN
P10
LEDEN (LEDENP3, 95H)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
LEDEN
P37
Unused
LEDEN
P35
LEDEN
P34
LEDEN
P33
LEDEN
P32
LEDEN
P31
LEDEN
P30
When I/O Ports (Port1 & Port3) output low voltage, they are provided with more sink current (IIL about 20mA) to
drive LED by setting LED enable bit.
For example, when setting LEDNP1 [0] to high then P1.0 is provided with more sink current (IIL) to drive LED. And
so on, each I/O can be set to drive LED by setting correspondent register.
Extension Function Description
Watch Dog Timer
The Watch Dog Timer (WDT) is a 16-bits free-running counter that generate reset signal if the counter overflows.
The WDT is useful for systems that are susceptible to noise, power glitches, or electronics discharge which causing
software dead loop or runaway. The WDT function can help user software recover from abnormal software condition.
The WDT is different from Timer0, Timer1 of general 8051. To prevent a WDT reset can be done by software
periodically clearing the WDT counter. User should check WDR bit of SCONF register whenever unpracticed reset
happened.
The purpose of the secure procedure is to prevent the WDTC value from being changed when system runaway.
There is a 250KHz RC oscillator embedded in chip. Set WDTE = “1” will enable the RC oscillator and the frequency
is independent to the system frequency.
To enable the WDT is done by setting 1 to the bit 7 (WDTE) of WDTC. After WDTE set to 1, the 16-bits counter
starts to count with the RC oscillator. It will generate a reset signal when overflows. The WDTE bit will be cleared to
0 automatically when SM894051 been reset, either hardware reset or WDT reset.
To reset the WDT is done by setting 1 to the CLEAR bit of WDTC before the counter overflow. This will clear the
content of the 16-bits counter and let the counter re-start to count from the beginning.
Watch Dog Timer Registers
Watch Dog Key Register
WDTKEY ($97)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
WDT KEY7 WDT KEY6
WDT KEY5
WDT KEY4 WDT KEY3 WDT KEY2 WDT KEY1 WDT KEY0
By default, the WDTC is read only. User needs to write values 1EH, 0E1H sequentially to the WDTKEY (97H)
register to enable the WDTC write attribute, which is
MOV WDTKEY, # 01EH
MOV WDTKEY, # 0E1H
When WDTC is set, user need to write another values E1H, 1EH sequentially to the WDTKEY (97H) register to
disable the WDTC write attribute, That is
MOV WDTKEY, # 0E1H
MOV WDTKEY, # 01EH


Similar Part No. - SM894051C25

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM89516 SYNCMOS-SM89516 Datasheet
436Kb / 19P
   8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM89516AC25 SYNCMOS-SM89516AC25 Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
More results

Similar Description - SM894051C25

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM8951A SYNCMOS-SM8951A_06 Datasheet
813Kb / 16P
   8-Bits Micro-controller With 4/8KB flash embedded
SM79164 SYNCMOS-SM79164 Datasheet
453Kb / 25P
   8 - Bit Micro-controller with 64KB flash & 4KB RAM embedded
SM89516A SYNCMOS-SM89516A_06 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM8954A SYNCMOS-SM8954A Datasheet
875Kb / 23P
   8-Bits Micro-controller With 16KB flash & 1KB RAM embedded
SM8958A SYNCMOS-SM8958A_06 Datasheet
887Kb / 23P
   8-Bits Micro-controller With 32KB flash & 1KB RAM embedded
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM89S16R1 SYNCMOS-SM89S16R1 Datasheet
416Kb / 28P
   8-Bits Micro-controller With 64KB Flash ROM & IKB RAM & RTC & ADC & PWM & PDWU embedded
SM89S16R1 SYNCMOS-SM89S16R1_06 Datasheet
695Kb / 29P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & RTC & ADC & PWM & PDWU embedded
SM89T16R1 SYNCMOS-SM89T16R1_06 Datasheet
845Kb / 35P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & Two UART & RTC & ADC & PWM embedded
SM89T16R1 SYNCMOS-SM89T16R1 Datasheet
522Kb / 34P
   8-Bits Micro-controller With 64KB Flash ROM & IKB RAM & Two UART & RTC & ADC & PWM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com