Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSH2818LJEA Datasheet(PDF) 2 Page - Vishay Siliconix

Part # WSH2818LJEA
Description  Power Metal Strip® Resistors, High Power (5 watt) Low Value (down to 0.001 Ω), Surface Mount
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSH2818LJEA Datasheet(HTML) 2 Page - Vishay Siliconix

  WSH2818LJEA Datasheet HTML 1Page - Vishay Siliconix WSH2818LJEA Datasheet HTML 2Page - Vishay Siliconix WSH2818LJEA Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Document Number: 30120
For technical questions contact: ww2bresistors@vishay.com
www.vishay.com
Revision: 20-Apr-06
201
WSH2818
Power Metal Strip® Resistors, High Power (5 watt)
Low Value (down to 0.001
Ω), Surface Mount
Vishay Dale
DIMENSIONS
L
W
T
H
b
a
a
c
MODEL
DIMENSIONS in inches [millimeters]
RESISTANCE
RANGE
Ω
LW
H
T
WSH2818
0.006 - 0.1
0.280 ± 0.010
[7.1 ± 0.25]
0.180 ± 0.010
[4.6 ± 0.25]
0.032 ± 0.010
[0.813 ± 0.25]
0.125 ± 0.010
[3.18 ± 0.25]
0.001 - 0.0059
0.280 ± 0.010
[7.1 ± 0.25]
0.180 ± 0.010
[4.6 ± 0.25]
0.045 ± 0.010
[1.143 ± 0.25]
0.125 ± 0.010
[3.18 ± 0.25]
MODEL
SOLDER PAD DIMENSIONS in inches [millimeters]
ab
C
WSH2818
0.138
[3.5]
0.200
[5.1]
0.024
[0.61]
Embossed carrier tape per EIA-481-2
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST LIMITS
Thermal Shock
- 55 °C to + 150 °C, 1000 cycles, 15 minutes at each extreme
± 0.5 %
ΔR
Short Time Overload
4 x rated power for 5 seconds
± 1.0 %
ΔR
Low Temperature Operation
- 65 °C for 45 minutes
± 0.5 %
ΔR
High Temperature Exposure
1000 hours at + 170 °C
± 1.0 %
ΔR
Bias Humidity
+ 85 °C, 85 % RH, 10 % Bias, 1000 hours
± 0.5 %
ΔR
Mechanical Shock
100 g’s for 6 milliseconds, 5 pulses
± 0.5 %
ΔR
Vibration
Frequency varied 10 to 2000 Hz in one minute, 3 directions, 12 hours
± 0.5 %
ΔR
Load Life
1000 hours at + 70 °C, 1.5 hours “ON”, 0.5 hours “OFF”
± 1.0 %
ΔR
Resistance to Solder Heat
+ 260 °C Solder, 10 - 12 second dwell, 25 mm/second emergence
± 0.5 %
ΔR
Moisture Resistance
MIL-STD-202, Method 106, 0 % power, 7b not required
± 0.5 %
ΔR
PACKING
MODEL
REEL
TAPE WIDTH
DIAMETER
PIECES/REEL
CODE
WSH2818
16 mm/Embossed Plastic
330 mm/13"
3500
EA
70
DERATING
120
100
80
60
40
20
0
- 65 - 50
- 25
0
25
50
75
100
125
150
170
AMBIENT TEMPERATURE IN °C


Similar Part No. - WSH2818LJEA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSH2818L1000FEA VISHAY-WSH2818L1000FEA Datasheet
295Kb / 3P
   Power Metal Strip Resistors, High Power (5 W) Low Value, Surface Mount
Revision: 08-Dec-10
WSH2818L1000FEK VISHAY-WSH2818L1000FEK Datasheet
295Kb / 3P
   Power Metal Strip Resistors, High Power (5 W) Low Value, Surface Mount
Revision: 08-Dec-10
WSH2818L1000JEA VISHAY-WSH2818L1000JEA Datasheet
295Kb / 3P
   Power Metal Strip Resistors, High Power (5 W) Low Value, Surface Mount
Revision: 08-Dec-10
WSH2818L1000JEK VISHAY-WSH2818L1000JEK Datasheet
295Kb / 3P
   Power Metal Strip Resistors, High Power (5 W) Low Value, Surface Mount
Revision: 08-Dec-10
More results

Similar Description - WSH2818LJEA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL2512R0150FEA VISHAY-WSL2512R0150FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 12-Aug-09
WSL2512R4700FEA VISHAY-WSL2512R4700FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 12-Aug-09
WSR3R0200FEA VISHAY-WSR3R0200FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 01-Jul-09
WSL2512R0500FEA VISHAY-WSL2512R0500FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 12-Aug-09
WSL2512R0800FEA VISHAY-WSL2512R0800FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 12-Aug-09
WSR VISHAY-WSR_V01 Datasheet
107Kb / 4P
   Power Metal Strip® Resistors, Low Value (Down to 0.001 Ω), Surface Mount
01-Jan-2022
WSR VISHAY-WSR Datasheet
237Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 26-Mar-07
WSL2512R5000FEA VISHAY-WSL2512R5000FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 12-Aug-09
WSL VISHAY-WSL Datasheet
119Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 10-Nov-08
WSR21R000FEA VISHAY-WSR21R000FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 01-Jul-09
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com