Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSH2818R0100FEK Datasheet(PDF) 1 Page - Vishay Siliconix

Part # WSH2818R0100FEK
Description  Power Metal Strip® Resistors, High Power (5 watt) Low Value (down to 0.001 Ω), Surface Mount
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSH2818R0100FEK Datasheet(HTML) 1 Page - Vishay Siliconix

  WSH2818R0100FEK Datasheet HTML 1Page - Vishay Siliconix WSH2818R0100FEK Datasheet HTML 2Page - Vishay Siliconix WSH2818R0100FEK Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Power Metal Strip® Resistors, High Power (5 watt)
Low Value (down to 0.001
Ω), Surface Mount
www.vishay.com
For technical questions contact: ww2bresistors@vishay.com
Document Number: 30120
200
Revision: 20-Apr-06
WSH2818
Vishay Dale
FEATURES
• Improved thermal management incorporated
into design
• Ideal for all types of current sensing, voltage
division and pulse applications including
switching and linear power supplies,
instruments, power amplifiers
• Proprietary processing technique produces
extremely low resistance values
• All welded construction
• Solid metal Nickel-chrome or Manganese-copper alloy
resistive element with low TCR (< 20 ppm/°C)
• Lead (Pb)-free construction
• Very low inductance (< 5 nH)
• Excellent frequency response to 50 MHz
• Low thermal EMF (< 3 µV/°C)
* The WSH2818 is rated at 5 watts with maximum surface temperature of 200 °C
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
POWER RATING
P70 °C
W
TOLERANCE
%
RESISTANCE RANGE
Ω
WSH2818
5*
1.0
0.001 - 0.1
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
WSH2818
Temperature Coefficient
ppm/°C
± 200 for 1 m
Ω to 5.99 mΩ
± 75 for 6 m
Ω to 100 mΩ
Inductance
ηH< 5
Operating Temperature Range
°C
- 65/+ 170
Maximum Continuous Current
A
(P/R)1/2
Weight/1000 pieces
g
126
GLOBAL PART NUMBER INFORMATION
Global Part Numbering: WSH2818R1000FEA
GLOBAL MODEL
RESISTANCE VALUE
TOLERANCE CODE
PACKING CODE
SPECIAL
WSH2818
L = Milliohm*
R = Decimal
4L000 = 0.004
Ω
R0100 = 0.01
Ω
* use “L” for resistance
values < 0.01
Ω
F = ± 1.0 %
J = ± 5.0 %
EA = Lead (Pb)-free, Tape/Reel
EK = Lead (Pb)-free, Bulk
(Dash number up to
2 digits)
From 1 - 99
as applicable
W8
1
8
2
H
SR
1
0
00
F
EA
RoHS
COMPLIANT
Pb-free
e3


Similar Part No. - WSH2818R0100FEK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSH2818R0100FEK VISHAY-WSH2818R0100FEK Datasheet
295Kb / 3P
   Power Metal Strip Resistors, High Power (5 W) Low Value, Surface Mount
Revision: 08-Dec-10
More results

Similar Description - WSH2818R0100FEK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL2512R0150FEA VISHAY-WSL2512R0150FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 12-Aug-09
WSL2512R4700FEA VISHAY-WSL2512R4700FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 12-Aug-09
WSR3R0200FEA VISHAY-WSR3R0200FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 01-Jul-09
WSL2512R0500FEA VISHAY-WSL2512R0500FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 12-Aug-09
WSL2512R0800FEA VISHAY-WSL2512R0800FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 12-Aug-09
WSR VISHAY-WSR_V01 Datasheet
107Kb / 4P
   Power Metal Strip® Resistors, Low Value (Down to 0.001 Ω), Surface Mount
01-Jan-2022
WSR VISHAY-WSR Datasheet
237Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 26-Mar-07
WSL2512R5000FEA VISHAY-WSL2512R5000FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 12-Aug-09
WSL VISHAY-WSL Datasheet
119Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 10-Nov-08
WSR21R000FEA VISHAY-WSR21R000FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 01-Jul-09
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com