Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74H1G66 Datasheet(PDF) 4 Page - STMicroelectronics

Part # 74H1G66
Description  SINGLE BILATERAL SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74H1G66 Datasheet(HTML) 4 Page - STMicroelectronics

  74H1G66 Datasheet HTML 1Page - STMicroelectronics 74H1G66 Datasheet HTML 2Page - STMicroelectronics 74H1G66 Datasheet HTML 3Page - STMicroelectronics 74H1G66 Datasheet HTML 4Page - STMicroelectronics 74H1G66 Datasheet HTML 5Page - STMicroelectronics 74H1G66 Datasheet HTML 6Page - STMicroelectronics 74H1G66 Datasheet HTML 7Page - STMicroelectronics 74H1G66 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr =tf =6 ns)
Symb ol
Parameter
Test Co nditi on
Val ue
Un it
VCC
(V)
TA =25
oC
-40 to 85
oC
Min.
Typ .
Max.
Min .
Max.
ΦI/O
Phase Difference
Between Input and
Output
2.0
10
50
65
ns
4.5
4
10
15
9.0
3
8
13
12.0
3
7
10
tPZL
tPZH
Output Enable Time
2.0
RL =1 K
18
100
125
ns
4.5
8
20
25
9.0
6
12
22
12.0
6
12
18
tPLZ
tPHZ
Output Disable Time
2.0
RL =1 K
20
115
145
ns
4.5
10
23
29
9.0
8
20
25
12.0
8
18
22
Maximum Control
Input Frequency
2.0
RL =1 K
CL =15 pF
VOUT =1/2VCC
30
MHz
4.5
30
9.0
30
12.0
30
CIN
Input Capacitance
5
10
10
pF
CI/O
Switch Terminal
Capacitance
6
pF
CIOS
Feed Through
Capacitance
0.5
pF
CPD
Power Dissipation
Capacitance (note 1)
15
pF
1) CPD isdefined as the value of the IC’sinternal equivalent capacitance which is calculated fromthe operating current consumption without load. (Referto
Test Circuit).Average operating current can be obtained by the following equation. ICC(opr) = CPD
•VCC •fIN +ICC
ANALOG SWITCH CHARACTERISTICS (GND = 0 V, TA =25
oC)
Symb ol
Parameter
Test Co ndi ti on
Val ue
Un it
VCC
(V)
VIN
(Vp-p)
Sine Wave Distortion
(THD)
4.5
4
fIN = 1 KHz
RL = 10K
CL = 50 pF
0.05
%
9.0
8
0.04
fMAX
Frequency Responce
(Switch ON)
4.5
Adjust fIN voltage to Obtain odBm at VOS.
Increase fIN Frequency until dB Meter reads -3dB
RL =50
Ω, CL = 10pF
200
MHz
9.0
200
Feedthrough
Attenuation
(Switch OFF)
4.5
VIN is centered at VCC/2. Adjust input for 0dBm
RL =600
Ω,CL = 50pF, fIN =1MHz sine wave
-60
dB
9.0
-60
Crosstalk (Control
Input to Signal Ouput)
4.5
RL = 600
Ω,CL = 50pF, fIN =1MHz sine wave
(tr =tf =6ns)
60
mV
9.0
100
74H1G66
4/8


Similar Part No. - 74H1G66

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74H1G66 STMICROELECTRONICS-74H1G66 Datasheet
202Kb / 10P
   SINGLE BILATERAL SWITCH
74H1G66STR STMICROELECTRONICS-74H1G66STR Datasheet
202Kb / 10P
   SINGLE BILATERAL SWITCH
74H1G66 STMICROELECTRONICS-74H1G66_01 Datasheet
202Kb / 10P
   SINGLE BILATERAL SWITCH
More results

Similar Description - 74H1G66

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74H1G66 STMICROELECTRONICS-74H1G66_01 Datasheet
202Kb / 10P
   SINGLE BILATERAL SWITCH
74V1G66 STMICROELECTRONICS-74V1G66 Datasheet
67Kb / 9P
   SINGLE BILATERAL SWITCH
74V1G66 STMICROELECTRONICS-74V1G66_04 Datasheet
138Kb / 11P
   SINGLE BILATERAL SWITCH
74V1T66 STMICROELECTRONICS-74V1T66 Datasheet
66Kb / 9P
   SINGLE BILATERAL SWITCH
February 2000
74V1T66 STMICROELECTRONICS-74V1T66_04 Datasheet
138Kb / 11P
   SINGLE BILATERAL SWITCH
74V1G66 STMICROELECTRONICS-74V1G66_08 Datasheet
359Kb / 15P
   Single bilateral switch
logo
Texas Instruments
SN74AUC1G66 TI-SN74AUC1G66 Datasheet
296Kb / 10P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74AUC1G66 TI-SN74AUC1G66_09 Datasheet
532Kb / 17P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
1P1G66QDBVRQ1 TI-1P1G66QDBVRQ1 Datasheet
905Kb / 19P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66 TI-SN74LVC1G66_09 Datasheet
688Kb / 20P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com