Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6MBI225U4-170 Datasheet(PDF) 4 Page - Fuji Electric

Part # 6MBI225U4-170
Description  IGBT MODULE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

6MBI225U4-170 Datasheet(HTML) 4 Page - Fuji Electric

  6MBI225U4-170 Datasheet HTML 1Page - Fuji Electric 6MBI225U4-170 Datasheet HTML 2Page - Fuji Electric 6MBI225U4-170 Datasheet HTML 3Page - Fuji Electric 6MBI225U4-170 Datasheet HTML 4Page - Fuji Electric 6MBI225U4-170 Datasheet HTML 5Page - Fuji Electric 6MBI225U4-170 Datasheet HTML 6Page - Fuji Electric 6MBI225U4-170 Datasheet HTML 7Page - Fuji Electric 6MBI225U4-170 Datasheet HTML 8Page - Fuji Electric 6MBI225U4-170 Datasheet HTML 9Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
H04-004-03a
MS5F6306
14
a
4
3.Absolute Maximum Ratings ( at Tc= 25°C unless otherwise specified )
Tc=25°C
Tc=80°C
Tc=25°C
Tc=80°C
(*1) All terminals should be connected together when isolation test will be done.
(*3) Recommendable Value : Mounting 2.5~3.5 Nm (M5 or M6)
(*4) Recommendable Value : Terminals 3.5~4.5 Nm (M6)
4. Electrical characteristics ( at Tj= 25°C unless otherwise specified)
(*5) Biggest internal terminal resistance among arm.
Lead resistance,
terminal-chip(*5)
ton
VGE(th)
Collector-Emitter
saturation voltage
Input capacitance
trr
Turn-on time
Turn-off time
Forward on voltage
Reverse recovery time
Items
Zero gate voltage
Collector current
Gate-Emitter
leakage current
Gate-Emitter
threshold voltage
Tj= 25°C
Tj=125°C
4.5
VCE = 20V
Ic = 225mA
Tj= 25°C
Tj=125°C
VGE=15V
VGE=0V
VCE(sat)
(terminal)
Cies
VCE=10V,VGE=0V,f=1MHz
toff
tf
tr
tr (i)
VCE(sat)
(chip)
Ic = 225A
μs
IF = 225A
-
-
IF = 225A
0.18
0.6
Tj= 25°C
-
Tj=125°C
-
2.05
2.40
V
2.00
1.80
2.15
-
2.25
-
μs
1.50
0.09
0.30
1.20
0.60
-
Items
Sym bols
Conditions
VCES
Collector-Emitter voltage
V
±20
V
VGES
1700
AC : 1min.
1ms
1 device
225
150
Ic
Icp
300
225
600
450
1ms
Continuous
Gate-Emitter voltage
Collector current
Junction temperature
Collector Power Dissipation
-Ic
Tj
min.
Characteristics
-40 ~ +125
450
1040
A
°C
W
Storage temperature
Isolation
voltage
max.
typ.
3400
VAC
4.5
3.5
N m
Units
Viso
-Ic pulse
Pc
Tstg
Screw
Torque
-
Mounting (*3)
Terminals (*4)
Symbols
VGE=±20V
VCE = 0V
Conditions
VGE = 0V
VCE = 1700V
IGES
ICES
nA
3.0
mA
600
6.5
-
-
-
V
-
8.5
V
Units
-
2.25
2.40
Maximum
Ratings
-
2.60
2.75
-
-
3.00
2.65
-
-
-
0.05
-
0.55
-
VF
(terminal)
VF
(chip)
-
nF
21
0.62
Tj= 25°C
-
Tj=125°C
-
1.00
0.39
Vcc = 900V
Ic = 225A
-
Rg = 2.2 Ω
-
-
between terminal and copper base (*1)
between thermistor and others (*2)
(*2) Two thermistor terminals should be connected together, each other terminals should be connected together
and shorted to base plate when isolation test will be done.
-
VGE=±15V
R lead
Resistance
R
T=25
oC
T=100
oC
B value
B
T=25/50
oC
-
5000
-
Ω
465
495
520
3305
3375
3450
K
a
a
a


Similar Part No. - 6MBI225U4-170

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6MBI225U4-120 FUJI-6MBI225U4-120 Datasheet
523Kb / 14P
   IGBT MODULE
More results

Similar Description - 6MBI225U4-170

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FS10R06VL4B2 EUPEC-FS10R06VL4B2 Datasheet
634Kb / 7P
   IGBT-Module IGBT-modules
FS10R12VT3 EUPEC-FS10R12VT3 Datasheet
653Kb / 8P
   IGBT-Module IGBT-modules
FS10R12YT3 EUPEC-FS10R12YT3 Datasheet
706Kb / 7P
   IGBT-Module IGBT-modules
FZ400R12KS4 EUPEC-FZ400R12KS4 Datasheet
287Kb / 8P
   IGBT-Module / IGBT-inverter
logo
Fuji Electric
1MBI400F-060 FUJI-1MBI400F-060 Datasheet
140Kb / 5P
   IGBT MODULE
1MBI600PX-120-01 FUJI-1MBI600PX-120-01 Datasheet
313Kb / 8P
   IGBT Module
2MBI200LB-060 FUJI-2MBI200LB-060 Datasheet
144Kb / 5P
   IGBT MODULE
6MBI150FB-060 FUJI-6MBI150FB-060 Datasheet
151Kb / 5P
   IGBT MODULE
logo
SanRex Corporation
GAE75AA120 SANREX-GAE75AA120 Datasheet
505Kb / 3P
   IGBT MODULE
logo
List of Unclassifed Man...
FD800R33KF2 ETC1-FD800R33KF2 Datasheet
123Kb / 9P
   IGBT-Module
logo
Fuji Electric
6MBI100FA-060 FUJI-6MBI100FA-060 Datasheet
182Kb / 4P
   IGBT MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com