Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHC02 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74VHC02
Description  Quad 2-Input NOR Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC02 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74VHC02_07 Datasheet HTML 1Page - Fairchild Semiconductor 74VHC02_07 Datasheet HTML 2Page - Fairchild Semiconductor 74VHC02_07 Datasheet HTML 3Page - Fairchild Semiconductor 74VHC02_07 Datasheet HTML 4Page - Fairchild Semiconductor 74VHC02_07 Datasheet HTML 5Page - Fairchild Semiconductor 74VHC02_07 Datasheet HTML 6Page - Fairchild Semiconductor 74VHC02_07 Datasheet HTML 7Page - Fairchild Semiconductor 74VHC02_07 Datasheet HTML 8Page - Fairchild Semiconductor 74VHC02_07 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©1992 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHC02 Rev. 1.4.0
December 2007
74VHC02
Quad 2-Input NOR Gate
Features
High Speed: tPD = 3.6ns (Typ.) at VCC = 5V
Low power dissipation: ICC = 2µA (Max.) at TA = 25°C
High noise immunity: VNIH = VNIL = 28% VCC (Min.)
Power down protection is provided on all inputs
Low noise: VOLP = 0.8V (Max.)
Pin and function compatible with 74HC02
General Description
The VHC02 is an advanced high-speed CMOS 2-Input
NOR Gate fabricated with silicon gate CMOS technol-
ogy. It achieves the high-speed operation similar to
equivalent Bipolar Schottky TTL while maintaining the
CMOS low power dissipation. The internal circuit is
composed of 3 stages, including buffer output, which
provide high noise immunity and stable output. An input
protection circuit insures that 0V to 7V can be applied to
the input pins without regard to the supply voltage. This
device can be used to interface 5V to 3V systems and
two supply systems such as battery backup. This circuit
prevents device destruction due to mismatched supply
and input voltages.
Ordering Information
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering number.
All packages are lead free per JEDEC: J-STD-020B standard.
Order Number
Package
Number
Package Description
74VHC02M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150"
Narrow
74VHC02SJ
M14D
14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74VHC02MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153,
4.4mm Wide


Similar Part No. - 74VHC02_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC02 STMICROELECTRONICS-74VHC02_04 Datasheet
229Kb / 11P
   QUAD 2-INPUT NOR GATE
More results

Similar Description - 74VHC02_07

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74VHC02 NXP-74VHC02 Datasheet
92Kb / 14P
   Quad 2-input NOR gate
Rev. 01-13 August 2009
logo
Toshiba Semiconductor
TC74VHC02F TOSHIBA-TC74VHC02F_07 Datasheet
255Kb / 9P
   Quad 2-Input NOR Gate
logo
Integral Corp.
IN74HC02A INTEGRAL-IN74HC02A Datasheet
232Kb / 5P
   Quad 2-Input NOR Gate
logo
Texas Instruments
CD74AC02 TI-CD74AC02 Datasheet
33Kb / 5P
[Old version datasheet]   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC4001BP TOSHIBA-TC4001BP_07 Datasheet
250Kb / 9P
   Quad 2 Input NOR Gate
TC74AC02F TOSHIBA-TC74AC02F_12 Datasheet
238Kb / 8P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74LVC02AD112 NXP-74LVC02AD112 Datasheet
164Kb / 14P
   Quad 2-input NOR gate
Rev. 8-16 November 2011
logo
Fairchild Semiconductor
74ACTQ02 FAIRCHILD-74ACTQ02_05 Datasheet
114Kb / 8P
   Quad 2-Input NOR Gate
logo
National Semiconductor ...
54AC02 NSC-54AC02 Datasheet
111Kb / 6P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74F02 PHILIPS-74F02 Datasheet
99Kb / 11P
   Quad 2-input NOR gate
1990 Oct 04
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com