Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM561JRSZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADM561JRSZ
Description  Ultralow Power 3.3 V, RS-232 Notebook PC Serial Port Drivers/Receivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM561JRSZ Datasheet(HTML) 5 Page - Analog Devices

  ADM561JRSZ Datasheet HTML 1Page - Analog Devices ADM561JRSZ Datasheet HTML 2Page - Analog Devices ADM561JRSZ Datasheet HTML 3Page - Analog Devices ADM561JRSZ Datasheet HTML 4Page - Analog Devices ADM561JRSZ Datasheet HTML 5Page - Analog Devices ADM561JRSZ Datasheet HTML 6Page - Analog Devices ADM561JRSZ Datasheet HTML 7Page - Analog Devices ADM561JRSZ Datasheet HTML 8Page - Analog Devices ADM561JRSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADM560/ADM561
Rev. B | Page 5 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
T3OUT 1
T1OUT 2
T2OUT 3
R2IN 4
T4OUT
28
R3IN
27
R3OUT
26
SHDN
25
R2OUT 5
T2IN 6
T1IN 7
EN
24
R4IN
23
R4OUT
22
R1OUT 8
T4IN
21
R1IN 9
T3IN
20
GND 10
R5OUT
19
VCC 11
R5IN
18
C1+ 12
V–
17
V+ 13
C2–
16
C1– 14
C2+
15
ADM560
TOP VIEW
(Not to Scale)
T3OUT 1
T1OUT 2
T2OUT 3
R2IN 4
T4OUT
28
R3IN
27
R3OUT
26
SHDN
25
R2OUT 5
T2IN 6
T1IN 7
EN
24
R4IN
23
R4OUT
22
R1OUT 8
T4IN
21
R1IN 9
T3IN
20
GND 10
R5OUT
19
VCC 11
R5IN
18
C1+ 12
V–
17
V+ 13
C2–
16
C1– 14
C2+
15
ADM561
TOP VIEW
(Not to Scale)
Figure 2.ADM560 Pin Configuration
Figure 3. ADM561 Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
2, 3, 1, 28
T1OUT to T4OUT
Transmitter (Driver) Outputs. Typically ±6 V.
9, 4, 27, 23, 18
R1IN to R5IN
Receiver Inputs. These inputs accept RS-232 signal levels. An internal 5 kΩ pull-down resistor to GND is
connected on each of these inputs.
8, 5, 26, 22, 19
R1OUT to R5OUT
Receiver Outputs. These are 3 V logic levels.
7, 6, 20, 21
T1IN to T4IN
Transmitter (Driver) Inputs. These inputs accept 3 V or 5 V logic levels. An internal 400 kΩ pull-up resistor
to VCC is connected on each input.
10
GND
Ground Pin. Must be connected to 0 V.
11
VCC
Power Supply Input 3.3 V ± 10%.
12, 14
C1+, C1−
External Capacitor 1 is connected between these pins.
13
V+
Internally Generated Positive Supply. +6.6 V nominal.
15, 16
C2+, C2−
External Capacitor 2 is connected between these pins.
17
V−
Internally Generated Negative Supply. −6.6 V nominal.
24
EN/EN
Receiver Enable. EN, active high on ADM560. EN, active low on ADM561. Refer to Table 4.
25
SHDN/SHDN
Shutdown Control. SHDN, active low on ADM560. SHDN, active high on ADM561. Refer to Table 4.
Table 4. ADM560/ADM561 Enable and Shutdown Control
ADM560
ADM561
SHDN = 1
SHDN = 0
EN = 1; receivers active
EN = 0; receivers active
Normal Operation
EN = 0; receivers inactive
EN = 1; receivers inactive
SHDN = 0
SHDN = 1
EN = 1; Receiver R1 to Receiver R3 inactive
EN = 0; receivers inactive
EN = 1; Receiver R4 and Receiver R5 active
EN = 1; receivers inactive
Shutdown Mode
EN = 0; Receiver R1 to Receiver R5 inactive


Similar Part No. - ADM561JRSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM561JRS AD-ADM561JRS Datasheet
246Kb / 6P
   Ultralow Power, 3.3 V, RS-232 Notebook PC Serial Port Drivers/Receivers
REV. B
More results

Similar Description - ADM561JRSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM560 AD-ADM560 Datasheet
246Kb / 6P
   Ultralow Power, 3.3 V, RS-232 Notebook PC Serial Port Drivers/Receivers
REV. B
ADM561 AD-ADM561_15 Datasheet
247Kb / 12P
   Notebook PC Serial Port Drivers/Receivers
REV. B
ADM560 AD-ADM560_15 Datasheet
247Kb / 12P
   Notebook PC Serial Port Drivers/Receivers
REV. B
ADM3202ARN-REEL AD-ADM3202ARN-REEL Datasheet
328Kb / 16P
   Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
ADM3202ARUZ-REEL7 AD-ADM3202ARUZ-REEL7 Datasheet
328Kb / 16P
   Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
ADM3202 AD-ADM3202 Datasheet
153Kb / 8P
   Low Power, 3.3 V, RS-232 Line Drivers/Receivers
REV. A
ADM3202ARWZ AD-ADM3202ARWZ Datasheet
328Kb / 16P
   Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
ADM3222ARSZ AD-ADM3222ARSZ Datasheet
328Kb / 16P
   Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
ADM3202 AD-ADM3202_V01 Datasheet
327Kb / 16P
   Low Power, 3.3 V, RS-232 Line Drivers/Receivers
Rev. E
ADM232A AD-ADM232A_15 Datasheet
183Kb / 11P
   CMOS RS-232 Drivers/Receivers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com