Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS6225IRGZRG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # ADS6225IRGZRG4
Description  DUAL CHANNEL, 12-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS INTERFACE
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS6225IRGZRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS6225IRGZRG4 Datasheet HTML 5Page - Texas Instruments ADS6225IRGZRG4 Datasheet HTML 6Page - Texas Instruments ADS6225IRGZRG4 Datasheet HTML 7Page - Texas Instruments ADS6225IRGZRG4 Datasheet HTML 8Page - Texas Instruments ADS6225IRGZRG4 Datasheet HTML 9Page - Texas Instruments ADS6225IRGZRG4 Datasheet HTML 10Page - Texas Instruments ADS6225IRGZRG4 Datasheet HTML 11Page - Texas Instruments ADS6225IRGZRG4 Datasheet HTML 12Page - Texas Instruments ADS6225IRGZRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 75 page
background image
www.ti.com
TIMING SPECIFICATIONS
(1)
ADS6225
,, ADS6224
ADS6223, ADS6222
SLAS543A – MAY 2007 – REVISED SEPTEMBER 2007
Typical values are at 25
°C, min and max values are across the full temperature range T
MIN = –40°C to TMAX = 85°C, AVDD =
LVDD = 3.3 V, maximum rated sampling frequency, sine wave input clock, 1.5 VPP clock amplitude, CL = 5 pF
(2), I
O = 3.5 mA,
RL = 100 Ω
(3), no internal termination, unless otherwise noted.
ADS6225
ADS6224
ADS6223
ADS6222
TEST
PARAMETER
UNIT
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
tJ
Aperture jitter Uncertainty in the
250
250
250
250
fs rms
sampling instant
Interface: 2-wire, DDR bit clock, 14x serialization
From data
Data setup
tsu
cross-over to bit
0.35
0.55
0.45
0.65
0.65
0.85
0.8
1.1
ns
time(4) (5)(6)
clock cross-over
From bit clock
Data hold
th
cross-over to data
0.35
0.58
0.5
0.7
0.7
0.9
0.8
1.1
ns
time(4) (5)(6)
cross-over
Input clock rising
Clock
edge cross-over to
tpd_clk
propagation
3.4
4.4
5.4
3.4
4.4
5.4
3.4
4.4
5.4
3.4
4.4
5.4
ns
frame clock rising
delay (6)
edge cross-over
Bit clock
cycle-cycle
350
350
350
350
ps pp
jitter (5)
Frame clock
cycle-cycle
75
75
75
75
ps pp
jitter (5)
Below specifications apply for 5 MSPS
≤ Sampling freq ≤ 125 MSPS and all interface options
Delay from input
Aperture
clock rising edge to
tA
1
2
3
1
2
3
1
2
3
1
2
3
ns
delay
the actual sampling
instant
Aperture
Channel-channel
delay
within same device
–250
±80
250
–250
±80
250
–250
±80
250
–250
±80
250
ps
variation
Time for a sample
ADC Latency
to propagate to
Clock
12
12
12
12
(7)
ADC outputs, see
cycles
Figure 1
Time to valid data
after coming out of
100
100
100
100
μs
global power down
Time to valid data
Wake up time after input clock is
100
100
100
100
μs
re-started
Time to valid data
clock
after coming out of
200
200
200
200
cycles
channel standby
Data rise
From –100 mV to
ps
tRISE
50
100
200
50
100
200
50
100
200
50
100
200
time
+100 mV
From +100 mV to
tFALL
Data fall time
50
100
200
50
100
200
50
100
200
50
100
200
ps
–100 mV
Bit clock and
From –100 mV to
tRISE
Frame clock
50
100
200
50
100
200
50
100
200
50
100
200
ps
+100 mV
rise time
(1)
Timing parameters are ensured by design and characterization and not tested in production.
(2)
CL is the External single-ended load capacitance between each output pin and ground.
(3)
Io Refers to the LVDS buffer current setting; RL is the external differential load resistance between the LVDS output pair.
(4)
Timing parameters are measured at the end of a 2 inch pcb trace (100-
Ω characteristic impedance) terminated by RLand CL.
(5)
Setup and hold time specifications take into account the effect of jitter on the output data and clock.
(6)
Refer to Output Timings in application section for timings at lower sampling frequencies and other interface options.
(7)
Note that the total latency = ADC latency + internal serializer latency. The serializer latency depends on the interface option selected as
listed in Table 28.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): ADS6225 ADS6224 ADS6223 ADS6222


Similar Part No. - ADS6225IRGZRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS62 TI-ADS62 Datasheet
484Kb / 49P
[Old version datasheet]   Wideband Transmit-Receive Digital Signal Processors
ADS6242 TI-ADS6242 Datasheet
3Mb / 76P
[Old version datasheet]   DUAL CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6242IRGZR TI-ADS6242IRGZR Datasheet
3Mb / 76P
[Old version datasheet]   DUAL CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6242IRGZRG4 TI-ADS6242IRGZRG4 Datasheet
3Mb / 76P
[Old version datasheet]   DUAL CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6242IRGZT TI-ADS6242IRGZT Datasheet
3Mb / 76P
[Old version datasheet]   DUAL CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
More results

Similar Description - ADS6225IRGZRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6424 TI-ADS6424_10 Datasheet
2Mb / 71P
[Old version datasheet]   QUAD CHANNEL, 12-BIT, 105/80/65 MSPS ADC WITH SERIAL LVDS INTERFACE
ADS6245 TI-ADS6245 Datasheet
3Mb / 76P
[Old version datasheet]   DUAL CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
NXP Semiconductors
ADC1213D_1106 NXP-ADC1213D_1106 Datasheet
661Kb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 7-9 June 2011
logo
Renesas Technology Corp
ADC1213D RENESAS-ADC1213D Datasheet
598Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
Integrated Device Techn...
ADC1213D IDT-ADC1213D Datasheet
595Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1213D NXP-ADC1213D_11 Datasheet
1Mb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 6-9 February 2011
logo
Texas Instruments
ADS6445 TI-ADS6445_09 Datasheet
3Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6445 TI1-ADS6445_14 Datasheet
3Mb / 82P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
STMicroelectronics
ADS6445 STMICROELECTRONICS-ADS6445 Datasheet
2Mb / 75P
   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
Texas Instruments
ADS6445 TI-ADS6445_10 Datasheet
2Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com