Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4722 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC4722
Description  3mm x 3mm 2.7MHz 3A PWM Buck Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4722 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC4722 Datasheet HTML 1Page - Micrel Semiconductor MIC4722 Datasheet HTML 2Page - Micrel Semiconductor MIC4722 Datasheet HTML 3Page - Micrel Semiconductor MIC4722 Datasheet HTML 4Page - Micrel Semiconductor MIC4722 Datasheet HTML 5Page - Micrel Semiconductor MIC4722 Datasheet HTML 6Page - Micrel Semiconductor MIC4722 Datasheet HTML 7Page - Micrel Semiconductor MIC4722 Datasheet HTML 8Page - Micrel Semiconductor MIC4722 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MIC4722
3mm x 3mm 2.7MHz 3A PWM Buck Regulator
MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
September 2007
M9999-090507-B
General Description
The Micrel MIC4722 is a high efficiency PWM buck (step-
down) regulator that provides up to 3A of output current.
The MIC4722 operates at 2.7MHz that makes it suitable
for next generation XDSL modems requiring operating
frequencies in excess of 2.4MHz and has proprietary
internal compensation that allows a closed loop bandwidth
of over 200KHz.
The low on-resistance internal p-channel MOSFET of the
MIC4722 allows efficiencies over 92%, reduces external
components count and eliminates the need for an
expensive current sense resistor.
The MIC4722 operates from 2.7V to 5.5V input and the
output can be adjusted down to 1V. The devices can
operate with a maximum duty cycle of 100% for use in low-
dropout conditions.
The MIC4722 is available in the exposed pad 12-pin
3mm x 3mm MLF
® package with a junction operating
range from –40°C to +125°C.
Features
2.7 to 5.5V supply voltage
2.7MHz PWM mode
Output current to 3A
>92% efficiency
100% maximum duty cycle
Adjustable output voltage option down to 1V
Ultra-fast transient response
Ultra-small external components
Stable with a 0.47µH inductor and a 4.7µF output
capacitor
Fully integrated 3A MOSFET switch
Micropower shutdown
Thermal shutdown and current limit protection
Pb-free 12-pin 3mm x 3mm MLF
® package
–40
°C to +125°C junction temperature range
Applications
5V or 3.3V Point of Load Conversion
Telecom/Networking Equipment
Set Top Boxes
Storage Equipment
Video Cards
Typical Application
MIC4722
3A 2.7MHz Buck Regulator


Similar Part No. - MIC4722

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4722YML MICREL-MIC4722YML Datasheet
580Kb / 20P
   3mm x 3mm 2.7MHz 3A PWM Buck Regulator
MIC4722 MICREL-MIC4722_10 Datasheet
580Kb / 20P
   3mm x 3mm 2.7MHz 3A PWM Buck Regulator
More results

Similar Description - MIC4722

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4722 MICREL-MIC4722_10 Datasheet
580Kb / 20P
   3mm x 3mm 2.7MHz 3A PWM Buck Regulator
MIC2208 MICREL-MIC2208_10 Datasheet
584Kb / 18P
   3mm x 3mm 1MHz 3A PWM Buck Regulator
MIC2207 MICREL-MIC2207_10 Datasheet
572Kb / 18P
   3mm x 3mm 2MHz 3A PWM Buck Regulator
MIC4720 MICREL-MIC4720 Datasheet
1Mb / 21P
   3mm x 3mm 2.0MHz 2A Integrated Switch Buck Regulator
logo
Linear Technology
LTC3409 LINER-LTC3409 Datasheet
246Kb / 16P
   600mA Low Vin Buck Regulator in 3mm x 3mm DFN
logo
Enpirion, Inc.
EP5388QI ENPIRION-EP5388QI Datasheet
300Kb / 14P
   800mA Synchronous Buck Regulator With Integrated Inductor 3mm x 3mm x 1.1mm Package
logo
Linear Technology
LTC3409 LINER-LTC3409_15 Datasheet
293Kb / 16P
   600mA Low VIN Buck Regulator in 3mm 3mm DFN
LTC3409A LINER-LTC3409A_15 Datasheet
319Kb / 16P
   600mA Low VIN Buck Regulator in 3mm 3mm DFN
LTC3447 LINER-LTC3447 Datasheet
564Kb / 16P
   I2C Controllable Buck Regulator in 3mm 횞 3mm DFN
LTC3409A LINER-LTC3409A Datasheet
314Kb / 16P
   600mA Low VIN Buck Regulator in 3mm 횞 3mm DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com