Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISD1612BXYI01 Datasheet(PDF) 8 Page - Winbond

Part # ISD1612BXYI01
Description  Single-Message Single-Chip 6.6- to 40-Second Voice Record & Playback Devices with vAlert Option
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD1612BXYI01 Datasheet(HTML) 8 Page - Winbond

Back Button ISD1612BXYI01 Datasheet HTML 4Page - Winbond ISD1612BXYI01 Datasheet HTML 5Page - Winbond ISD1612BXYI01 Datasheet HTML 6Page - Winbond ISD1612BXYI01 Datasheet HTML 7Page - Winbond ISD1612BXYI01 Datasheet HTML 8Page - Winbond ISD1612BXYI01 Datasheet HTML 9Page - Winbond ISD1612BXYI01 Datasheet HTML 10Page - Winbond ISD1612BXYI01 Datasheet HTML 11Page - Winbond ISD1612BXYI01 Datasheet HTML 12Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
ISD1600B SERIES
- 8 -
SOIC / PDIP
PIN NAME
PIN NO.
FUNCTIONS
VCCA
10
Analog power supply
: It is important to have a separate
path for each power back to the power terminal to minimize
the noises. Decoupling capacitors to VSSA should be as
close to the device as possible.
VCCP
10
VCCP: Power supply for PWM speaker drivers. It is important
to have a separate path for each power back to the power
terminal to minimize noise. Decoupling capacitors to VSSP
should be as close to the device as possible.
SP+
11
Speaker Positive
: The SP+, Class D PWM output, provide
a differential output with SP- pin to drive an 8Ω speaker or
buzzer directly. During power down or recording, this pin is
tri-stated.
AGC
12
Automatic Gain Control
: The AGC dynamically adjusts the
gain of the preamplifier to compensate the wide range of
microphone input levels. The AGC allows the full range of
signal to be recorded with minimal distortion. Nominal
values of 4.7 µF give satisfactory results in most cases.
Connecting this pin to ground provides maximum gain to the
preamplifier circuitry. Conversely, connecting this pin to
power supply provides minimum gain to the preamplifier
circuitry.
AUD
13
AUD
: The AUD provides a single-ended current output to
drive an external amplifier. During standby or recording, this
pin is tri-stated.
ROSC
14
Oscillator Resistor
: This enables the user to vary the
record and/or playback duration of the device. A resistor
connected between the ROSC pin and VSSA determines the
sample frequency for the ISD1600B device. Please refer to
the Duration Section in Section 6.1.
VCCD
15
Digital power supply
: It is important to have a separate
path for each power back to the power terminal to minimize
noise. Decoupling capacitors should be as close to the
device as possible.
LED
16
LED output
: This pin is Low during a record cycle and
blinks during playback cycle. It can be used to drive an LED
to indicate either a record or playback cycle is in progress.
Note:
[1] 600kΩ (typical).


Similar Part No. - ISD1612BXYI01

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD1612BXYI NUVOTON-ISD1612BXYI Datasheet
313Kb / 22P
   Single-Message Single-Chip 6.6- to 40-Second Voice Record & Playback Devices
More results

Similar Description - ISD1612BXYI01

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD1600B NUVOTON-ISD1600B Datasheet
313Kb / 22P
   Single-Message Single-Chip 6.6- to 40-Second Voice Record & Playback Devices
logo
Winbond
ISD1700 WINBOND-ISD1700 Datasheet
356Kb / 24P
   Multi-Message Single-Chip Voice Record & Playback Devices
logo
Nuvoton Technology Corp...
ISD1700 NUVOTON-ISD1700 Datasheet
990Kb / 23P
   Multi-Message Single-Chip Voice Record & Playback Devices
logo
Winbond
ISD1700A WINBOND-ISD1700A Datasheet
360Kb / 31P
   Multi-Message Single-Chip Voice Record&Playback Devices
ISD1810 WINBOND-ISD1810 Datasheet
278Kb / 18P
   Single-Chip, Single-Message Voice Record/Playback Device 8- to 16-Second Durations
logo
Nuvoton Technology Corp...
ISD18C00 NUVOTON-ISD18C00 Datasheet
332Kb / 23P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
Winbond
ISD1800 WINBOND-ISD1800 Datasheet
709Kb / 26P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
Nuvoton Technology Corp...
ISD1800 NUVOTON-ISD1800 Datasheet
420Kb / 27P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
ISD18B00 NUVOTON-ISD18B00 Datasheet
610Kb / 20P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
ISD14B00 NUVOTON-ISD14B00 Datasheet
993Kb / 27P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com