Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4MBI150T-060 Datasheet(PDF) 8 Page - Fuji Electric

Part # 4MBI150T-060
Description  IGBT Module
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

4MBI150T-060 Datasheet(HTML) 8 Page - Fuji Electric

Back Button 4MBI150T-060 Datasheet HTML 4Page - Fuji Electric 4MBI150T-060 Datasheet HTML 5Page - Fuji Electric 4MBI150T-060 Datasheet HTML 6Page - Fuji Electric 4MBI150T-060 Datasheet HTML 7Page - Fuji Electric 4MBI150T-060 Datasheet HTML 8Page - Fuji Electric 4MBI150T-060 Datasheet HTML 9Page - Fuji Electric 4MBI150T-060 Datasheet HTML 10Page - Fuji Electric 4MBI150T-060 Datasheet HTML 11Page - Fuji Electric 4MBI150T-060 Datasheet HTML 12Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
H04-004-03
14
MS5F 05550
8
Failu re Criteria
Item
C haracteristic
Sym bol
Failure criteria
Unit
Note
Lower lim it
Upper lim it
Electrical
Leakage current
ICES
-
USL× 2
m A
characteristic
±IGES
-
USL× 2
A
Gate threshold voltage
VGE(th)
LSL×0.8
USL×1.2
m A
Saturation voltage
VCE(sat)
-
USL×1.2
V
Forward voltage
VF
-
USL×1.2
V
Therm al
IGBT
VGE
-
USL×1.2
m V
resistance
or
VC E
FW D
VF
-
USL×1.2
m V
Isolation voltage
Viso
Broken insulation
-
Visual
Visual inspection
inspection
Peeling
-
The visual sam ple
-
Plating
and the others
LSL : Low er specified lim it.
USL : Upper specified lim it.
Note : Each param eter m easurem ent read-outs shall be m ade after stabilizing the com ponents at room
am bient for 2 hours m inim um , 24 hours m axim um after rem oval from the tests. And in case of the
wetting tests, for exam ple, m oisture resistance tests, each com ponent shall be m ade w ipe or dry
com pletely before the m easurem ent.
Each param eter m easurem ent read-outs shall be m ade after stabilizing the com ponents at room
am bient for 2 hours m inim um , 24 hours m axim um after rem oval from the tests. And in case of the
wetting tests, for exam ple, m oisture resistance tests, each com ponent shall be m ade w ipe or dry
com pletely before the m easurem ent.
Reliability Test Items
Test
cate-
gories
Test items
Test methods and conditions
Reference
norms
EIAJ ED-4701
(Aug.-2001 edition)
Number
of
sample
Accept-
ance
number
1 High temperature
Test Method 101
5
( 0 : 1 )
Reverse Bias
Test temp.
: Ta = 125±5 ℃
(Tj ≦ 150 ℃)
Bias Voltage
: VC = 0.8×VCES
Bias Method
: Applied DC voltage to C-E
VGE = 0V
Test duration
: 1000hr.
2 High temperature
Test Method 101
5
( 0 : 1 )
Bias (for gate)
Test temp.
: Ta = 125±5 ℃
(Tj ≦ 150 ℃)
Bias Voltage
: VC = VGE = +20V or -20V
Bias Method
: Applied DC voltage to G-E
VCE = 0V
Test duration
: 1000hr.
3 Temperature
Test Method 102
5
( 0 : 1 )
Humidity Bias
Test temp.
: 85±2 oC
Condition code C
Relative humidity
: 85±5%
Bias Voltage
: VC = 0.8×VCES
Bias Method
: Applied DC voltage to C-E
VGE = 0V
Test duration
: 1000hr.
4 Intermitted
ON time
: 2 sec.
Test Method 106
5
( 0 : 1 )
Operating Life
OFF time
: 18 sec.
(Power cycle)
Test temp.
:
Tj=100±5 deg
( for IGBT )
Tj ≦ 150 ℃, Ta=25±5 ℃
Number of cycles
: 15000 cycles


Similar Part No. - 4MBI150T-060

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
4MBI100T-060 FUJI-4MBI100T-060 Datasheet
520Kb / 14P
   4MBI100T-060
More results

Similar Description - 4MBI150T-060

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FS10R06VL4B2 EUPEC-FS10R06VL4B2 Datasheet
634Kb / 7P
   IGBT-Module IGBT-modules
FS10R12VT3 EUPEC-FS10R12VT3 Datasheet
653Kb / 8P
   IGBT-Module IGBT-modules
FS10R12YT3 EUPEC-FS10R12YT3 Datasheet
706Kb / 7P
   IGBT-Module IGBT-modules
FZ400R12KS4 EUPEC-FZ400R12KS4 Datasheet
287Kb / 8P
   IGBT-Module / IGBT-inverter
logo
Fuji Electric
1MBI400F-060 FUJI-1MBI400F-060 Datasheet
140Kb / 5P
   IGBT MODULE
1MBI600PX-120-01 FUJI-1MBI600PX-120-01 Datasheet
313Kb / 8P
   IGBT Module
2MBI200LB-060 FUJI-2MBI200LB-060 Datasheet
144Kb / 5P
   IGBT MODULE
6MBI150FB-060 FUJI-6MBI150FB-060 Datasheet
151Kb / 5P
   IGBT MODULE
logo
SanRex Corporation
GAE75AA120 SANREX-GAE75AA120 Datasheet
505Kb / 3P
   IGBT MODULE
logo
List of Unclassifed Man...
FD800R33KF2 ETC1-FD800R33KF2 Datasheet
123Kb / 9P
   IGBT-Module
logo
Fuji Electric
6MBI100FA-060 FUJI-6MBI100FA-060 Datasheet
182Kb / 4P
   IGBT MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com