Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVQ373T Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74LVQ373T
Description  OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVQ373T Datasheet(HTML) 1 Page - STMicroelectronics

  74LVQ373T Datasheet HTML 1Page - STMicroelectronics 74LVQ373T Datasheet HTML 2Page - STMicroelectronics 74LVQ373T Datasheet HTML 3Page - STMicroelectronics 74LVQ373T Datasheet HTML 4Page - STMicroelectronics 74LVQ373T Datasheet HTML 5Page - STMicroelectronics 74LVQ373T Datasheet HTML 6Page - STMicroelectronics 74LVQ373T Datasheet HTML 7Page - STMicroelectronics 74LVQ373T Datasheet HTML 8Page - STMicroelectronics 74LVQ373T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
74LVQ373
OCTAL D-TYPE LATCH
WITH 3 STATE OUTPUTS NON INVERTING
®
February 1999
s
HIGH SPEED: tPD = 6 ns (TYP.) at VCC = 3.3V
s
COMPATIBLE WITH TTL OUTPUTS
s
LOW POWER DISSIPATION:
ICC =4
µA (MAX.) at TA =25 oC
s
LOW NOISE: VOLP = 0.4V (TYP.) at VCC = 3.3V
s
75
Ω TRANSMISSION LINE OUTPUT DRIVE
CAPABILITY
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|=IOL = 12 mA (MIN)
s
PCI BUS LEVELS GUARANTEED AT 24mA
s
BALANCED PROPAGATION DELAYS:
tPLH
≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 3.6V (1.2VData Retention)
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 373
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The LVQ373 is a low voltage CMOS OCTAL
D-TYPE LATCH with 3 STATE OUTPUTS NON
INVERTING fabricated with sub-micron silicon
gate and double-layer metal wiring C
2MOS
technology. It is ideal for low power and low noise
3.3V applications.
These 8 bit D-Type latchs are controlled by a
latch enable input (LE) and an output enable
input (OE).
While the LE input is held at a high level, the Q
outputs will follow the data input precisely.
When the LE is taken low, the Q outputs will be
latched precisely at the logic level of D input data.
While the (OE) input is low, the 8 outputs will be
in a normal logic state (high or low logic level)
and while high level the outputs will be in a high
impedance state.
It has better speed performance at 3.3V than 5V
LS-TTL family combined with the true CMOS low
power consuption.
All inputs
and
outputs are
equipped with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES :
74LVQ373M
74LVQ373T
M
(Micro Package)
T
(TSSOP Package)
1/10


Similar Part No. - 74LVQ373T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVQ373TTR STMICROELECTRONICS-74LVQ373TTR Datasheet
289Kb / 13P
   LOW VOLTAGE CMOS OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
More results

Similar Description - 74LVQ373T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVQ573 STMICROELECTRONICS-74LVQ573 Datasheet
75Kb / 10P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
February 1999
74VHCT373A STMICROELECTRONICS-74VHCT373A_04 Datasheet
279Kb / 13P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
74VHC373 STMICROELECTRONICS-74VHC373_04 Datasheet
306Kb / 14P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
74VHC373 STMICROELECTRONICS-74VHC373 Datasheet
75Kb / 10P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
74VHCT373A STMICROELECTRONICS-74VHCT373A Datasheet
73Kb / 10P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
74AC373 STMICROELECTRONICS-74AC373 Datasheet
241Kb / 11P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
M74HC573 STMICROELECTRONICS-M74HC573 Datasheet
241Kb / 12P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
M74HCT573 STMICROELECTRONICS-M74HCT573 Datasheet
228Kb / 11P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
74AC573 STMICROELECTRONICS-74AC573 Datasheet
248Kb / 11P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
74VHC573 STMICROELECTRONICS-74VHC573 Datasheet
289Kb / 14P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com