Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISD1620BPY Datasheet(PDF) 9 Page - Winbond

Part # ISD1620BPY
Description  Single-Message Single-Chip 6.6- to 40-Second Voice Record & Playback Devices with vAlert Option
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD1620BPY Datasheet(HTML) 9 Page - Winbond

Back Button ISD1620BPY Datasheet HTML 5Page - Winbond ISD1620BPY Datasheet HTML 6Page - Winbond ISD1620BPY Datasheet HTML 7Page - Winbond ISD1620BPY Datasheet HTML 8Page - Winbond ISD1620BPY Datasheet HTML 9Page - Winbond ISD1620BPY Datasheet HTML 10Page - Winbond ISD1620BPY Datasheet HTML 11Page - Winbond ISD1620BPY Datasheet HTML 12Page - Winbond ISD1620BPY Datasheet HTML 13Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
ISD1600B SERIES
Publication Release Date: Jan. 23, 2007
- 9 -
Revision 1.2
6. FUNCTIONAL DESCRIPTION
6.1. DETAILED DESCRIPTION
6.1.1 Audio Quality
Winbond’s patented ChipCorder
® MLS technology provides natural high quality record and
playback solution on a single chip. The input audio signals are stored directly into the non-
volatile memory and are reproduced in its natural form without any compression artifacts
caused by the digital speech solutions. A complete sample is stored in a single cell,
minimizing the memory needed to store a single message.
6.1.2 Duration
The ISD1600B series offer single-chip solution with record & playback duration from 6.6
seconds to 40 seconds. Sampling frequency and duration are determined by an external
resistor connected to the Rosc pin.
Sampling Frequency
Rosc
ISD1610B
ISD1612B
ISD1616B
ISD1620B
12 KHz
53 k
Ω
6.6 secs
8 secs
10.6 secs
13.3 secs
8 KHz
80 k
Ω
10 secs
12 secs
16 secs
20 secs
6.4 KHz
100 k
Ω
12.5 secs
15 secs
20 secs
25 secs
5.3 KHz
120 k
Ω
15 secs
18 secs
24 secs
30 secs
4 KHz
160 k
Ω
20 secs
24 secs
32 secs
40 secs
6.1.3 Flash Storage
The ISD1600B product utilizes the on-chip Flash memory providing zero-power message
storage. The message is retained for up to 100 years without power. In addition, the device
can be re-recorded typically over 100,000 times.
6.1.4 Basic Operation
The ISD1600B ChipCorder
® device is controlled by either the REC , or one of the two
playback modes, PLAYE and PLAYL . The ISD1600B parts are configured for simple design
in single-message application. Detailed operations are explained in Section 6.2.
6.1.5 vAlert
With vAlert option, after Record, the LED blinks slowly to indicate a new message exists.
Once playback is performed, the LED will not blink again and resume to normal operating
conditions.
6.1.6 Automatic Power-Down Mode
At the end of a playback or record cycle, the ISD1600B device automatically enters into a low-
power mode, consuming typically 1µA, provided that PLAYE , PLAYL and REC are High
(see DC parameters Section). During a playback cycle, the device powers down automatically


Similar Part No. - ISD1620BPY

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD1620BSYI NUVOTON-ISD1620BSYI Datasheet
313Kb / 22P
   Single-Message Single-Chip 6.6- to 40-Second Voice Record & Playback Devices
ISD1620BXYI NUVOTON-ISD1620BXYI Datasheet
313Kb / 22P
   Single-Message Single-Chip 6.6- to 40-Second Voice Record & Playback Devices
More results

Similar Description - ISD1620BPY

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD1600B NUVOTON-ISD1600B Datasheet
313Kb / 22P
   Single-Message Single-Chip 6.6- to 40-Second Voice Record & Playback Devices
logo
Winbond
ISD1700 WINBOND-ISD1700 Datasheet
356Kb / 24P
   Multi-Message Single-Chip Voice Record & Playback Devices
logo
Nuvoton Technology Corp...
ISD1700 NUVOTON-ISD1700 Datasheet
990Kb / 23P
   Multi-Message Single-Chip Voice Record & Playback Devices
logo
Winbond
ISD1700A WINBOND-ISD1700A Datasheet
360Kb / 31P
   Multi-Message Single-Chip Voice Record&Playback Devices
ISD1810 WINBOND-ISD1810 Datasheet
278Kb / 18P
   Single-Chip, Single-Message Voice Record/Playback Device 8- to 16-Second Durations
logo
Nuvoton Technology Corp...
ISD18C00 NUVOTON-ISD18C00 Datasheet
332Kb / 23P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
Winbond
ISD1800 WINBOND-ISD1800 Datasheet
709Kb / 26P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
Nuvoton Technology Corp...
ISD1800 NUVOTON-ISD1800 Datasheet
420Kb / 27P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
ISD18B00 NUVOTON-ISD18B00 Datasheet
610Kb / 20P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
ISD14B00 NUVOTON-ISD14B00 Datasheet
993Kb / 27P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com