Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVQ74 Datasheet(PDF) 5 Page - STMicroelectronics

Part # 74LVQ74
Description  DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVQ74 Datasheet(HTML) 5 Page - STMicroelectronics

  74LVQ74 Datasheet HTML 1Page - STMicroelectronics 74LVQ74 Datasheet HTML 2Page - STMicroelectronics 74LVQ74 Datasheet HTML 3Page - STMicroelectronics 74LVQ74 Datasheet HTML 4Page - STMicroelectronics 74LVQ74 Datasheet HTML 5Page - STMicroelectronics 74LVQ74 Datasheet HTML 6Page - STMicroelectronics 74LVQ74 Datasheet HTML 7Page - STMicroelectronics 74LVQ74 Datasheet HTML 8Page - STMicroelectronics 74LVQ74 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, RL = 500
Ω, Input tr =tf =3 ns)
Symb ol
Parameter
T est Con ditio n
Valu e
Un it
VCC
(V)
TA =25
oC
-40 to 85
oC
Min.
T yp.
Max.
Mi n.
Max.
tPLH
tPHL
Propagation Delay Time
CK to Q
2.7
8.0
19.0
21.0
ns
3.3
(*)
6.5
13.0
14.0
tPLH
tPHL
Propagation Delay Time
PR or CLR to Q
2.7
7.0
16.0
19.0
ns
3.3
(*)
6.0
12.0
13.0
tw
Pulse Width CK, HIGH
or LOW
2.7
1.5
7.0
10.0
ns
3.3
(*)
1.5
5.0
7.0
tw(L)
Pulse Width PR or CLR,
LOW
2.7
1.5
7.0
10.0
ns
3.3
(*)
1.5
5.0
7.0
ts
Setup Time D to CK
HIGH or LOW
2.7
-0.2
5.0
6.0
ns
3.3
(*)
-0.2
4.0
5.0
th
Hold Time Q to CK
HIGH or LOW
2.7
0.2
2.0
2.0
ns
3.3
(*)
0.2
2.0
2.0
tREM
Recovery Time PR or
CLR to Q
2.7
-1.0
1.0
1.0
ns
3.3
(*)
-1.0
1.0
1.0
fMAX
Maximum Clock
Frequency
2.7
60
200
40
MHz
3.3
(*)
100
250
100
tOSLZ
tOSHL
Output to Output Skew
Time (note 1, 2)
2.7
0.5
1.0
1.5
ns
3.3
(*)
0.5
1.0
1.5
1) Skew is defined as the absolute value of the difference between the actual propagation delay for any twooutputs of the same device switching in the
same direction, either HIGH or LOW
2) Parameter guaranteed by design
CAPACITIVE CHARACTERISTICS
Symb ol
Parameter
Test Co nditi ons
Valu e
Un it
VCC
(V)
TA =25
oC
-40 to 85
oC
Min.
T yp.
Max.
Mi n.
Max.
CIN
Input Capacitance
3.3
4
pF
CPD
Power Dissipation
Capacitance (note 1)
3.3
fIN = 10 MHz
33
pF
1) CPD isdefined as the value of the IC’sinternal equivalent capacitance which is calculated fromthe operating current consumption without load. (Referto
Test Circuit).Average operting current can be obtained by the following equation. ICC(opr) = CPD
• VCC • fIN +ICC/n(per circuit)
74LVQ74
5/10


Similar Part No. - 74LVQ74

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVQ74 FAIRCHILD-74LVQ74 Datasheet
86Kb / 6P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
74LVQ74 FAIRCHILD-74LVQ74 Datasheet
78Kb / 6P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
logo
STMicroelectronics
74LVQ74 STMICROELECTRONICS-74LVQ74 Datasheet
438Kb / 13P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
74LVQ74MTR STMICROELECTRONICS-74LVQ74MTR Datasheet
438Kb / 13P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
Fairchild Semiconductor
74LVQ74SC FAIRCHILD-74LVQ74SC Datasheet
86Kb / 6P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
More results

Similar Description - 74LVQ74

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HCT74AP TOSHIBA-TC74HCT74AP Datasheet
242Kb / 6P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A Datasheet
73Kb / 10P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
Toshiba Semiconductor
TC74VHCT74AF TOSHIBA-TC74VHCT74AF Datasheet
221Kb / 6P
   DUAL D-TYPE FLIP-FLOP WITH PRESET AND CLEAR
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A_04 Datasheet
423Kb / 14P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
Fairchild Semiconductor
74VHCT74A FAIRCHILD-74VHCT74A_99 Datasheet
82Kb / 6P
   Dual D-Type Flip-Flop with Preset and Clear
74VHC74 FAIRCHILD-74VHC74 Datasheet
104Kb / 8P
   Dual D-Type Flip-Flop with Preset and Clear
MM74HCT74 FAIRCHILD-MM74HCT74 Datasheet
85Kb / 7P
   Dual D-Type Flip-Flop with Preset and Clear
logo
STMicroelectronics
M54HC74 STMICROELECTRONICS-M54HC74 Datasheet
250Kb / 11P
   DUAL D TYPE FLIP FLOP WITH PRESET AND CLEAR
74AC74 STMICROELECTRONICS-74AC74 Datasheet
97Kb / 11P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
April 1997
M54HCT74 STMICROELECTRONICS-M54HCT74 Datasheet
249Kb / 11P
   DUAL D TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
Toshiba Semiconductor
TC74VHC74F TOSHIBA-TC74VHC74F_12 Datasheet
220Kb / 9P
   Dual D-Type Flip-Flop with Preset and Clear
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com