Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z1SMA43 Datasheet(PDF) 1 Page - Semikron International

Part # Z1SMA43
Description  Surface mount diode Zener silicon diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

Z1SMA43 Datasheet(HTML) 1 Page - Semikron International

  Z1SMA43 Datasheet HTML 1Page - Semikron International Z1SMA43 Datasheet HTML 2Page - Semikron International Z1SMA43 Datasheet HTML 3Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Surface mount diode
Zener silicon diodes
Z1 SMA 1 ... Z1 SMA 100 (1W)
Maximum Power
Dissipation: 1 W
Nominal Z-voltage: 1 to 100 V
Features
Mechanical Data
1)
Absolute Maximum Ratings
Symbol
Conditions
Values
Units
Z1 SMA 1 ... Z1 SMA 100 (1W)
1
13-07-2007 MAM
© by SEMIKRON


Similar Part No. - Z1SMA43

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
Z1SMA43 DIOTEC-Z1SMA43 Datasheet
215Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
Z1SMA43 DIOTEC-Z1SMA43 Datasheet
94Kb / 2P
   Surface mount Silicon-Zener Diodes
logo
TAITRON Components Inco...
Z1SMA43 TAITRON-Z1SMA43 Datasheet
329Kb / 7P
   1.0W Surface Mount Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
Z1SMA43 SEMTECH_ELEC-Z1SMA43 Datasheet
183Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
Z1SMA43 DIOTEC-Z1SMA43 Datasheet
93Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
More results

Similar Description - Z1SMA43

ManufacturerPart #DatasheetDescription
logo
Semikron International
ZMD1 SEMIKRON-ZMD1 Datasheet
49Kb / 1P
   Surface mount diode Zener silicon diodes
SMZ1 SEMIKRON-SMZ1 Datasheet
50Kb / 1P
   Surface mount diode Zener silicon diodes
Z1SMA1 SEMIKRON-Z1SMA1 Datasheet
50Kb / 1P
   Surface mount diode Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1 Datasheet
50Kb / 1P
   Surface mount diode Zener silicon diodes
ZMY1 SEMIKRON-ZMY1 Datasheet
50Kb / 1P
   Surface mount diode Zener silicon diodes
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com