Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SZ3C1 Datasheet(PDF) 3 Page - Semikron International

Part # SZ3C1
Description  Zener silicon diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SZ3C1 Datasheet(HTML) 3 Page - Semikron International

  SZ3C1 Datasheet HTML 1Page - Semikron International SZ3C1 Datasheet HTML 2Page - Semikron International SZ3C1 Datasheet HTML 3Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Surface mount diode
Zener silicon diodes
SZ3C 1 ... SZ3C 200 (3W)
Maximum Power
Dissipation: 3 W
Nominal Z-voltage: 1 to 200 V
Features
Mechanical Data
1)
SZ3C 1 ... SZ3C 200 (3W)
3
08-03-2007 MAM
© by SEMIKRON


Similar Part No. - SZ3C1

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SZ3C1 DIOTEC-SZ3C1 Datasheet
120Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
logo
Semikron International
SZ3C1 SEMIKRON-SZ3C1 Datasheet
50Kb / 1P
   Surface mount diode Zener silicon diodes
logo
Diotec Semiconductor
SZ3C1 DIOTEC-SZ3C1 Datasheet
101Kb / 2P
   Surface Mount Silicon-Zener Diodes (non-planar technology)
logo
DIOTEC Electronics Corp...
SZ3C1 DEC-SZ3C1 Datasheet
98Kb / 2P
   Surface Mount Silicon-Zener Diodes (non-planar technology)
logo
Diotec Semiconductor
SZ3C1 DIOTEC-SZ3C1 Datasheet
141Kb / 2P
   SMD Zener Diodes
More results

Similar Description - SZ3C1

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
   SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
   SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
   SILICON ZENER DIODES
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
   Zener silicon diodes
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
   SILICON ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com