Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5924CEUB Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX5924CEUB
Description  1V to 13.2V, n-Channel Hot-Swap Controllers Require No Sense Resistor
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5924CEUB Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX5924CEUB Datasheet HTML 3Page - Maxim Integrated Products MAX5924CEUB Datasheet HTML 4Page - Maxim Integrated Products MAX5924CEUB Datasheet HTML 5Page - Maxim Integrated Products MAX5924CEUB Datasheet HTML 6Page - Maxim Integrated Products MAX5924CEUB Datasheet HTML 7Page - Maxim Integrated Products MAX5924CEUB Datasheet HTML 8Page - Maxim Integrated Products MAX5924CEUB Datasheet HTML 9Page - Maxim Integrated Products MAX5924CEUB Datasheet HTML 10Page - Maxim Integrated Products MAX5924CEUB Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
1V to 13.2V, n-Channel Hot-Swap Controllers
Require No Sense Resistor
_______________________________________________________________________________________
7
OVERCURRENT FAULT AND
AUTORETRY DELAY
MAX5924 toc16
OUT
SC_DET
EN1
5V/div
200mV/div
5V/div
400ms/div
0V
0V
0V
GATE
5V/div
0V
UVLO DELAY AND LOAD PROBING
MAX5924 toc17
OUT
SC_DET
EN1
5V/div
100mV/div
5V/div
40ms/div
0V
0V
0V
tLP
tD,UVLO
UVLO RESPONSE
MAX5924 toc18
VCC
GATE
2V/div
1V/div
200
µs/div
0V
0V
>tDG
UVLO DEGLITCH RESPONSE
MAX5924 toc19
VCC
GATE
2V/div
1V/div
200
µs/div
0V
0V
<tDG
Typical Operating Characteristics (continued)
(VCC = 5V, CL = 1µF, CSLEW = 330nF, CGATE = 10nF, RL = 500
Ω, Figure 1, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX5924CEUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5924CEUB MAXIM-MAX5924CEUB Datasheet
988Kb / 20P
   1V to 13.2V, n-Channel Hot-Swap Controllers Require No Sense Resistor
Rev 0; 10/04
MAX5924CEUB MAXIM-MAX5924CEUB Datasheet
339Kb / 21P
   1V to 13.2V, n-Channel Hot-Swap Controllers Require No Sense Resistor
19-3443; Rev 3; 4/10
MAX5924CEUB MAXIM-MAX5924CEUB Datasheet
1Mb / 22P
   1V to 13.2V, n-Channel Hot-Swap Controllers Require No Sense Resistor
2016
More results

Similar Description - MAX5924CEUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5924 MAXIM-MAX5924_10 Datasheet
339Kb / 21P
   1V to 13.2V, n-Channel Hot-Swap Controllers Require No Sense Resistor
19-3443; Rev 3; 4/10
MAX5924 MAXIM-MAX5924 Datasheet
988Kb / 20P
   1V to 13.2V, n-Channel Hot-Swap Controllers Require No Sense Resistor
Rev 0; 10/04
MAX5924 MAXIM-MAX5924_V01 Datasheet
1Mb / 22P
   1V to 13.2V, n-Channel Hot-Swap Controllers Require No Sense Resistor
2016
MAX5977A_1107 MAXIM-MAX5977A_1107 Datasheet
1Mb / 13P
   1V to 16V, Single-Channel, Hot-Swap Controllers 1V to 16V, Single-Channel, Hot-Swap Controllers
Rev 2; 7/11
MAX5977A MAXIM-MAX5977A Datasheet
1Mb / 13P
   1V to 16V, Single-Channel, Hot-Swap Controllers with Precision Current-Sensing Output
Rev 1; 1/11
logo
Micrel Semiconductor
MIC2085 MICREL-MIC2085 Datasheet
1,014Kb / 29P
   Single Channel Hot Swap Controllers
MIC2582 MICREL-MIC2582 Datasheet
190Kb / 22P
   Single Channel Hot Swap Controllers
logo
Microchip Technology
MIC2582 MICROCHIP-MIC2582 Datasheet
2Mb / 32P
   Single-Channel Hot Swap Controllers
02/28/20
logo
Micrel Semiconductor
MIC2582 MICREL-MIC2582_14 Datasheet
1Mb / 27P
   Single-Channel Hot Swap Controllers
MIC2582 MICREL-MIC2582_09 Datasheet
831Kb / 25P
   Single Channel Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com