Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLS4D28NP-1R1NB Datasheet(PDF) 2 Page - Sumida Corporation

Part # CLS4D28NP-1R1NB
Description  Power Inductor & 2 in 1 Transformer < CLS Series>
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CLS4D28NP-1R1NB Datasheet(HTML) 2 Page - Sumida Corporation

  CLS4D28NP-1R1NB Datasheet HTML 1Page - Sumida Corporation CLS4D28NP-1R1NB Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Power Inductor & 2 in 1 Transformer < CLS Series>
Type: CLS4D28
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
Specification
Saturation Current(A)
(at 20℃)※1
Temperature
Rise current
(A) ※2
(1,4-2,3)
(2-3) (1,4 Short)
Part No.
Stamp
Inductance
Within]
at20℃ at100℃
at20℃
at100℃
(1,4-2,3)
(2-3)
(1,4 Short)
CLS4D28NP-1R1N□
A
1.1μH±30%
2.50
1.80
1.25
0.90
3.30
1.80
CLS4D28NP -1R5N□
B
1.5µH±30%
2.10
1.50
1.05
0.80
2.80
1.50
CLS4D28NP -2R2N□
C
2.2µH±30%
1.80
1.35
0.90
0.70
2.40
1.20
CLS4D28NP -3R5N□
D
3.5µH±30%
1.40
1.10
0.70
0.54
2.10
1.00
CLS4D28NP -5R2N□
E
5.2µH±30%
1.20
0.90
0.60
0.45
1.80
0.88
CLS4D28NP -6R8N□
F
6.8µH±30%
1.00
0.80
0.50
0.40
1.50
0.72
CLS4D28NP -100N□
G
10µH±30%
0.85
0.60
0.42
0.32
1.30
0.63
CLS4D28NP -150N□
H
15µH±30%
0.65
0.50
0.34
0.25
1.10
0.52
CLS4D28NP -220N□
J
22µH±30%
0.55
0.42
0.28
0.20
0.95
0.43
CLS4D28NP -330N□
K
33µH±30%
0.45
0.32
0.22
0.16
0.80
0.36
CLS4D28NP -470N□
L
47µH±30%
0.40
0.28
0.18
0.14
0.75
0.32
Description Of Part Name
CLS4D28NP -1R1N□
1. Saturation Current: The DC current at which the inductance decreases to 90% of it’s nominal value.
2
.Temperature rise current: The DC current at which the temperature rise is △t=40℃.(Ta=20℃).
B Box
C Carrier Tape


Similar Part No. - CLS4D28NP-1R1NB

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CLS4D28B SUMIDA-CLS4D28B Datasheet
304Kb / 3P
   2 in 1 Inductor & 3 in 1 Inductor
CLS4D28B SUMIDA-CLS4D28B Datasheet
116Kb / 4P
   Power Inductor & 2 in 1 Transformer
CLS4D28B SUMIDA-CLS4D28B Datasheet
8Mb / 156P
   GENERAL PRODUCTS CATALOG
2011.09
CLS4D28B-100NB SUMIDA-CLS4D28B-100NB Datasheet
116Kb / 4P
   Power Inductor & 2 in 1 Transformer
CLS4D28B-100NC SUMIDA-CLS4D28B-100NC Datasheet
116Kb / 4P
   Power Inductor & 2 in 1 Transformer
More results

Similar Description - CLS4D28NP-1R1NB

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CLS8D28 SUMIDA-CLS8D28_1 Datasheet
42Kb / 2P
   Power Inductor & 2 in 1 Transformer < CLS Series>
CLS6D28 SUMIDA-CLS6D28_1 Datasheet
142Kb / 1P
   2 in 1 Power Transformer < SMD Type: CLS Series>
CLS62 SUMIDA-CLS62 Datasheet
125Kb / 1P
   2 in 1 Power Transformer < SMD Type: CLS Series>
CLS8D28 SUMIDA-CLS8D28 Datasheet
140Kb / 1P
   2 in 1 Power Transformer < SMD Type: CLS Series>
CLS4D09 SUMIDA-CLS4D09_10 Datasheet
123Kb / 2P
   Power Inductor& 2 in 1 Transformer
CLS4D23B SUMIDA-CLS4D23B Datasheet
202Kb / 4P
   Power Inductor & 2 in 1 Transformer
CLS4D14 SUMIDA-CLS4D14_07 Datasheet
46Kb / 2P
   Power Inductor & 2 in 1 Transformer
CLS4D11 SUMIDA-CLS4D11_07 Datasheet
42Kb / 2P
   Power Inductor & 2 in 1 Transformer
CLS4D09 SUMIDA-CLS4D09_07 Datasheet
39Kb / 2P
   Power Inductor& 2 in 1 Transformer
CLS4D18 SUMIDA-CLS4D18 Datasheet
40Kb / 2P
   Power Inductor & 2 in 1 Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com